Part Number Hot Search : 
STM32F PU160 AAT3783 ES3BB IRF9Z30 CXD2443Q SBMJ160 P504A
Product Description
Full Text Search
 

To Download WJ1142CS59VDC50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ114
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Switching capacity 16A * Small size suitable for high density mounting * PC board mounting * UL/CUL certified
E197852 29.0 x 12.6 x 20.6 mm
CONTACT DATA
Contact Arrangement 1A = SPST N.O. 1C = SPDT 2A = DPST N.O. 2C = DPDT 1A & 1C: 10A @ 250VAC 1A & 1C: 16A @ 250VAC 2A & 2C: 5A @ 220VAC 1hp, 250VAC; 1/2hp, 125VAC; TV-5, 120VAC < 50 milliohms initial AgCdO 480W, 4000VA 380VAC, 110VDC 16A
Contact Rating
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
.53W .80W 3 3.9 17 11 2.25 0.3 5 6.5 47 31 3.75 0.5 6 7.8 68 45 4.50 0.6 .53 10 9 11.7 153 101 6.75 0.9 .80 12 15.6 272 180 9.00 1.2 15 23.4 425 319 11.30 1.5 24 31.2 1087 720 18.00 2.4 CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Rated Max.
5
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 5000V rms min. @ sea level 2000V rms min. @ sea level 500m/s2 for 11ms 1.50mm double amplitude 10-40Hz -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 20g
WJ114
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ114 WJ114 2.Contact Arrangement: 1A = SPST N.O. 1C = SPDT 2A = DPST N.O. 2C = DPDT 3. Sealing Options: S = Sealed 4. Contact Rating: 5 = 5A (2A & 2C contact arrangement only) 10 = 10A (1A & 1C contact arrangement only) 16 = 16A (1A & 1C contact arrangement only) 5. Coil Voltage: 3VDC **Only available with 1 Pole Versions 5VDC **Only available with 1 Pole Versions 6VDC 9VDC 12VDC 15VDC 24VDC 6. Terminal Spacing (L Dimension): 3.5 = 3.5mm 5.0 = 5.0mm 7. Coil Power: .53 = .53W .80 = .80W
1C
S
16
12VDC
3.5
.80
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A (10A)
1C (10A)
1A (16A)
1C (16A)
2A
2C


▲Up To Search▲   

 
Price & Availability of WJ1142CS59VDC50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X