Part Number Hot Search : 
VDXXXX AD737AQ 4045CT SI6923 SB150 1550A 10700464 MTJ88SX1
Product Description
Full Text Search
 

To Download WJ1121AS9VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ112
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Low power consumption: .12W * Ultra light weight * Narrow width ideal for high density mounting * UL/CUL certified
E197851 20.2 x 5.3 x 12.8 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 5A @ 250VAC Resistive, 20K cycles 5A @ 30VDC Resistive, 20K cycles < 50 milliohms initial AgSnO2 150W, 1250VA 250VAC, 110VDC 5A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
5 6 9 12 18 24
6.5 7.8 11.7 15.6 23.4 31.2
208 300 675 1200 2700 3200
3.75 4.50 6.75 9.00 13.5 18.00
0.5 0.6 0.9 1.2 1.8 2.4
.12
10
5
.18
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 2000V rms min. @ sea level 1000V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 5N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 3g
WJ112
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ112 WJ112K 2.Contact Arrangement: 1A = SPST N.O. 3. Sealing Options: S = Sealed 4. Coil Voltage: 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC
WJ112
1A
S
12VDC
DIMENSIONS (Units = mm)
WJ112
WJ112K
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
WJ112
1A WJ112K
1A


▲Up To Search▲   

 
Price & Availability of WJ1121AS9VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X