Part Number Hot Search : 
ICL323 6DQ6B 75N60 1N2228 5HF12 LTC1701 M19264 IP117AR
Product Description
Full Text Search
 

To Download WJ1061C9VDC45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ106
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * UL B class rated standard * Small size and light weight * Capable of handling 1000W lamp loads * Designed to withstand high inrush loads (100A)
E197851 20.8 x 15.8 x 20.3 mm
CONTACT DATA
Contact Arrangement Contact Rating 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 20A @ 125VAC 16A @ 277VAC TV-8, 125VAC 1hp @ 125/250 NO; 1/2hp @ 125/250 NC < 50 milliohms initial AgSnO2In2O3 420W, 4500VA 380VAC, 110VDC 20A
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
3 6 9 12 24 48
3.9 7.8 11.7 15.6 31.2 62.4
.36W 25 100 225 400 1600 6400
.45W 20 80 180 320 1280 5120
2.25 4.50 6.75 9.00 18.00 36.00
0.3 0.6 0.9 1.2 2.4 4.8
.36 .45
10
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 4000V rms min. @ sea level 1000V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 10N -40 C to + 85 C -40 C to + 105 C 230 C 2 C for 10 0.5s 10g
WJ106
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ106 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Coil Voltage: 3VDC 6VDC 9VDC 12VDC 24VDC 48VDC 4. Coil Power: .36 = .36W .45 = .45W
WJ106
1C
12VDC
.36
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
1B
1C


▲Up To Search▲   

 
Price & Availability of WJ1061C9VDC45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X