Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download WJ105E1C9VDC45 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ105E
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Switching capacity up to 10A * Small size and light weight * Low coil power consumption * High contact load
E197852 20.1 x 9.9 x 15.3 mm
CONTACT DATA
Contact Arrangement Contact Rating 1A = SPST N.O 1C = SPDT 4.2A @ 277VAC; 5A @ 250VAC 10A @ 125VAC Resistive 1/4 hp, 120/250/277VAC TV-5, 120VAC; Pilot Duty: C150 < 50 milliohms initial AgSnO2 150W, 1250VA 300VAC, 60VDC 10A
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Max. .20W .45W 3 3.9 45 20 2.25 0.3 5 6.5 125 55 3.75 0.5 6 7.8 180 80 4.50 0.6 .20 10 10 9 11.7 400 180 6.75 0.9 .45 12 15.6 720 320 9.00 1.2 18 22.8 1620 720 13.50 1.8 24 31.2 2800 1280 18.00 2.4 48 62.4 11520 5120 36.00 4.8 CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria. Rated
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 4000V rms min. @ sea level 1000V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 10N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 7g
WJ105E
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ105E WJ105E 2. Contact Arrangement: 1A = SPST N.O. 1C = SPDT 3. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC 4. Coil Power: .20 = .20W (only available with 1A contacts) .45 = .45W
1A
12VDC
.20
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A
1C


▲Up To Search▲   

 
Price & Availability of WJ105E1C9VDC45

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X