Part Number Hot Search : 
KAQV212S 68HC1 CM800 ETCA29 TEGRA DS2415 412D24MA IMH5A
Product Description
Full Text Search
 

To Download WJ102K1C59VDC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ102
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * High sensitivity * Super light weight * Low coil power consumption * PC board mounting * Ideal for high density mounting
E197851 15.5 x 10.5 x 11.5 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1A & 3A @ 125VAC, 30VDC 5A @ 125VAC, 30VDC 270VA, 120VAC < 50 milliohms initial AgNi + Au 150W 300VAC, 150VDC 5A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
3 5 6 9 12 24
3.9 6.5 7.8 11.7 15.6 31.2
.20W 45 125 180 405 720 2880
.36W 25 75 100 225 400 1600
.45W 20 56 80 180 320 1280
2.25 3.75 4.50 6.75 9.00 18.00
0.3 0.5 0.6 0.9 1.2 2.4
.20 .36 .45
5
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 1250V rms min. @ sea level 500V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz 5N -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 3.5g
WJ102
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ102 (6 pin configuration) STD WJ102K (5 pin configuration) 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Sealing Options: S = Sealed 4: Contact Options: 1 = 1 Amp (Requires .2, .36, or .45 Watt coil) 3 = 3 Amp (Requires .2, .36, or .45 Watt coil) 5 = 5 Amp (Requires .45 Watt coil) 5. Coil Voltage: 3VDC 5VDC 6VDC 9VDC 12VDC 24VDC 6. Coil Power: .20 = .20W .36 = .36W .45 = .45W
WJ102
1C
S
3
12VDC
.45
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
WJ102
1A WJ102K
1B
1C
1A
1B
1C


▲Up To Search▲   

 
Price & Availability of WJ102K1C59VDC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X