Part Number Hot Search : 
MT1210 AT17F16 NCP699S 2N427 CT245 AD724 NM60N BCD07
Product Description
Full Text Search
 

To Download WJ1011AS5VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WJ101
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Switching capacity up to 5A * Narrow width for high density mounting * High dielectric strength in small package * Low power consumptions
E197851 17.5 x 6.7 x 12.5 mm
CONTACT DATA
Contact Arrangement Contact Rating Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current 1A = SPST N.O. 5A @ 250VAC & 30VDC < 50 milliohms initial AgSnO2 150W, 1250VA 300VAC, 110VDC 5A
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
5 12 24
6.5 15.6 31.2
125 720 2880
3.75 9.00 18.00
0.5 1.2 2.4
.20
10
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 3000V rms min. @ sea level 750V rms min. @ sea level 100m/s2 for 11ms 1.50mm double amplitude 10-40Hz -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 3g
WJ101
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: WJ101 2.Contact Arrangement: 1A = SPST N.O. 3. Sealing Options: S = Sealed 4. Coil Voltage: 5VDC 12VDC 24VDC
WJ101
1A
S
12VDC
DIMENSIONS (Units = mm)
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
1A


▲Up To Search▲   

 
Price & Availability of WJ1011AS5VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X