|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
White Electronic Designs 256MB - 2x16Mx64 SDRAM UNBUFFERED FEATURES PC100 and PC133 compatible Burst Mode Operation Auto and Self Refresh capability LVTTL compatible inputs and outputs Serial Presence Detect with EEPROM Fully synchronous: All signals are registered on the positive edge of the system clock Programmable Burst Lengths: 1, 2, 4, 8 or Full Page 3.3V 0.3V Power Supply 168 pin DIMM JEDEC W3DG6434V-D2 DESCRIPTION The W3DG6434V is a 2x16Mx64 synchronous DRAM module which consists of sixteen 16Mx8 SDR AM components in TSOP II package and one 2K EEPROM in an 8 pin TSSOP package for Serial Presence Detect which are mounted on a 168 pin DIMM multilayer FR4 Substrate. * This product is subject to change without notice. NOTE: Consult factory for availability of: * Lead-Free or RoHS Products * Vendor source control options * Industrial temperature option PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE) PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 FRONT VSS DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 DQ8 VSS DQ9 DQ10 DQ11 DQ12 DQ13 VCC DQ14 DQ15 *CB0 *CB1 VSS NC NC VCC WE# DQM0 PIN 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 FRONT DQM1 CS0# DNU VSS A0 A2 A4 A6 A8 A10/AP BA1 VCC VCC CK0 VSS DNU CS2# DQM2 DQM3 DNU VCC NC NC *CB2 *CB3 VSS DQ16 DQ17 PIN 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 FRONT DQ18 DQ19 VCC DQ20 NC *VREF CKE1 VSS DQ21 DQ22 DQ23 VSS DQ24 DQ25 DQ26 DQ27 VCC DQ28 DQ29 DQ30 DQ31 VSS CK2 NC WP*** **SDA **SCL VCC PIN 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 BACK VSS DQ32 DQ33 DQ34 DQ35 VCC DQ36 DQ37 DQ38 DQ39 DQ40 VSS DQ41 DQ42 DQ43 DQ44 DQ45 VCC DQ46 DQ47 *CB4 *CB5 VSS NC NC VCC CAS# DQM4 PIN 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 BACK DQM5 CS1# RAS# VSS A1 A3 A5 A7 A9 BA0 A11 VCC CK1 *A12 VSS CKE0 CS3# DQM6 DQM7 *A13 VCC NC NC *CB6 *CB7 VSS DQ48 DQ49 PIN 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 BACK DQ50 DQ51 VCC DQ52 NC *VREF DNU VSS DQ53 DQ54 DQ55 VSS DQ56 DQ57 DQ58 DQ59 VCC DQ60 DQ61 DQ62 DQ63 VSS CK3 NC **SA0 **SA1 **SA2 VCC A0 - A11 BA0-1 DQ0-63 CK0-CK3 CKE0,CKE1 CS0#-CS3# RAS# CAS# WE# DQM0-7# VCC VSS SDA SCL DNU NC WP PIN NAMES Address input (Multiplexed) Select Bank Data Input/Output Clock input Clock Enable input Chip select Input Row Address Strobe Column Address Strobe Write Enable DQM Power Supply (3.3V) Ground Serial data I/O Serial clock Do not use No Connect Write Protect * These pins are not used in this module. ** These pins should be NC in the system which does not support SPD. *** WP available on the W3DG6334V-D2. July 2004 Rev 1 1 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs FUNCTIONAL BLOCK DIAGRAM W3DG6434V-D2 CS1# CSO# DQM0 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM1 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 CS3# CS2# DQM2 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQM3 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM4 CS# DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DQM5 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# CS# CS# DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 cs# CS# DQM6 CS# DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 DQ54 DQ55 DQM7 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# CS# DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# DQM DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 CS# SCL A0 A1 A2 SDA WP A0 ~ A12, BA0 & 1 RAS# CAS# WE# CKE0 10 DQn VCC SDRAM SDRAM SDRAM SDRAM SDRAM CKE1 VCC SA0 SA1 SA2 10K SDRAM Every DQpin of SDRAM Two 0.1uF Capacitors per each SDRAM VSS To all SDRAMs July 2004 Rev 1 2 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs ABSOLUTE MAXIMUM RATINGS Parameter Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Current Symbol VIN, VOUT VCC, VCCQ TSTG PD IOS Value W3DG6434V-D2 Units V V C W mA -1.0 ~ 4.6 -1.0 ~ 4.6 -55 ~ +150 16 50 Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to recommended operating condition. Exposure to higher than recommended voltage for extended periods of time could affect device reliability. RECOMMENDED DC OPERATING CONDITIONS Voltage Referenced to: VSS = 0V, 0C TA +70C Parameter Supply Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Input Leakage Current Symbol VCC VIH VIL VOH VOL ILI Min 3.0 2.0 -0.3 2.4 -- -10 Typ 3.3 3.0 -- -- -- -- Max 3.6 VCCQ+0.3 0.8 -- 0.4 10 Unit V V V V V A 1 2 IOH= -2mA IOL= -2mA 3 Note Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is 3ns. 2. VIL (min)= -2.0V AC. The undershoot voltage duration is 3ns. 3. Any input 0V VIN VCC Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs. CAPACITANCE TA = 25C, f = 1MHz, VCC = 3.3V, VREF=1.4V 200mV Parameter Input Capacitance (A0-A12) Input Capacitance (RAS#,CAS#,WE#) Input Capacitance (CKE0-CKE1) Input Capacitance (CLK0-CLK3) Input Capacitance (CS0#-CS3#) Input Capacitance (DQM0-DQM7) Input Capacitance (BA0-BA1) Data input/output capacitance (DQ0-DQ63) Symbol CIN1 CIN2 CIN3 CIN4 CIN5 CIN6 CIN7 COUT Max 65 65 35 16 20 11 65 15 Unit pF pF pF pF pF pF pF pF July 2004 Rev 1 3 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs OPERATING CURRENT CHARACTERISTICS VCC = 3.3V, 0C TA 70C Parameters Symbol Conditions W3DG6434V-D2 Versions Units 133 100 1440 mA 1 Note Operating Current (One bank active) Precharge Standby Current in Power Down Mode Precharge Standby Current in Non-Power Down Mode ICC1 Burst Length = 1 tRC tRC(min) IOL = 0mA CKE VIL(max), tCC = 10ns CKE & CK VIL(max), tCC = CKE VIH(min), CS VIH(min), tCC =10ns Input signals are charged one time during 20 CKE VIH(min), CK VIL(max), tCC= Input signals are stable CKE VIL(max), tCC = 10ns CKE & CK VIL(max), tCC = CKE VIH(min), CS VIH(min), tCC = 10ns Input signals are charged one time during 20ns CKE VIH(min), CK VIL(max), tCC = input signals are stable Io = mA Page burst 4 Banks activated tCCD = 2CK tRC tRC(min) CKE 0.2V 1440 ICC2P ICC2PS ICC2N ICC2NS 32 32 320 160 80 80 480 mA mA mA mA mA Active standby current in powerdown mode Active standby in current non power-down mode ICC3P ICC3PS ICC3N mA ICC3NS Operating current (Burst mode) ICC4 400 1760 1760 mA mA 1 Refresh current Self refresh current Notes: 1. Measured with outputs open. 2. Refresh period is 64ms. ICC5 ICC6 3200 32 3200 mA mA 2 July 2004 Rev 1 4 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs ORDERING INFORMATION Part Number W3DG6434V10D2 W3DG6434V7D2 W3DG6434V75D2 Speed 100MHz 133MHz 133MHz CAS Latency CL=2 CL=2 CL=3 Height* 30.48 (1.20") 30.48 (1.20") 30.48 (1.20") Part Number W3DG6334V10D2 W3DG6334V7D2 W3DG6334V75D2 W3DG6434V-D2 Speed 100MHz 133MHz 133MHz CAS Latency CL=2 CL=2 CL=3 Height* 30.48 (1.20") 30.48 (1.20") 30.48 (1.20") Note: Available with "WP" Write Protect on pin 81. NOTES: * Consult Factory for availability of Lead-Free or RoHS products. (F = Lead-Free, G = RoHS Compliant) * Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case "x" in the part numbers above and is to be replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung & consult factory for others) * Consult factory for availability of industrial temperature (-40C to 85C) option PACKAGE DIMENSIONS 133.48 (5.255 MAX.) 3.18 (0.125) (2X) 3.99 (0.157) (2X) 30.48 (1.200) 17.78 MAX. (0.700) P1 3.81 (0.150) MAX. 11.43 (0.450) 8.89 (0.350) 36.83 (1.450) 6.35 (0.250) 42.16 (1.660) 115.57 (4.550) 54.61 (2.150) 6.35 (0.250) 3.99 (0.157 MIN.) 1.27 (0.050 0.004) ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES) July 2004 Rev 1 5 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com White Electronic Designs Document Title 256MB - 2x16Mx64 SDRAM UNBUFFERED W3DG6434V-D2 Revision History Rev # Rev A Rev B Rev C Rev D Rev 0 Rev 1 History Created Added "part number" to order table on page 6 Added "WP" write protect to pin 81 Corrected mechanical drawing Changed from Advanced to Final 1.1 Updated CAP & IDD specs 1.2 Removed "ED" from part number 1.3 Added new title page Release Date 12-18-01 2-13-01 4-10-02 5-21-02 8-19-02 7-2004 Status Advanced Advanced Advanced Advanced Final Final July 2004 Rev 1 6 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com |
Price & Availability of W3DG6434V7D2 |