Part Number Hot Search : 
2SD1324 SIS630 A3114 D1631 BL402 2N2906A 72HF100 74HC244A
Product Description
Full Text Search
 

To Download W3DG6417V7D2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 White Electronic Designs
128MB - 16Mx64, SDRAM UNBUFFERED
FEATURES
PC100 and PC133 compatible Burst Mode Operation Auto and Self Refresh capability LVTTL compatible inputs and outputs Serial Presence Detect with EEPROM Fully synchronous: All signals are registered on the positive edge of the system clock Programmable Burst Lengths: 1, 2, 4, 8 or Full Page 3.3V 0.3V Power Supply 168 Pin DIMM JEDEC
W3DG6417V-D2
PRELIMINARY*
DESCRIPTION
The W3DG6417V is a 16Mx64 synchronous DRAM module which consists of four 16Mx16 SDRAM components in TSOP II package and one 2K EEPROM in an 8 Pin TSSOP package for Serial Presence Detect which are mounted on a 168 Pin DIMM multilayer FR4 Substrate.
* This product is under development, is not qualified or characterized and is subject to change without notice.
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Front VSS DQ0 DQ1 DQ2 DQ3 VCC DQ4 DQ5 DQ6 DQ7 DQ8 VSS DQ9 DQ10 DQ11 DQ12 DQ13 VCC DQ14 DQ15 CB0* CB1* Vss NC NC VCC WE# DQM0 Pin 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 Front DQM1 CS0# DNU VSS A0 A2 A4 A6 A8 A10/AP BA1 VCC VCC CLK0 VSS DNU CS2# DQM2 DQM3 DNU VCC NC NC CB2* CB3* VSS DQ16 DQ17 Pin 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 Front DQ18 DQ19 VCC DQ20 NC VREF* CKE1* VSS DQ21 DQ22 DQ23 VSS DQ24 DQ25 DQ26 DQ27 VCC DQ28 DQ29 DQ30 DQ31 VSS CLK2 NC NC SDA** SCL** VCC Pin 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 Back VSS DQ32 DQ33 DQ34 DQ35 VCC DQ36 DQ37 DQ38 DQ39 DQ40 VSS DQ41 DQ42 DQ43 DQ44 DQ45 VCC DQ46 DQ47 CB4* CB5* VSS NC NC VCC CAS# DQM4 Pin 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 Back DQM5 CS1# RAS# VSS A1 A3 A5 A7 A9 BA0 A11 VCC CLK1* A12* VSS CKE0 CS3#* DQM6 DQM7 A13* VCC NC NC CB6* CB7* VSS DQ48 DQ49 Pin 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 Back DQ50 DQ51 VCC DQ52 NC VREF* DNU VSS DQ53 DQ54 DQ55 VSS DQ56 DQ57 DQ58 DQ59 VCC DQ60 DQ61 DQ62 DQ63 VSS CLK3* NC SA0** SA1** SA2** VCC
PIN NAMES
A0 - A12 BA0-1 DQ0-63 CLK0,CLK2 CKE0 CS0# - CS2# RAS# CAS# WE# DQM0-7 VCC VSS SDA SCL DNU NC Address input (Multiplexed) Select Bank Data Input/Output Clock input Clock Enable input Chip select Input Row Address Strobe Column Address Strobe Write Enable DQM Power Supply (3.3V) Ground Serial data I/O Serial clock Do not use No Connect
** These pins should be NC in the system which does not support SPD. *** WP (write protect) option available on Pin 81, see ordering information page 5
June 2004 Rev. 0
1
White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
FUNCTIONAL BLOCK DIAGRAM
W3DG6417V-D2
PRELIMINARY
BA1 BA2 W# CKE0 CAS# RAS# A0-A11
SCL
SDA
SA0 SO# DQMB0 DQMB1
SA1
SA2
DQML DQMH ADDR 16M x 16 RAS# CAS# CKE W# BA0 BA1
U0
CS# DQ DQ0-DQ16
DQMB2 DQMB3
DQML DQMH ADDR 16M x 16 RAS# CAS# CKE W# BA0 BA1
U1
CS# DQ DQ17-DQ31
DQMB4 DQMB5
DQML DQMH ADDR 16M x 16 RAS# CAS# CKE W# BA0 BA1
U2
CS# DQ DQ32-DQ47
DQMB6 DQMB7
DQML DQMH ADDR 16M x 16 RAS# CAS# CKE W# BA0 BA1
U3
CS# DQ DQ48-DQ63
June 2004 Rev. 0
2
White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on any pin relative to VSS Voltage on VCC supply relative to VSS Storage Temperature Power Dissipation Short Circuit Current Symbol VIN, VOUT VCC, VCCQ TSTG PD IOS Value
W3DG6417V-D2
PRELIMINARY
Units V V C W mA
-1.0 ~ 4.6 -1.0 ~ 4.6 -55 ~ +150 4 50
Note: Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to recommended operating condition. Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
Voltage Referenced to: VSS = 0V, 0C TA +70C
Parameter Supply Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Input Leakage Current Symbol VCC VIH VIL VOH VOL ILI Min 3.0 2.0 -0.3 2.4 -- -10 Typ 3.3 3.0 -- -- -- -- Max 3.6 VCCQ+0.3 0.8 -- 0.4 10 Unit V V V V V A 1 2 IOH= -2mA IOL= -2mA 3 Note
Note: 1. VIH (max)= 5.6V AC. The overshoot voltage duration is 3ns. 2. VIL (min)= -2.0V AC. The undershoot voltage duration is 3ns. 3. Any input 0V VIN VCC Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
CAPACITANCE
TA = 25C, f = 1MHz, VCC = 3.3V, VREF=1.4V 200mV
Parameter Input Capacitance (A0-A12) Input Capacitance (RAS#,CAS#,WE#) Input Capacitance (CKE0) Input Capacitance (CLK0, CLK2) Input Capacitance (CS0#, CS2#) Input Capacitance (DQM0-DQM7) Input Capacitance (BA0-BA1) Data input/output capacitance (DQ0-DQ63) Symbol CIN1 CIN2 CIN3 CIN4 CIN5 CIN6 CIN7 COUT Max 25 25 25 11 25 8 25 10 Unit pF pF pF pF pF pF pF pF
June 2004 Rev. 0
3
White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
OPERATING CURRENT CHARACTERISTICS
VCC = 3.3V, 0C TA 70C
Parameters Symbol Conditions
W3DG6417V-D2
PRELIMINARY
Versions Units 133 100 600 mA 1 Note
Operating Current (One bank active) Precharge Standby Current in Power Down Mode Precharge Standby Current in Non-Power Down Mode
ICC1
Burst Length = 1 tRC tRC(min) IOL = 0mA CKE VIL(max), tCC = 10ns CKE & CK VIL(max), tCC = CKE VIH(min), CS VIH(min), tCC =10ns Input signals are charged one time during 20 CKE VIH(min), CK VIL(max), tCC= Input signals are stable CKE VIL(max), tCC = 10ns CKE & CK VIL(max), tCC = CKE VIH(min), CS VIH(min), tCC = 10ns Input signals are charged one time during 20ns CKE VIH(min), CK VIL(max), tCC = input signals are stable Io = mA Page burst 4 Banks activated tCCD = 2CK tRC tRC(min) CKE 0.2V
600
ICC2P ICC2PS ICC2N ICC2NS
8 8 64 56 24 24 140
mA mA mA mA mA
Active standby current in powerdown mode Active standby in current non power-down mode
ICC3P ICC3PS ICC3N
mA
ICC3NS Operating current (Burst mode) ICC4
120 720 720
mA mA 1
Refresh current Self refresh current
Notes: 1. Measured with outputs open. 2. Refresh period is 64ms.
ICC5 ICC6
880 12
880
mA mA
2
June 2004 Rev. 0
4
White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
ORDERING INFORMATION
Part Number W3DG6417V10D2 W3DG6417V7D2 W3DG6417V75D2 Speed 100MHz 133MHz 133MHz CAS Latency CL=2 CL=2 CL=3 Height* 25.40 (1.00") 25.40 (1.00") 25.40 (1.00")
W3DG6417V-D2
PRELIMINARY
Note: Modules are available in industrial temperature: -40C to 85C
PACKAGE DIMENSIONS
3.99 (0.157) (2X)
3.18 (0.125) (2X)
133.35 (5.255) MAX
5.08 (0.200) MAX
3.10 (0.000) (0.122) 8.89 (0.350) 11.43 (0.450) 15.60 (0.614)
25.40 (1.000) 17.78 MAX (0.700)
36.83 (1.450) 6.35 (0.250) 57.79 (2.275) 115.57 (4.550) 6.35 (0.250)
54.61 (2.150)
3.99 (0.157) MIN
(0.000)
1.27 0.10 (0.050 0.004) Measured after plating, over fingers.
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
June 2004 Rev. 0
5
White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
Document Title
128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6417V-D2
PRELIMINARY
Revision History Rev #
Rev A Rev B Rev 0
History
Created Add "Part Number" to order info table on page 6 0.1 Updated Cap & IDD Specs 0.2 Removed "ED" from part number 0.3 Changed status from Advanced to Preliminary
Release Date
12-6-01 2-13-02 6-04
Status
Advanced Advanced Preliminary
June 2004 Rev. 0
6
White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com


▲Up To Search▲   

 
Price & Availability of W3DG6417V7D2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X