Part Number Hot Search : 
ISL43231 T3324551 MC14079B ON1403A C1446 254201MR T3324551 COB4015
Product Description
Full Text Search
 

To Download W16NK60Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP16NK60Z - STB16NK60Z-S STW16NK60Z
N-CHANNEL 600V - 0.38 - 14 A TO-220 /I2SPAK/TO-247 Zener - Protecdet SuperMESHTM MOSFET
TARGET SPECIFICATION
Table 1: General Features
TYPE STP16NK60Z STB16NK60Z-S STW16NK60Z

Figure 1: Package
ID 14 A 14 A 14 A Pw 190 W 190 W 190 W
3 1 2
VDSS 600 V 600 V 600 V
RDS(on) < 0.42 < 0.42 < 0.42
3 12
TYPICAL RDS(on) = 0.38 EXTREMELY HIGH dv/dt CAPABILITY 100% AVALANCHE TESTED GATE CHARGE MINIMIZED VERY LOW INTRINSIC CAPACITANCES VERY GOOD MANUFACTURING REPEATIBILITY
TO-220
I2SPAK
3 2 1
DESCRIPTION The SuperMESHTM series is obtained through an extreme optimization of ST's well established strip-based PowerMESHTM layout. In addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. Such series complements ST full range of high voltage MOSFETs including revolutionary MDmeshTM products.
TO-247
Figure 2: Internal Schematic Diagram
APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING IDEAL FOR OFF-LINE POWER SUPPLIES
Table 2: Order Codes
SALES TYPE STP16NK60Z STB16NK60Z-S STW16NK60Z MARKING P16NK60Z B16NK60Z W16NK60Z PACKAGE TO-220 I2SPAK TO-247 PACKAGING TUBE TUBE TUBE
Rev. 1 September 2005
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
1/10
STP16NK65Z - STB16NK65Z-S - STW16NK60Z
Table 3: Absolute Maximum ratings
Symbol VDS VDGR VGS ID ID IDM ( ) PTOT VESD(G-S) Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Gate source ESD (HBM-C= 100pF, R= 1.5K)
) Pulse width limited by safe operating area (1) ISD 14 A, di/dt 200 A/s, VDD V(BR)DSS, Tj TJMAX.
Value 600 600 30 14 8.8 56 190 1.51 6000
Unit V V V A A A W W/C V
Table 4: Thermal Data
TO-220/ ISPAK Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 62.5 300 0.66 50 TO-247
Table 5: Avalanche Characteristics
Symbol IAR EAS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 C, ID = IAR, VDD = 50 V) Parameter Gate-Source Breakdown Voltage Test Conditions Igs= 1mA (Open Drain) Min. 30 Max Value 14 360 Unit A mJ
Table 6: GATE-SOURCE ZENER DIODE
Symbol BVGSO Typ. Max. Unit V
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device's ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device's integrity. These integrated Zener diodes thus avoid the usage of external components.
2/10
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
ELECTRICAL CHARACTERISTICS (TCASE =25C UNLESS OTHERWISE SPECIFIED) Table 7: On/Off
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on) V(BR)DSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Gate Threshold Voltage Static Drain-source On Resistance Drain-source Breakdown Voltage Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Equivalent Output Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions ID = 1 mA, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V VDS = VGS, ID = 100 A VGS = 10V, ID = 7 A ID = 1 mA, VGS = 0 600 3 3.75 0.38 Min. 600 1 50 10 4.5 0.42 Typ. Max. Unit V A A A V V
Table 8: Dynamic
Symbol gfs (1) Ciss Coss Crss Coss eq. (*) td(on) tr td(off) tf Qg Qgs Qgd Test Conditions VDS = 15 V, ID = 7 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 12 2650 285 62 158 30 25 70 15 86 17 46 Max. Unit S pF pF pF pF ns ns ns ns nC nC nC
VGS = 0V, VDS = 0V to 480V VDD = 480 V, ID = 14 A RG = 4.7 VGS = 10 V (Resistive Load see, Figure 3) VDD = 480V, ID = 14 A, VGS = 10V
(*) Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS
Table 9: Source Drain Diode
Symbol ISD ISDM (2) VSD (1) trr Qrr IRRM trr Qrr IRRM ISD ISDM (2) Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Source-drain Current Source-drain Current (pulsed) ISD = 14 A, VGS = 0 ISD = 14 A, di/dt = 100 A/s VDD = 100 V, Tj = 25C (see test circuit, Figure 5) ISD = 14 A, di/dt = 100 A/s VDD = 100 V, Tj = 150C (see test circuit, Figure 5) 490 5.4 22 585 7 24 14 56 Test Conditions Min. Typ. Max. 14 56 1.6 Unit A A V ns C A ns C A A A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
3/10
STP16NK65Z - STB16NK65Z-S - STW16NK60Z
Figure 3: Unclamped Inductive Load Test Circuit Figure 6: Unclamped Inductive Wafeform
Figure 4: Switching Times Test Circuit For Resistive Load
Figure 7: Gate Charge Test Circuit
Figure 5: Test Circuit For Inductive Load Switching and Diode Recovery Times
4/10
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
5/10
STP16NK65Z - STB16NK65Z-S - STW16NK60Z
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
6/10
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
TO-220 MECHANICAL DATA
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
oP
Q
7/10
STP16NK65Z - STB16NK65Z-S - STW16NK60Z
I2SPAK MECHANICAL DATA
mm. MIN. 4.40 2.49 0.70 1.14 0.45 1.23 8.95 10.00 4.88 16.7 1.27 13.82 TYP MAX. 4.60 2.69 0.93 1.70 0.60 1.36 9.35 10.40 5.28 17.5 1.4 14.42 MIN. 0.173 0.098 0.027 0.045 0.018 0.048 0.352 0.394 0.192 0.657 0.05 0.544 inch TYP. MAX. 0.181 0.106 0.037 0.067 0.024 0.053 0.368 0.409 0.208 0.689 0.055 0.568
DIM. A A1 B B2 C C2 D E G L L2 L3
8/10
STP16NK60Z - STB16NK60Z-S - STW16NK60Z
Table 10: Revision History
Date 06-Jul-2004 06-Sep-2005 Revision 1 2 Description of Changes First Release. Inserted Ecopak indication
9/10
STP16NK65Z - STB16NK65Z-S - STW16NK60Z
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2005 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of W16NK60Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X