Part Number Hot Search : 
UF5401G DL4751A 00BZXC MIW1114 PG4007 1014A AD261 MPS2222A
Product Description
Full Text Search
 

To Download W10GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W005GM THRU W10GM
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 1.5 Amperes
Features
UL Recognized File # E-96005 Glass passivated junction Surge overload ratings to 50 amperes peak Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260/ 10 seconds / 0.375" ( 9.5mm ) lead length at 5 lbs. ( 2.3 Kg ) tension
WOB
Mechanical Data
Case: Molded plastic Lead: Solder plated Polarity: As marked Weight: 1.10 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% W W Symbol W Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.5A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note) Operating Temperature Range Storage Temperature Range
W
W
W
W
005GM 01GM 02GM 04GM 06GM 08GM 10GM
Units V V V A A V uA uA /W
VRRM VRMS VDC I(AV) IFSM VF IR RJA RJL TJ
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50 1.0
600 420 600
800 1000 560 700 800 1000
TSTG Note: Thermal resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with 0.2" x 0.2" (5mm x 5mm) Copper Pads.
10 500 36 13 -55 to +150 -55 to +150
- 708 -
RATINGS AND CHARACTERISTIC CURVES (W005GM THRU W10GM)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
1.6
50
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
1.4 1.2 1.0 0.8 0.6 0.4 0.2
PEAK FORWARD SURGE CURRENT. (A)
40
30
20
10
0
1
2
10
20
40
60
100
0
20
40
60
80
100
o
120
140
160
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
20 10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
10
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
Tj=100 0C
1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
1
0.1
0.1
Tj=25 0C
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 709 -


▲Up To Search▲   

 
Price & Availability of W10GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X