Part Number Hot Search : 
2J103 HD66727 BR605 DTA043Z FDS5692Z YG901C2R PCA9675 OB3316
Product Description
Full Text Search
 

To Download VVZ24-16IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VVZ 24
Three Phase Half Controlled Rectifier Bridge
IdAVM = 27 A VRRM = 1200-1600 V
2
1
6
3 1 2 5
3 6
4 7 8
VRSM VDSM V 1300 1500 1700
VRRM VDRM V 1200 1400 1600
Type
5 7 4
VVZ 24-12io1 VVZ 24-14io1 VVZ 24-16io1
8
Symbol IdAV IdAVM IFRMS, ITRMS IFSM, ITSM
Test Conditions TK = 100C; module module per leg TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 21 27 16 300 320 270 290 450 430 365 350 150 A A A A A A A A2s A2s A2s A2s A/ms
Features
q q q q q
Package with DCB ceramic base plate Isolation voltage 3600 V~ Planar passivated chips Soldering terminals UL registered E 72873
Applications
q
I2t
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
q q
Input rectifier for switch mode power supplies (SMPS) Softstart capacitor charging Electric drives and auxiliaries
Advantages
q q q
(di/dt)cr
TVJ = TVJM repetitive, IT = 50 A f =400 Hz, tP =200 ms VD = 2/3 VDRM IG = 0.3 A, non repetitive, IT = 1/3 * IdAV diG/dt = 0.3 A/ms TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) tp = 30 ms tp = 500 ms tp = 10 ms
500 1000 10
A/ms V/ms V W W W W C C C V~ V~ Nm lb.in. g
Easy to mount with two screws Space and weight savings Improved temperature and power cycling
(dv/dt)cr VRGM PGM PGAVM TVJ TVJM Tstg VISOL Md Weight
Dimensions in mm (1 mm = 0.0394")
TVJ = TVJM IT = ITAVM
10 5 1 0.5
-40...+125 125 -40...+125 50/60 Hz, RMS IISOL 1 mA Mounting torque typ. t = 1 min t=1s (M5) (10-32 UNF) 3000 3600 2-2.5 18-22 28
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2003 IXYS All rights reserved
1-3
303
VVZ 24
Symbol IR, ID VF, VT VT0 rT VGT IGT Test Conditions VR = VRRM; VD = VDRM IF, IT = 30 A, TVJ = 25C For power-loss calculations only (TVJ = 125C) VD = 6 V; VD = 6 V; TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C TVJ = 125C VD = 2/3 VDRM VD = 2/3 VDRM TVJ = 25C TVJ = -40C TVJ = 125C TVJ = TVJM TVJ = 25C Characteristic Values 5 0.3 1.45 mA mA V
1 V 16 mW 1.0 1.2 65 80 50 0.2 5 150 200 100 100 2 V V mA mA mA V mA mA mA mA mA ms ms mC K/W K/W K/W K/W
VGD IGD IL
TVJ = TVJM; TVJ = TVJM; IG = 0.3 A; tG = 30 ms diG/dt = 0.3 A/ms
IH tgd tq Qr RthJC RthJH dS dA a
TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.3 A; diG/dt = 0.3 A/ms TVJ = 125C; IT = 15 A, tp = 300 ms, -di/dt = 10 A/ms VR = 100 V, dv/dt = 20 V/ms, VD = 2/3 VDRM per thyristor (diode); DC current per module per thyristor (diode); DC current per module Creeping distance on surface Creepage distance in air Max. allowable acceleration
typ. 150 75 2.1 0.35 2.7 0.45
7 mm 7 mm 50 m/s2
(c) 2003 IXYS All rights reserved
2-3
VVZ 24
10 V VG
1: IGT, TVJ = 125C 2: IGT, TVJ = 25C 3: IGT, TVJ = -40C
1
1
2
3 6 4 5
4: PGAV = 0.5 W IGD, TVJ = 125C 5: PGM = 1 W 6: PGM = 10 W
0.1
1
10
100
1000 IG
mA
Fig. 1 Surge overload current per chip IFSM: Crest value, t: duration
Fig. 2 I2t versus time (1-10 ms) per chip
Fig. 3 Gate trigger characteristics Triggering:
Fig. 4 Power dissipation versus direct output current and ambient temperature
3 ZthJK K/W ZthJK
2
Constants for ZthJK calculation
1
i 1 2 3
10-2 10-1 100 101 s t 102
Rthi (K/W) 0.17 1.4 1.1
ti (s) 0.028 0.44 2.6
0 10-3
(c) 2003 IXYS All rights reserved
3-3
750
Fig. 5 Transient thermal impedance junction to heatsink


▲Up To Search▲   

 
Price & Availability of VVZ24-16IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X