Part Number Hot Search : 
BU408 00390 HV857DB1 BC858A NCSU034 HC0438 BC857 DS2480
Product Description
Full Text Search
 

To Download VTD206K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Alternate Source/ Second Source Photodiodes
VTD206K
(SFH206K INDUSTRY EQUIVALENT)
PACKAGE DIMENSIONS inch (mm)
CASE 61 TO-92 TYPE (FLAT LENS) CHIP ACTIVE AREA: .011 in2 (7.41 mm2)
PRODUCT DESCRIPTION
Large area planar silicon photodiode in a waterclear, cast epoxy sidelooker, similar in outline to the TO-92 package. These diodes exhibit low dark current under reverse bias and fast speed of response.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature: Operating Temperature: -40C to 100C -40C to 100C
ELECTRO-OPTICAL CHARACTERISTICS @ 25C
VTD206K
SYMBOL ISC TC ISC VOC TC VOC ID CJ tR/tF SR range p VBR 1/2 CHARACTERISTIC Short Circuit Current ISC Temperature Coefficient Open Circuit Voltage VOC Temperature Coefficient Dark Current Junction Capacitance Rise/Fall Time @ RL = 50 Sensitivity Spectral Application Range Spectral Response - Peak Breakdown Voltage Angular Resp.-50% Resp. Pt. 20 TEST CONDITIONS Min. 1000 Lux, 2856 K 2856 K 940 nm, H = 0.5 mW/cm2 2856 K H = 0, VR = 10 V H = 0, VR = 0 V, 1 MHz VR = 5 V, 850 nm @ Peak 400 925 50 60 310 50 Typ. 80 .20 365 -2.6 2 72 20 0.6 1100 30 Max. A %/C mV mV/C nA pF nsec A/W nm nm V Degrees UNITS
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto
78


▲Up To Search▲   

 
Price & Availability of VTD206K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X