![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Alternate Source/ Second Source Photodiodes VTD206 (SFH206 INDUSTRY EQUIVALENT) PACKAGE DIMENSIONS inch (mm) CASE 61 TO-92 TYPE (FLAT LENS) CHIP ACTIVE AREA: .011 in2 (7.41 mm2) PRODUCT DESCRIPTION Large area planar silicon photodiode in a cast epoxy sidelooker, similar in outline to the TO-92 package. The package material filters out all visible light but passes infrared. These diodes exhibit low dark current under reverse bias and fast speed of response. ABSOLUTE MAXIMUM RATINGS Storage Temperature: Operating Temperature: -40C to 100C -40C to 100C ELECTRO-OPTICAL CHARACTERISTICS @ 25C VTD206 SYMBOL ISC TC ISC VOC TC VOC ID CJ tR/tF SR range p VBR 1/2 CHARACTERISTIC Short Circuit Current ISC Temperature Coefficient Open Circuit Voltage VOC Temperature Coefficient Dark Current Junction Capacitance Rise/Fall Time @ RL = 50 Sensitivity Spectral Application Range Spectral Response - Peak Breakdown Voltage Angular Resp.-50% Resp. Pt. 20 TEST CONDITIONS Min. 940 nm, H = 0.5 mW/cm2 2856 K 940 nm, H = 0.5 mW/cm2 2856 K H = 0, VR = 10 V H = 0, VR = 0 V, 1 MHz VR = 5 V, 850 nm @ Peak 750 925 50 60 250 15 Typ. 25 .20 350 -2.6 2 72 20 0.6 1100 30 Max. A %/C mV mV/C nA pF nsec A/W nm nm V Degrees UNITS PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto 77 |
Price & Availability of VTD206
![]() |