Part Number Hot Search : 
BYG80J AP430 YD2030A ISL6323 ADS12 TDA9105 SC1531A NTE934
Product Description
Full Text Search
 

To Download VR2222S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE COLOR LED
f 1.6mm Round Shape
2202S / 2222S Series
S n Outline Dimensions
2.3 +0.2 -0.1 2.0 0.2 Cathode mark 0.5 0.1
o 1.65 /
T
A
N
D
A
R
D
C
O
L
O
R
0.5 0.1
1.1 0.65MAX.
9MIN. 0.9 0.1 2.5 0.2
9MIN. 1.5 0.1
0.2 0.05
Unit: mm
n Absolute Maximum Ratings
Item Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Derating (DC)*
Red Orange Yellow Yellow Green Green Pure Green
(Ta=25C) BR 80 40 300 4 PR 75 30 100 4 VR 75 30 100 4 AA AY PY 100 40 100 4 PG 100 40 100 4 BG 100 40 100 4 Units mW mA mA V C C mA/C (Ta=25C)
Symbol
Pd IF IFM VR Topr Tstg DIF
100 100 40 40 100 100 4 4 -30 to +85 -30 to +100
0.67
0.33
0.67
*Applies only to 2222S Series; 2202S Series has water clear lens color **The viewing angle is an average and will vary by color
* Ta=25C, IFM applies for the pulse width 1msec. and duty cycle 1/20 The current derating for operation applies when the temperature is above 25C
n Electro-Optical Characteristics
Part No. Material Emitted Color GaAIAs GaP GaAsP GaAsP GaAsP GaP GaP GaP Units Lens Color* Luminous Intensity IV
MIN. TYP . IF
Peak lp TYP .
Spectral Line Dominant Half Width ld Dl IF TYP . TYP .
Wavelength
Forward Voltage VF
TYP MAX. IF
Reverse Viewing Current IR Angle**
MAX. VR
(2 q 1/2)
BR2202S/2222S PR2202S/2222S VR2202S/2222S AA2202S/2222S AY2202S/2222S PY2202S/2222S PG2202S/2222S BG2202S/2222S
Red
Clear Red Clear Orange Clear Yellow Clear Green
Orange Yellow Yellow Green Green Pure Green
10 0.8 8 8 8 12 8 4
20 1.6 16 16 16 24 16 8
20 10 20 20 20 20 20 20 mA
660 700 630 605 580 570 560 555
647 635 624 606 590 572 567 558 nm
30 100 30 30 30 30 30 30
20 10 20 20 20 20 20 20 mA
1.7 2.1 2.0 2.2 2.2 2.1 2.1 2.1 V
2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5
20 10 20 20 20 20 20 20 mA
100 100 100 100 100 100 100 100 A
4 4 4 4 4 4 4 4 V
70
60
mcd
Deg.
n Spatial Distribution (x)
0 30 30
n Operation Current Derating Chart
70 60 50 40
BR, AA, AY, PY, PG, BG PR, VR,
60
0.5
60
30 20
90
90
10
2202S
2222S
*Spatial distribution is viewed as a typical illustration and will vary by color
0


▲Up To Search▲   

 
Price & Availability of VR2222S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X