Part Number Hot Search : 
65110 2DL32 R48H05 BUV50 0603C IRFZ2 SP490EC SLA608L
Product Description
Full Text Search
 

To Download VP215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VP215
Dual 90MHz 6-Bit Analog to Digital Converter Preliminary Information
DS4068 - 1.4 May 1996
The VP215 is a dual 90MHz 6-bit Analog to Digital Converter designed for use in consumer satellite receivers and decoders, video systems, multimedia and communications applications. Operating from a single +5V supply, the VP215 includes an on-chip high bandwidth ADC driver amplifier, a 6-bit ADC and digital I/O that can be interfaced to either +5V or +3V. The VP215 also has the necessary bias voltages for the reference resistor chain in the 'flash' architecture of the ADC.
CLKIN VCCD DGND VRT COMPA VINA AGND VCCA VRM COMPB VINB VRB N.C. N.C.
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25 24 23 22
DA5 DA4 DA3 DA2 DA1 DA0 OGND VCCO DB5 DB4 DB3 DB2 DB1 DB0
FEATURES s 90MHz Conversion Rate s TTL Clock/Data Interface s 0.5 Volt Analog Input Range s Internal ADC Reference s Digital I/O's compatible with +5V or +3V logic s Single 5 Volt Supply s Dual ADC System for good channel matching APPLICATIONS s Satellite Decoders s Multimedia s Communications ORDERING INFORMATION
VP215A CG MP1S (Commercial - 28 pin plastic SO)
VP215
21 20 19 18 17 16 15
MP28
Fig.1 Pin connections - top view (wide body)
------------------------------------------------2 8 21 COMPA VINA VRM 5 6 9
VRB VRM VRT
VCCD
VCCA
VCCO
ADC DRIVER
+
6-BIT ADC
6
LATCHES DATA OUTPUTS
23 24 25 26 27 28
DA0 DA1 DA2 DA3 DA4 DA5
VRB
12 VREF
OP AMPS
CLOCK DRIVER
1
CLKIN
VRT VINB COMPB
VRB VRM VRT
4 11 10 3 7
+
ADC DRIVER
6-BIT ADC
6
LATCHES DATA OUTPUTS
15 16 17 18 19 20
DB0 DB1 DB2 DB3 DB4 DB5
------------------------------------------------DGND AGND OGND
22
Fig.2 System block diagram
VP215
ABSOLUTE MAXIMUM RATINGS
DC supply voltage (VCCA, VCCD, VCCO) -0.3 to+7V Analog input voltage (VIN) -0.3 to VCC+0.3V Digital inputs (CLKIN) VCC Digital output current (Ioh, Iol, Isc) -20 to +20mA Ambient operating temperature (Tamb) 0C to +70C Storage temperature (Tstorage) -55C to +125C
THERMAL CHARACTERISTICS
THERMAL RESISTANCES Junction to case(jc) Junction to ambient(ja) 32C/W 84C/W
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated) Tamb = 25C, VCCA/D/O = +5V, full temperature range = 0C to +70C DC CHARACTERISTICS All specifications apply to either of the two ADCs Characteristic Resolution Static performance Differential non-linearity Integral non-linearity No missing codes Power supply Analog supply voltage Digital supply voltage Output supply voltage Analog supply current Digital supply current Output supply current Power dissipation Analog input Input range Input resistance Input capacitance Gain variation Gain matching Input -3dB bandwidth Ain input voltage Comp output CLKIN Input voltage high Input voltage low Input current high Input current low TTL digital outputs Output voltage high Output voltage low Output current high Output current low VCCA VCCD VCCO AICC DICC OICC PD Vin Rin Cin GV Gm F3dB Aindc Vcomp Vih Vil Iih Iil Symbol DNL INL Temp. +25C Full +25C Full Full Full Full Full +25C Full +25C Full +25C Full +25C Full +25C +25C +25C +25C +25C +25C +25C +25C Full +25C Full +25C Full +25C Full +25C Full +25C Full +25C Full +25C Full Test Level 4 4 4 4 4 4 4 4 1 4 1 4 1 4 1 5 1 5 4 1 4 1 1 1 4 1 4 1 4 1 4 1 4 1 4 1 4 1 4 4.75 4.75 4.75 14 34 3 260 20k 3.35 1.8 2.0 -0.2 2.4 Min. 6 Value Typ. Guaranteed 5.0 5.0 5.0 19 42 11 360 0.5 25k 4.0 200 3.6 2.0 -0.35 5.25 5.25 5.25 26 51 15 460 30k 0.25 0.25 3.85 2.2 0.8 1 -0.5 3.0 0.4 -400 1 V V V mA mA mA mA mA mA mW V pF dB dB MHz V V V V V V A mA Pk to Pk Max. 0.5 0.5 0.5 0.5 Units Bits LSB LSB LSB LSB Conditions
Fin=300Hz to 20MHz Fin=15.36MHz
VCCD = 5.25V Vin = 2.7V VCCD = 5.25V Vin = 0.4V VCCO = 4.75V Ioh = 400A VCCO = 4.75V Iol = 1mA VCCO = 4.75V VCCO = 4.75V
Voh Vol Ioh Iol
V V V V A mA -
2
VP215
DC CHARACTERISTICS (cont.) Characteristic Reference voltage Vref ladder bottom Vref ladder middle Vref ladder top AC CHARACTERISTICS Characteristic Switching performance Clock high pulse width Clock low pulse width Max. conversion rate Data output setup time Data output hold time Aperture delay Aperture delay matching Aperture jitter Dynamic performance Differential non-linearity Integral non-linearity Signal to noise ratio Total harmonic distortion Effective No. of bits Crosstalk rejection Input offset Error rate Symbol Temp. Test Level 4 4 1 4 4 4 4 4 4 4 1 4 1 5 1 5 Min. 5.7 5.7 90 4 3 2 10 -0.95 31.8 40 5.0 Value Typ. 6 6 3 0.25 25 5.6 50 0.5 10e-8 Max. 8 8 4 0.5 50 +1.2 1 1 Units Conditions Symbol Temp. Test Level 1 1 1 Min. 2.367 2.848 3.337 Value Typ. 2.525 3.04 3.55 Max. 2.671 3.212 3.763 Units Conditions
VRB VRM VRT
+25C +25C +25C
V V V
Tpw1 Tpw0 Fmax Tsetup Thold Tad Tad Taj DNL INL SNR THD ENOB CTR Vos BER
+25C +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C +25C
ns ns MHz ns ns ns ns ps rms LSB LSB dB dBc bits dBc LSB
Cload=10pF Cload=10pF
FCLK = 90.11MHz FIN = 11.26MHz
NOTES 1. An input voltage of 0.0 volts 0.5 LSB should nominally correspond to the `011111' to `100000'B transition edge.
TEST LEVELS Level 1 - 100% production tested. Level 2 - 100% production tested at 25C and sample tested at specified temperatures. Level 3 - Sample tested only. Level 4 - Parameter is guaranteed by design and characterisation testing. Level 5 - Parameter is typical value only.
Input Voltage Code 0.5 Volt Full Scale 00 01 q 31 32 33 q 62 63 Least positive valid input q 0 q Most positive valid input
Digital Output Binary 000000 000001 q 011111 100000 100001 q 111110 111111
Table 1: Output coding
3
VP215
PIN DESCRIPTIONS - 28 Pin Plastic SO Package
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Name CLKIN VCCD DGND VRT COMPA VINA AGND VCCA VRM COMPB VINB VRB N.C. N.C. DB0 DB1 DB2 DB3 DB4 DB5 VCCO OGND DA0 DA1 DA2 DA3 DA4 DA5 Description TTL clock input Digital voltage supply for ADC's and input clock Digital ground Reference voltage- ladder top Capacitor compensation - A channel Analog signal input - A channel Analog ground Analog voltage supply for drivers and references Reference voltage- ladder middle Capacitor compensation - B channel Analog signal input - B channel Reference voltage- ladder bottom Not connected Not connected TTL digital output - channel B - LSB
TTL digital output - channel B - MSB Output voltage supply for TTL data outputs Output ground TTL digital output - channel A - LSB
TTL digital output - channel A - MSB Table 2: Pin descriptions
ELECTRICAL CHARACTERISTICS DEFINITIONS
Analog Bandwidth The analog input frequency at which the spectral power of the fundamental frequency, as determined by FFT analysis is reduced by 3dB. Aperture Delay The delay between the rising edge of the 90MHz clock signal and the instant the analog input signal is sampled. Aperture Jitter The sample to sample variation in aperture delay. Bit Error Rate (BER) The number of spurious code errors produced for any given input sinewave frequency at a given clock frequency. In this case it is the number of codes occurring outside the histogram cusp for a 1/2 FS sinewave. Data Outputs, Set-up and Hold Time Data output timings are measured from the 50% threshold to the 50% threshold on the rising edge of the output clock. Differential Non-linearity The deviation in any code width from an ideal 1 LSB step. Effective Number of Bits (ENOB) This is a measure of a device's dynamic performance and may be obtained from the SNR or from a sine wave curve test fit according to the following expressions: ENOB = SNR-1.76/6.02 or
ENOB = N-log2[rms error (actual)/rms error (ideal)] where N is the conversion resolution and the actual rms error is the deviation from an ideal sine wave, calculated from the converter outputs with a sine wave input. Integral Non-linearity (INL) The deviation of the centre of each code from a reference line which has been determined by a least squares curve fit. Signal-to-Noise Ratio (SNR) The ratio of the rms signal amplitude to the rms value of `noise' which is defined as the sum of all other spectral components, including the harmonics, but excluding D.C. with a full-scale analog input signal.
4
VP215
Device Description
The VP215 is a dual 90MHz 6-bit ADC system, (see Fig.2). Included on chip is a high bandwidth ADC driver amplifier, a 6-bit analog to digital converter, latches and TTL compatible data outputs. The VP215 also has the necessary bias voltages for the reference resistor chain in the `flash' architecture of the ADC.
VRM
Analog Input
The analog inputs, (VIN A,B) are A.C. coupled into the non-inverting input of the ADC driver amplifiers, which provide the necessary bandwidth, gain, offset and low impedance required to drive the ADC. The amplifier has been designed so that an input of 0 volts will produce an output level equal to the voltage present at the middle of the ADC resistor chain, VRM (3.00V typ.). This is achieved by an internal feedback loop within each amplifier which compares the amplifier output with VRM, (see Fig.3). This voltage will produce a transition binary code of 011111 to 100000 at the output of the ADC.
INPUT SIGNAL CC
ADC DRIVER AMP TO ADC
DC SHIFT
COMP_(Q,I) CCOMP
Reference Voltage
An on chip band gap voltage reference circuit combined with two op-amps provides all the necessary bias voltages for the ADC reference resistor chain, bottom (VRB), middle (VRM) and top(VRT). VRB, VRM and VRT have been brought out to pins 12, 9 and 4 respectively and should be decoupled with 100nF capacitors close to the package pins.
Fig.3 DC offset internal feedback loop
Digital Interface
The TTL data output pins, (DA0-DA5) and (DB0-DB5), have been optimized to interface with devices in close proximity to the VP215 and are designed to provide satisfactory logic levels at speeds up to 90MHz into a fanout of one and a total load capacitance of 10pF. All data outputs should have approximately equivalent loading to ensure proper setup and hold times. For capacitive loads in excess of 10pF, output buffers are recommended.
ADC Circuit
The VP215 employs a `flash' architecture consisting of a reference resistor chain, an array of 64 comparators, encoding logic and a 6-bit latch. The 63 reference levels generated by the resistor chain are compared with the analog output signal from the ADC driver amplifier using the comparator array. This produces a thermometer code which the encoding logic converts into a 6-bit word.
Clock Interface
The clock signal to the ADC synchronizes the sampling, conversion and output stages of the device as shown in the timing diagram (see Fig.4). The output of the ADC driver amp is sampled when the comparator array is latched on the rising edge of the input clock. Data is then presented to the TTL data outputs and latched on the falling edge of the input clock.
V ref. VIN(A,B)
Comparator
Latch
C
L
1
Data Out
Clock to ADC N-1 N N+1
VIN(A,B) Tpw 1 CLKIN Tpw 0
Data Outputs
N-1
N Tsu
Fig.4 System timing diagram
N+1 THold
TTL Threshold
5
VP215
Layout And Grounding
As with all high speed A to D converters, careful consideration must be given to the PCB layout. High performance can be obtained from the VP215 by tying all grounds to a solid low impedance ground plane. Separate analog and digital ground planes with a single common link under the device can also be used to help reduce the amount of digital noise fed back into the analog section of the converter. The VP215 should be decoupled with low impedance 100nF ceramic capacitors close to the package pins to avoid lead inductance effects and the decoupling on supply lines should further be improved by using a 47F tantalum capacitor in parallel with a 100nF ceramic capacitor. If VCCA is derived from VCCD, a small inductor should be used to reduce digital noise on the analog power supply. Jitter and noise on clock input pins must be minimised. Long clock lines should therefore be avoided and all clock lines correctly terminated. Cross talk of digital signals to the analog inputs must also be prevented as sampling cross talk produces DC offsets on the sampled data, for this reason analog inputs should not be run next to clock or data lines. Device connections to the ground plane should be as short as possible.
CLKIN
50R 1.2H 100n
1 2 3 4
100n Cc Ccomp
28 27 26 25 A Channel Data
5 6 7 8
VP215
24 23 22 21
100n 47 100n
VINA
50R
VCCA
47
100n
100n
VCCD
9
100n Cc Ccomp
20 19 18 17 16 15 Analog Ground Digital Ground B Channel Data
10 11
VINB
50R 100n
12 13 14
Fig.5 Applications diagram
Application Circuit
Fig.5 shows a typical applications circuit for the VP215. The supply connections are made using separate low noise digital and analog power supplies and VCCD is further isolated from VCCO using a 1.2H inductor. The COMPA and COMPB pins must be decoupled to reduce any ripple at low frequencies which may distort the ADC driver amplifier output, (see Fig.2.) The decoupling capacitor value is determined by the required low frequency performance of the system and can be obtained from the following equation. A ripple voltage 10mV is recommended for good system performance, e.g. If the analog input frequency Fin= 10KHz a value of 0.75F is required for CComp. To ensure effective A.C. coupling at low input frequencies, the coupling capacitors on pins 6 and 11 can be calculated from the high pass filter corner frequency equation,
Fc =
1 2 x x RC
CComp
=
75x10- 6 Fin x VRipple
where Fc = Lower -3dB corner frequency (R = Input Resistance, 25K typ. - 20K min)
6
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of VP215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X