Part Number Hot Search : 
25201 24SR12 S1048 GM0465R LT1P97A SLC0XXX 2SC4434 MMSZ5259
Product Description
Full Text Search
 

To Download VLA507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VLA507
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Hybrid IC IGBT Gate Driver
A
C
B
J
L
K E D H D G F
1
8
6
VCC
Description: VLA507 is a hybrid integrated circuit designed for driving IGBT modules. This device operates as an isolation amplifier for these modules and provides the required electrical isolation between the input and output with an optocoupler. Features: Output is 3 Amperes Maximum Two Supply Drive (VCC: 15 Volts, VEE: -10 Volts) SIP Outline Allows More Space on Mounting Area Electrical Isolation Voltage Between Input and Output (2500 Vrms for 1 Minute) TTL Compatible Input Application: To drive IGBT modules for welding, induction heating, or inverters.
2
INTERFACE 180 OPTO COUPLER
7
VO
1
8
VEE
5 PIN: NC
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L 8/05 Inches 1.18 Max. 0.79 Max. 0.28 Max. 0.24 Max. 0.10 2.16 Max. 0.08 Max. 0.70 0.180.06 0.02 0.01 Millimeters 30.0 Max. 20.0 Max. 7.0 Max. 6.0 Max. 2.54 5.5 Max. 2.0 Max. 17.78 4.51.5 0.5 0.25
Recommended IGBT Modules: NFH Series IGBTs - VCES = 1200V up to 150A class (f: up to 30kHz) NF Series IGBTs - VCES = 600V up to 200A class (f: up to 20kHz) VCES = 1200V up to 150A class (f: up to 20kHz)
1
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 VLA507 Hybrid IC IGBT Gate Driver
Absolute Maximum Ratings, Ta = 25C unless otherwise specified
Characteristics Supply Voltage, DC Input Signal Voltage (Applied between Pin 1 - 2, 50% Duty Cycle, Pulse Width 1ms) Output Voltage (When the Output Voltage is "H") Output Current (Pulse Width 2s, f 20kHz) Isolation Voltage (Sine Wave Voltage 60HZ, for 1 Minute) Case Temperature Operating Temperature (No Condensation Allowable) Storage Temperature (No Condensation Allowable)
*Differs from H/C condition.
Symbol VCC VEE Vi VO IOHP IOLP VISO TC Topr Tstg
VLA507 18 -12 -1 ~ 7 VCC -3 3 2500 85 -20 to 70 -25 to 100*
Units Volts Volts Volts Volts Amperes Amperes Vrms C C C
Electrical and Mechanical Characteristics, Ta = 25C unless otherwise specified, VCC = 15V, VEE = -10V, RG = 9
Characteristics Supply Voltage Pull-up Voltage on Primary Side "H" Input Current Switching Frequency Gate Resistance "H" Input Current "H" Output Voltage "L" Output Voltage "L-H" Propagation Time "L-H" Rise Time "H-L" Propagation Time "H-L" Fall Time Symbol VCC VEE VIN IIH f RG IIH VOH VOL tPLH tr tPHL tf Test Conditions Recommended Range Recommended Range Recommended Range Recommended Range Recommended Range Recommended Range VIN = 5V -- -- IIH = 16mA IIH = 16mA IIH = 16mA IIH = 16mA Min. 14 -5 4.75 15.2 -- 3.9 -- 13 -8 -- -- -- -- Typ. 15 -8 5 16.0 -- -- 16 14 -9 0.4 0.3 0.4 0.3 Max. -- -10 5.25 19.0 30 -- -- -- -- 0.8 1 0.9 1 Units Volts Volts Volts mA kHz mA Volts Volts s s s s
2
8/05
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 VLA507 Hybrid IC IGBT Gate Driver
1.0
PROPAGATION DELAY TIME "L-H", tPLH, (s) PROPAGATION DELAY TIME "H-L", tPHL, (s)
tPLH, tPHL VS. Ta CHARACTERISTICS (TYPICAL)
PROPAGATION DELAY TIME "L-H", tPLH, (s) PROPAGATION DELAY TIME "H-L", tPHL, (s)
1.0 0.8 0.6 0.4 0.2 0
tPLH, tPHL VS. VI CHARACTERISTICS (TYPICAL)
TOTAL POWER DISSIPATION, PT, (WATTS)
2.5 2.0 1.5 1.0 0.5 0
PT VS. Ta (MAXIMUM RATING) RG = 3.9 OR MORE*
0.8 0.6 0.4 0.2 0
VCC = 15V VEE = -10V RG = 9 VIN = 5.0V Load: CM100DU-24NFH
VCC = 15V VEE = -10V RG = 9 Ta = 25C Load: CM100DU-24NFH
tPLH
tPLH tPHL
tPHL
0
20
40
60
80
3
4
5
6
7
0
20
40
60
80
100
AMBIENT TEMPERATURE, Ta, (C)
INPUT SIGNAL VOLTAGE, VI, (VOLTS)
AMBIENT TEMPERATURE, Ta, (C)
13 12 11 10 9 8 7 6 5 4 3 2 1 0
ICC VS. (VCC + |VEE|) CHARACTERISTICS (TYPICAL) Ta = 25C * The following numberical expression must be satisfied PT > (VCC + IVEEI) {(Q1 + IQ2I) f + ICC} * * Q1: Gate Charge on plus bias Q2: Gate Charge on minus bias f: Switching frequency ICC: Constant dissipation current of driver Refer to "ICC VS. (VCC + IVEEI) Characteristics"
DISSIPATION CURRENT, ICC, (mA)
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE, (VCC + IVEEI), (VOLTS)
Application Circuit
Switching Time Definitions
SWITCHING TIME DEFINITIONS
VI
VIN 5V 1
VLA507
2 5 6 + 47F + 47F VCC VEE
tPLH tPHL
7
8 CM100DU-24NFH RG VCC = 15V VEE = -10V RG = 9
VO
tr
tf 90%
50%
10%
Notes:
(1) Power supply decoupling capacitors should be connected as close as possible to the pins of the gate driver. (2) Power supply decoupling capacitors should be good quality, low ESR types. (3) Printed circuit layout should minimize wiring lengths and utilize shielding layers to suppress noise.
8/05
3


▲Up To Search▲   

 
Price & Availability of VLA507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X