Part Number Hot Search : 
3579S80 8069X M9516008 SLA4041 BAT54AW P17NK40Z 766013 J10187
Product Description
Full Text Search
 

To Download VHFD37-16IO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VHFD 37
Half Controlled Single Phase Rectifier Bridge
Including Freewheeling Diode and Field Diodes
VRRM = 800-1600 V IdAVM = 40 A
VRSM VDSM V 900 1300 1500 1700
VRRM VDRM V 800 1200 1400 1600
Type
3 12
5
VHFD 37-08io1 VHFD 37-12io1 VHFD 37-14io1 VHFD 37-16io1 6
8
10
Bridge and Freewheeling Diode
Symbol IdAV IdAVM x IFRMS, ITRMS IFSM, ITSM Test Conditions TH = 85C, module module per leg TVJ = 45C; VR = 0 V TVJ = TVJM VR = 0 V I2t TVJ = 45C VR = 0 V TVJ = TVJM VR = 0 V (di/dt)cr t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine Maximum Ratings 36 40 31 320 350 280 310 500 520 390 400 150 A A A A A A A A2s A2s A2s A2s A/ms
q q q q q q q
Features Package with DCB ceramic base plate Isolation voltage 3600 V~ Planar passivated chips Blocking voltage up to 1600 V Low forward voltage drop Leads suitable for PC board soldering UL registered E 72873
Applications Supply for DC power equipment DC motor control
q q
TVJ = 125C repetitive, IT = 50 A f = 50 Hz, tP = 200 ms VD = 2/3 VDRM IG = 0.3 A, non repetitive, IT = 0.5 IdAV diG/dt = 0.3 A/ms TVJ = T(vj)m; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = 0.5 IdAVM tp = 30 ms tp = 500 ms tp = 10 ms
q q q
500 1000 10 10 5 1 0.5
A/ms V/ms V W W W W C C C V~ V~ mm mm m/s2 Nm lb.in. g
Advantages Easy to mount with two screws Space and weight savings Improved temperature and power cycling
(dv/dt)cr VRGM PGM
Dimensions in mm (1 mm = 0.0394")
PGAVM TVJ TVJM Tstg VISOL dS dA a Md Weight (c) 2000 IXYS All rights reserved 50/60 Hz, RMS IISOL 1 mA t = 1 min t=1s
-40...+125 125 -40...+125 3000 3600 12.7 9.4 50 2-2.5 18-22 35
Creep distance on surface Strike distance in air Max. allowable acceleration Mounting torque (M5) (10-32 UNF)
1-3
VHFD 37
Symbol IR, ID VT, VF VT0 rT VGT IGT Test Conditions VR = VRRM; VD = VDRM IT, IF = 45 A; TVJ = 25C For power-loss calculations only (TVJ = 125C) VD = 6 V; VD = 6 V; TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C TVJ = 125C VD = 2/3 VDRM VD = 2/3 VDRM TVJ = 25C TVJ = -40C TVJ = 125C typ. TVJ = TVJM TVJ = 25C Characteristic Values 5 0.3 1.45 0.85 13 1.0 1.2 65 80 50 0.2 5 150 200 100 100 2 150 75 1.2 0.3 1.55 0.39 mA mA V V mW V V mA mA mA V mA mA mA mA mA ms ms mC K/W K/W K/W K/W
1000 s tgd 100 typ. Limit TVJ = 25C 0.1 1
1
10
1: IGT, TVJ = 125C
V VG
2: IGT, TVJ = 25C 3: IGT, TVJ = -40C
2
3 6 4 5
VGD IGD IL
TVJ = TVJM; TVJ = TVJM; IG = 0.3 A; tG = 30 ms; diG/dt = 0.3 A/ms;
IGD, TVJ = 125C
4: PGAV = 0.5 W 5: PGM = 1 W 6: PGM = 10 W
1
10
100
1000 IG
mA
IH tgd tq Qr RthJC RthJH
TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.3 A; diG/dt = 0.3 A/ms TVJ = 125C, IT = 15 A, tP = 300 ms, VR = 100 V di/dt = -10 A/ms, dv/dt = 20 V/ms, VD = 2/3 VDRM per thyristor (diode); DC current per module per thyristor (diode); DC current per module
Fig. 1 Gate trigger range
10
Field Diodes
Symbol IFAV IFAVM IFRMS IFSM Test Conditions TH = 85C, per Diode per diode per diode TVJ = 45C; VR = 0 V TVJ = TVJM VR = 0 V I2t TVJ = 45C VR = 0 V TVJ = TVJM VR = 0 V IR VF VT0 rT RthJC RthJH VR = VRRM IF = 21 A; TVJ = 25C For power-loss calculations only (TVJ = 125C) per diode; DC current per diode; DC current t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine TVJ = TVJM TVJ = 25C Maximum Ratings 4 4 6 100 110 85 94 50 50 36 37 1 0.15 1.83 0.9 50 4.4 5.2 A A A A A A A A2s A2s A2s A2s mA mA V V mW K/W K/W
1 10
100 IG
mA 1000
Fig. 2 Gate controlled delay time tgd
(c) 2000 IXYS All rights reserved
2-3
750
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated. x for resistive load IXYS reserves the right to change limits, test conditions and dimensions.
VHFD 37
70 A 60 IF 50 40 30 100 20 300 A
50Hz, 80% VRRM
103 As I2t
2
VR = 0 V
typ.
250 IFSM 200
TVJ = 45C
TVJ = 45C TVJ = 125C
TVJ = 125C TVJ = 25C
max.
150 102
TVJ = 125C
10 0 0.0 50
0.5
1.0 VF
1.5
V 2.0
0 0.001
101 0.01 0.1 t s 1 1 2 3 4 5 6 7 8 910 ms t
Fig. 3 Forward current versus voltage drop per diode
120 W 100 Ptot 80
Fig. 4 Surge overload current
Fig. 5 I2t versus time per diode
50 A
RthHA :
0.5 1.0 1.5 2.0 3.0 4.0 6.0 K/W K/W K/W K/W K/W K/W K/W
40 Id(AV)M 30
60
20 40 10
20
0 0 10 20 30 40 IF(AV)M A 0 20 40 60 80 100 120 C 140
Tamb
0 0 20 40 60 80 100 120 C TH
Fig. 6 Power dissipation versus direct output current and ambient temperature
2.0 K/W 1.5 ZthJH
Fig. 7 Max. forward current versus heatsink temperature
1.0
Constants for ZthJH calculation: i Rthi (K/W) 0.005 0.2 0.875 0.47 ti (s) 0.008 0.05 0.06 0.25
0.5
1 2 3 4
0.01 0.1 1 t s 10
0.0 0.001
Fig. 8 Transient thermal impedance junction to heatsink
(c) 2000 IXYS All rights reserved
3-3


▲Up To Search▲   

 
Price & Availability of VHFD37-16IO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X