Part Number Hot Search : 
1N2428 88C681CP C3840 1N2428 IGT0550 2SK142 M7S26FAJ M82C55
Product Description
Full Text Search
 

To Download VF30C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PreliminaryData Sheet
30 Amp SUPERFAST POWER RECTIFIERS
Mechanical Dimensions
TO 3P
VF30C05 . . . 60 Series
Description
1 3 1 3 2 CASE
Common Anode Suffix A
2 CASE
Double Suffix D
1 3
2 CASE
Common Cathode Suffix C
Features
n LOW FORWARD VOLTAGE n HIGH SURGE CAPABILITY n SUPERFAST RECOVERY TIME n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC RMS Reverse Voltage...VR(rms) Average Forward Rectified Current...IF(av) TC = 150C @ Rated VDC Repetitive Peak Forward Surge Current...IFM @ Rated VDC, Square Wave, 20 KHZ, TC = 150C
VF30C05 . . . 60 Series 05 50 50 50 35 10 100 100 100 70 15 150 150 150 105 20 200 200 200 140 30 300 300 300 210 40 400 400 400 280 50 500 500 500 350 60 600 600 600 420
Units
Volts Volts Volts Volts Amps Amps Amps Amps
............................................. 15 ............................................... ............................................. 30 ............................................... ............................................. 30 ...............................................
............................................. 300 ............................................... Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Cond., 1/2 Wave, Single Phase, 60HZ Forward Voltage...VF @ IF = 15 Amps, PW = 300s DC Reverse Current...IR @ Rated DC Blocking Voltage Reverse Recovery Time...tRR IF = 1.0 Amp, di/dt = 50 Amps/S Operating & Storage Temperature Range...TJ, TSTRG TC = 150C TC = 25C TC =150C TC = 25C < ................... 1.0 .................... > < ... 1.1 .... > < ...... 1.3 ..... > < ................... 1.4 .................... > < ... 1.4 .... > < ...... 1.6 ..... > < ................... 2 5 0 .................. > < ................. 5 0 0 .............. > < ................... 5.0 .................. > < .................. 1 0 .............. > < ............................. 5 0 ................................ > < ...... 7 5 ... >
Volts Volts Amps Amps nS C
............................................. -65 to 175 .......................................
Preliminary Data Sheet
30 Amp SUPERFAST POWER RECTIFIERS
15
Forward Current Derating Curve
Non-Repetitive Peak Forward Surge Current
10 Amps Amps
5
Number of Cycles @ 60 HZ 0 25 50 75 100 125 150 175 TA = Ambient Temperature (C) Typical Reverse Characteristics Typical Junction Capacitance
1000 500 200 100 50 10 1
Amps
pF
Percent of Rated Peak Voltage Typical Instantaneous Forward Characteristics
(+) 50 25 VDC
1
Reverse Voltage (Volts) Reverse Recovery Characteristics
(-) +.5A 0A -.25A -1.0A
10
100
Non-Inductive D.U.T 10 1 NonInductive
Pulse Generator Note 2
tRR
Ratings at 25 Deg. C ambient temperature unless otherwise specified. 1 cm Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Amps
(-)
Oscilliscope (+) Note 1
Notes: 1. Rise Time = 7 nS Max. Impedance = 1 megohm, 22 pF 2. Rise Time = 10 nS Max. Source Impedance = 50 Ohms
Time Base Set @ 50/100nS/cm
Volts
VF30C05 . . . 60 Series


▲Up To Search▲   

 
Price & Availability of VF30C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X