Part Number Hot Search : 
SMP11BY TM100 2SC1127 CP8056H TA0942A ON2533 CP606 GP20B
Product Description
Full Text Search
 

To Download VCX2150A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model VCX2150A VCXO
Description and Applications:
Surface mount 15.88 mm SQ (.625"SQ) VCXO operating at a 3.3V supply with complementary CML outputs for use in datacom applications
. 2150A
VCX2150A 1280M 1280M 0203 CTS CTS 03XX PAT. PEND.
Features:
* 1280.00 MHz VCXO * Low Profile Surface Mount Package * Excellent solder reflow performance * PCB Substrate for excellent TCE match
Electrical Specifications:
VCX2150A Center Frequency Fo Supply Voltage ( 5%) Current Drain Aging (typical) Overall Frequency Stability including Temperature, Supply, 2:1 VSWR load, and Aging Operating Temperature Tuning Voltage Range Frequency Adjust over tuning voltage range Linearity RMS phase jitter RMS phase jitter (50 kHz to 80 MHz) Specification 1280.00 MHz 3.3V 100 mA max. +/-1ppm/yr @25C; +/-5ppm max over 10 yr
20 ppm
-40 to +85C 0.15V to 3.15V

80 ppm over operating temperature 10% max.
< 5 psec < 1 psec
CTS Wireless Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108 Tel. (800) 757-6686 Fax: (630) 295-6606 www.ctscorp.com
Revision: 1.1
VCX2150A
Environmental Limits:
Storage Temperature Humidity Vibration
VCXO
-40 to +90 C. 95% Relative humidity max @ 70C. 10 to 60 Hz with double amplitude of 1.52mm max. (1/2 hour in each of 3 perpendicular planes).
Mechanical Dimensions (mm):
Pin Location: 1] RF output 2] /RF output 3] Vc 4] GND 5] E/D 6] Vcc, supply voltage
Enable: Vcc Disable: GND
THIS DATA SHEET IS NOT AN OFFER FOR SALE AND SHALL NOT OBLIGATE CTS TO SELL THE PRODUCTS DESCRIBED HEREIN OR ANY OTHER PRODUCTS. CTS MAY, IN ITS SOLE DISCRETION, MODIFY OR DISCONTINUE THE SALE OF ITS PRODUCTS AT ANY TIME WITHOUT NOTICE. CTS MAKES NO WARRANTY, INCLUDING WARRANTIES OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE, WITH RESPECT TO THE PRODUCTS REFERENCED OR INFORMATION PROVIDED HEREIN.
CTS is a registered trademark of CTS Corporation.
CTS Wireless Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108 Tel. (800) 757-6686 Fax: (630) 295-6606 www.ctscorp.com
Revision: 1.1


▲Up To Search▲   

 
Price & Availability of VCX2150A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X