Part Number Hot Search : 
SSR0340 TF201212 X100XXX 57K68 00K1T AD571S 35977 OPI2152
Product Description
Full Text Search
 

To Download VCR7N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C-8
01/99
VCR2N, VCR4N, VCR7N
N-Channel Silicon Voltage Controlled Resistor JFET
Small Signal Attenuators Filters Amplifier Gain Control Oscillator Amplitude Control
Absolute maximum ratings at TA = 25C.
Reverse Gate Source & Reverse Gate Drain Voltage Continuous Forward Gate Current Continuous Device Power Dissipation Power Derating
- 15 V 10 mA 300 mW 2.4 mW/C
VCR2N At 25C free air temperature: Static Electrical Characteristics Gate Source Breakdown Voltage Gate Reverse Current Gate Source Cutoff Voltage Dynamic Electrical Characteristics Drain Source ON Resistance Drain Gate Capacitance Source Gate Capacitance rds(on) Cdg Csg 20 60 7.5 7.5 V(BR)GSS IGSS VGS(OFF) -1 NJ72 Min - 15 -5 - 3.5 Max
VCR4N NJ16 Min - 15 - 0.2 - 3.5 -7 Max Unit V nA V Process Test Conditions IG = - 1 A, VDS = OV VGS = - 15V, VDS = OV ID = - 1 A, VDS = 10V
200
600 3 3
pF pF
VGS = OV, ID = OA VDG = 10V, IS = OA VDG = 10V, ID = OA
f = 1 kHz f = 1 MHz f = 1 MHz
VCR7N At 25C free air temperature: Static Electrical Characteristics Gate Source Breakdown Voltage Gate Reverse Current Gate Source Cutoff Voltage Dynamic Electrical Characteristics Drain Source ON Resistance Drain Gate Capacitance Source Gate Capacitance rds(on) Cdg Csg 4000 8000 1.5 1.5 pF pF VGS = OV, ID = OA VDG = 10V, IS = OA VDG = 10V, ID = OA f = 1 kHz f = 1 MHz f = 1 MHz V(BR)GSS IGSS VGS(OFF) - 2.5 NJ01 Min - 15 - 0.1 -5 Max Unit V nA V Process Test Conditions IG = - 1 A, VDS = OV VGS = - 15V, VDS = OV ID = - 1 A, VDS = 10V
VCR2N & VCR4N TO18 Package
See Section G for Outline Dimensions
VCR7N TO72 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375
www.interfet.com


▲Up To Search▲   

 
Price & Availability of VCR7N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X