Part Number Hot Search : 
PA3582 GB14C40L R1300 DL4751A X25128PI AD7549KN AD7549KN 2SK2957S
Product Description
Full Text Search
 

To Download VCE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCE1 14 x 9.8 mm Crystal Oscillators
Featuring 3.3 or 5.0 Vdc Option Low Cost Tight Stability 0C to +70C and -40C to +85C Frequency Range 1 to 66.667 MHz Standard Freqs Package Options Voltage Options/ Load Drive See Standard Frequency Table E1 = 14 x 9.8 x 4.7 mm tall 4 pads A = +5.0 Vdc 10% 15pF B = +3.3 Vdc 10% 15pF E = +5.0 Vdc 10% 50pF 60/40 Symmetry 60/40 Symmetry 55/45 Symmetry 55/45 Symmetry
Electrical Options 0 = No Tristate 1 = Tristate 2 = No Tristate 3 = Tristate Tristate
N/C = OUTPUT Logic 1 = OUTPUT Logic 0 = High Impedance A = 100 PPM B = 50 PPM C = 100 PPM D = 50 PPM -55C to +125C 10 ms Maximum <5.0 PPM/first year at +40C dynamic HCMOS/TTL 8 ns maximum 40 mA Maximum Tape & Reel ** Consult Factory for Frequency Available VCE1-A1A-40M000 E1 = 14 x 9.8 x 4.7 mm tall 4 pads A = +5.0 Vdc 1 = Tristate 60/40 Symmetry A = 100 PPM 0C to 70C Generate your own part number! We welcome your custom requests and will issue a custom part number for items that are not listed. 0C to +70C 0C to +70C -40C to +85C -40C to +85C
Stability Options
Storage Temperature Start-Up Aging (Typical) Load Tr & Tf Current Standard Packaging Typical P/N


▲Up To Search▲   

 
Price & Availability of VCE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X