Part Number Hot Search : 
PT12133 ST1041 01580 32200 ISF0505A A25L16 APT30DQ LA73050
Product Description
Full Text Search
 

To Download VBE100-12NO7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VBE 100-12NO7
Single Phase Rectifier Bridge
with Fast Recovery Epitaxial Diodes (FRED) in ECO-PAC 2
Preliminary data sheet
VRSM V 1200 VRRM V 1200 VBE 100-12NO7
EG 1
IdAV = 100 A VRRM = 1200 V trr = 40 ns
Typ
PS16
~L 9 ~ K10
Pin arangement see outlines
B3
Symbol IdAV IdAVM IFSM
Conditions TC = 70C, module TVJ = 45C VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 100 100 500 525 415 440 1250 1160 860 820 -40...+150 150 -40...+125 A A A A A A A2 s A2 s A2s A2 s C C C V~ V~
Features * Package with DCB ceramic base plate in low profile * Isolation voltage 3000 V~ * Planar passivated chips * Low forward voltage drop * Leads suitable for PC board soldering Applications * Supplies for DC power equipment * Input and output rectifiers for high frequency * Battery DC power supplies * Field supply for DC motors Advantages * Space and weight savings * Improved temperature and power cycling capability * Small and light weight * Low noise switching Dimensions in mm (1 mm = 0.0394")
I2t
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
TVJ TVJM Tstg VISOL Md Weight Symbol IR VF VT0 rT RthJC RthCH IRM trr a dS dA 50/60 Hz, RMS IISOL 1 mA t = 1 min t=1s
3000 3600
Mounting torque (M4) typ. Conditions VR = VRRM VR = VRRM IF = 60 A TVJ = 25C TVJ = TVJM TVJ = 25C
1.5-2/14-18 Nm/lb.in. 24 g Characteristic Values
typ. max.
1 2.5 2.7
mA mA V
for power-loss calculations only per diode; DC current per diode, DC current, typ. IF = 130 A, -diF/dt = 100 A/s VR = 100 V, TVJ = 100C IF = 1 A; -di/dt = 300 A/s; VR = 30 V, TVJ = 25C Max. allowable acceleration creeping distance on surface creepage distance in air 7 40
1.07 V 8.2 m 0.8 K/W 0.2 K/W 1.5 A ns m/s2 mm mm
241
50 11.2 9.7
Data according to IEC 60747 refer to a single diode unless otherwise stated for resistive load at bridge output.
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2002 IXYS All rights reserved
1-2
VBE 100-12NO7
100 A 80 IF 60
TVJ = 150C TVJ = 100C TVJ = 25C
10 C Qr 8
TVJ = 100C VR = 600 V
100 A 80 IRM
IF = 30 A IF = 15 A IF = 7.5 A IF = 30 A TVJ = 100C VR = 600 V
6
60
IF = 15 A IF = 7.5 A
40
4
40
20
2
20
0 0 1 2 VF
DWLP55-12
V
3
0 100
DWLP55-12
0 0 200 400
DWLP55-12
A/s 1000 -diF/dt
600 A/s 1000 800 -diF/dt
B3
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
280 ns
TVJ = 100C VR = 600 V
Fig. 3 Peak reverse current IRM versus -diF/dt
120
tfr TVJ = 100C VR = 15 A VFR
2.0
1.2 s tfr 0.8
V VFR 80
1.5 Kf 1.0
IRM
trr 240
IF = 30 A IF = 15 A IF = 7.5 A
200 0.5
Qr
40
0.4
DWLP55-12
0.0 0 40 80 TVJ
DWLP55-12
160 0 200 400 600 -diF/dt
DWLP55-12
0 0 200 400
120 C 160
800 A/s 1000
0.0 600 A/s 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W ZthJC
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt
0.1
0.01 0.0001
VBE100-12
0.001
0.01
0.1
1 t
s
10
Fig. 7 Typical transient thermal resistance junction to case
NOTE: Fig. 2 to Fig. 6 shows typical values
241
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2002 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of VBE100-12NO7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X