Part Number Hot Search : 
LDT464 06L50F 256710 F931C105 AOZ1018 ISL88731 62007 M75057
Product Description
Full Text Search
 

To Download V7PC-10AT5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTERS
12V Input / 50% Tracking Output / 10A
V7PC-10AT5 Series
* * * * * Industry standard pinout
PRELIMINARY
Designed specifically for Bus Termination voltages Capable of sinking and sourcing current Remote on/off Remote sense
Description
The V7PC-10AT5 is non-isolated step down DC/DC converters that operate from a nominal 12V source. These converters are designed specifically to provide bus termination voltages in applications such as DDR (double data rate) memory where the bus termination voltage must closely track the I/O bus voltage. The converter accepts a reference input and uses this to program its output voltage to 50% of the reference. The unit is packaged in an industry-standard single-in-line footprint and provides a maximum 10A output. Standard features include remote on/off, over current protection and remote sense.
Part Selection
Output Voltage Vref / 2 Input Voltage 12V Max. Output Current 10A Max. Output Power 20W Typical Efficiency 82% Model Number V7PC-10AT5S
Input Specifications
Parameter Input Voltage Range Input Reference Voltage Input Current (no load) Input Current (full load) Reflected Ripple Current Min 10.8VDC Typ Max 13.2 VDC 3.5 VDC 3.8A 50mA rms 180mA p-p Notes
50mA With a simulated source impedance of 500nH, 5Hz to 20 MHz
Output Specifications
Parameter Output Current Regulation Setpoint Accuracy Line Regulation Load Regulation Temperature Ripple and Noise Min 0A -1.0% -0.3% -0.3% -0.02%/C Typ Max 10A +1.0% +0.3% +0.4% +0.02%/C 100mV pk-pk 25mV rms Notes Total error band of 3% over all operating conditions and temperatures until end of life. 0 to 20MHz Bandwidth Use 0.1uF ceramic and 470uF aluminum on output
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input / 50% Tracking Output / 10A
Output Specifications (continued)
Parameter Transient Response Max deviation Recovery to within 1% Remote Sense Compensation 0.5VDC Min Typ Max 150mV 70uS Notes di/dt = 1A/uS, Vin =12VDC Ta = 25C, 50-100% load change.
General Specifications
Parameter Switching Frequency Dimensions inches mm Pin Length inches mm Weight Operating Temperature Non-Operating Temperature MTBF (MIL-HDBK-217K) Protection Features Short circuit Over current Undervoltage Remote On/Off 0.13 0.02 3.3 0.5 9.5 g 0C to 70C (see curve) -40C to 100C >1,000,000 hours Continuous 130% to 250% max Io UVLO Vin < 9.8V Active High Specification 200kHz typical (fixed) 2.50 x 0.55 x 0.36 63.5 x 14.0 x 9.0
Pin Connections
Pin 1 2 3 4 5 6 7 8 9 10 11 Function +Vo +Vo Remote Sense (+) +Vo Ground Ground +Vin +Vin No pin Vref In Remote ON/OFF
0.025 [0.064]
2002 Bel Fuse Inc. Specifications subject to change without notice. 051502
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of V7PC-10AT5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X