Part Number Hot Search : 
ZTK33A UZ790HR2 278BZC AD7401 15025 74HC4066 B360B 2SA102
Product Description
Full Text Search
 

To Download V751DHB34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Varistor Products
High Energy Industrial
DHB34 Varistor Series
NEW
(R)
(R)
The DHB34 Series of transient surge suppressors are industrial highenergy Metal-Oxide Varistors (MOVs). They are designed to provide surge suppression in the AC mains outdoor and service entrance environment (distribution panels) of buildings. DHB34 applications also include industrial heavy motors, controls, and power supplies such as used in the oil-drilling, mining, and transportation fields, including HVAC and motor/generator applications. The DHB34 Series provides rigid terminals for through-hole solder mounting on printed circuit boards, thereby eliminating the need for screw mounting. See Ratings and Specifications table for part numbers.
2
VARISTOR PRODUCTS
109
Features
* Wide Operating Voltage Range VM(AC)RMS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110V to 750V * High Energy Absorption Capability. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .WTM = 220J to 1050J * High Peak Pulse Current Capability . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ITM = 40,000A* * Rigid Terminals for Secure Through-Hole Solder Mounting * No Derating Up to 85oC Ambient
AGENCY APPROVALS: Recognized under the components program of Underwriters Laboratories. Certified by CSA. AGENCY FILE NUMBERS: UL 1449, E75961, UL1414, E56529,
CSA LR91788.
* NOTE: Ratings are for each individual varistor element in a dual assembly.
w w w. l i t t e l f u s e . c o m
Varistor Products
High Energy Industrial
DHB34 Varistor Series
Absolute Maximum Ratings
For ratings of individual members of a series, see Device Ratings and Specifications chart
Continuous: DHB34 SERIES Steady State Applied Voltage: AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110 to 750 DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148 to 970 Transient: Peak Pulse Current (ITM) For 8/20s Current Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40,000 Single Pulse Energy Range For 2ms Current Square Wave (WTM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 to 1050 Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 85 Storage Temperature Range (TSTG). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125 Temperature Coefficient (V) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
UNITS
V V
A J C C %/OC
O O
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications
MAXIMUM RATINGS (85 oC) CONTINUOUS TRANSIENT PEAK CURRENT (8/20s) ITM (A) 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000
1
SPECIFICATIONS (25 oC) MAXIMUM CLAMPING VOLTAGE (VC) AT 200A (8/20s) VC (V) 288 345 375 405 468 533 650 730 780 830 843 894
VRMS SIZE MODEL NUMBER V111DHB34 V131DHB34 V141DHB34 V151DHB34 V181DHB34 V201DHB34 V251DHB34 V271DHB34 V301DHB34 V321DHB34 V331DHB34 V351DHB34 (mm) 34 34 34 34 34 34 34 34 34 34 34 34 VM(AC) (V) 110 130 140 150 180 200 250 275 300 320 330 350
VDC VM(DC) (V) 148 175 188 200 240 265 330 369 410 420 435 460
ENERGY (2ms) WTM (V) 220 270 291 300 330 350 370 400 430 460 475 500
VARISTOR VOLTAGE AT 1mA DC TEST CURRENT MIN (V) 156 184 198 212 254 283 354 389 433 462 467 495 VN(DC) (V) 173 200 220 240 282 314 390 430 478 510 519 550 MAX (V) 190 228 248 268 310 345 429 473 526 561 570 604
TYPICAL CAPACITANCE f = 1MHz (pF) 11,600 10,000 9,000 8,000 6,800 6,350 5,000 4,500 4,100 3,800 3,750 3,600
2
3
4
NOTE: Ratings are for each individual varistor element in dual assembly. 1. Average power dissipation of transients not to exceed 2.0W per varistor element (2 varistors per device). 2. 40kA capability depends on applications rated up to 115VRMS . 30kA applies if > 115 VRMS . 3. 40kA capability depends on applications rated up to 123V RMS . 30kA applies if > 123 VRMS . 4. 40kA capability depends on applications rated up to 132V RMS . 30kA applies if > 132 VRMS . 5. 40kA capability depends on applications rated up to 97VRMS. 30kA applies if > 97 VRMS.
110
w w w. l i t t e l f u s e . c o m
Varistor Products
High Energy Industrial
DHB34 Varistor Series
Device Ratings and Specifications
MAXIMUM RATINGS (85 oC) CONTINUOUS TRANSIENT PEAK CURRENT (8/20s) ITM (A) 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000 40,000 MIN (V) 545 610 622 670 735 778 805 940 962 1080 VARISTOR VOLTAGE AT 1mA DC TEST CURRENT VN(DC) (V) 604 680 691 750 820 864 910 1050 1068 1200 MAX (V) 663 748 759 825 910 949 1000 1160 1173 1320 SPECIFICATIONS (25 oC) MAXIMUM CLAMPING VOLTAGE (VC) AT 200A (8/20s) VC (V) 1,000 1,130 1,147 1,240 1,350 1,404 1,480 1,720 1,777 2,000
VRMS SIZE MODEL NUMBER V391DHB34 V421DHB34 V441DHB34 V481DHB34 V511DHB34 V551DHB34 V571DHB34 V661DHB34 V681DHB34 V751DHB34 (mm) 34 34 34 34 34 34 34 34 34 34 VM(AC) (V) 385 420 440 480 510 550 575 660 680 750
VDC VM(DC) (V) 510 560 585 640 675 710 730 850 875 970
ENERGY (2ms) WTM (V) 550 600 630 650 700 755 770 900 925 1050
TYPICAL CAPACITANCE f = 1MHz (pF) 3,500 3,000 2,900 2,700 2,500 2,390 2,200 2,000 1,900 1,800
2
VARISTOR PRODUCTS
NOTE: Ratings are for each individual varistor element in dual assembly. 1. Average power dissipation of transients not to exceed 2.0W per varistor element (2 varistors per device). 2. 40kA capability depends on applications rated up to 115VRMS . 30kA applies if > 115 VRMS . 3. 40kA capability depends on applications rated up to 123V RMS . 30kA applies if > 123 VRMS . 4. 40kA capability depends on applications rated up to 132V RMS . 30kA applies if > 132 VRMS . 5. 40kA capability depends on applications rated up to 97VRMS. 30kA applies if > 97 VRMS.
w w w. l i t t e l f u s e . c o m
111
Varistor Products
High Energy Industrial
DHB34 Varistor Series
Power Dissipation Ratings
PERCENT OF PEAK VALUE
Should transients occur in rapid succession, the average power dissipation result is simply the energy (watt-seconds) per pulse times the number of pulses per second. The power so developed must be within the specifications shown on the Device Ratings and Specifications table for the specific device. The operating values must be derated as shown in Figure 1.
100 90
50
10 O1 T T1 T2 TIME
O1 = Virtual Origin of Wave T = Time From 10% to 90% of Peak T1 = Virtual Front time = 1.25 * t T2 = Virtual Time to Half Value (Impulse Duration) Example: For an 8/20s Current Waveform: 8s = T1 = Virtual Front Time 20s = T2 = Virtual Time to Half Value FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
Transient V-I Characteristics Curves
10000
Maximum Clamping Voltage DHB34 Series 110 to 750V AC Rating
V661
Voltage Volts
TA = -55 C to 85C
V751 V681
V511
V551
V571
1000
V481 V141 V131 V441
Current - AMPS
100 0.001 0.01 0.1 1 10 100 1000
V111
V151
10000 100000
V421 V391 V351 V331 V321 V301 V271 V251 V201 V181
FIGURE 3. CLAMPING VOLTAGE FOR DHB34 SERIES
112
w w w. l i t t e l f u s e . c o m
Varistor Products
High Energy Industrial
DHB34 Varistor Series
Pulse Rating Curves
50,000 1 20,000 10,000 SURGE CURRENT (A) 5,000 2,000 1,000 500 200 100 50 20 10 INDEFINITE 20 100 1,000 IMPULSE DURA TION ( s)
0.51 typ S2 3.7 typ
Dia 3.81 +/- 0.08
Mechanical Dimensions
DISC SIZE 34mm V131DHB34 - V751DHB34
37.5 max T max
2 10 102 103 104 105
106
2
56 max
12.7 typ
10,000
S1 25.4 +/- 0.5
FIGURE 4. SURGE CURRENT RATING CURVES FOR V131DHB34 - V751DHB34
7.06 +/- 0.2
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than 10% could result. This type of shift, which normally results in a decrease of VN(DC), may result in the device not meeting the original published specifications, but it does not prevent the device from continuing to function, and to provide ample protection.
Terminals Configuration: Terminals A & B are connected to one varistor element. Terminals B & C connected to second varistor element. Terminal materials: Tin Plated over copper.
TABLE OF DIMENSIONS THICKNESS AND TERMINAL OFFSETS S1 +/- 1.15 mm 2.65 2.85 3.00 3.15 3.25 3.35 3.00 3.25 3.50 3.66 3.70 4.10 4.45 4.50 4.55 4.80 5.25 5.70 5.80 6.65 7.00 7.35 S2 +/- 2.30mm 5.50 5.70 6.00 6.30 6.50 6.70 6.00 6.50 7.00 7.24 7.40 8.20 8.90 9.00 9.10 9.60 10.50 11.40 11.60 13.30 14.00 14.70
TYPE V111DHB34 V131DHB34 V141DHB34
T MAX 7.6 7.8 8.2 8.8 9.0 9.2 7.8 8.7 8.9 9.3 9.5 10.5 11.2 11.3 11.5 12.2 13.4 14.6 14.8 17.20 17.5 18.20
Ordering Information
V 13 1DHB 34
VARISTOR DESIGNATOR DISC SIZE (mm)
V151DHB34 V181DHB34 V201DHB34 V251DHB34 V271DHB34
MAX AC RMS WORKING VOLTAGE (FIRST SIGNIFICANT DIGITS) V M(AC)
SERIES DESIGNATOR
V301DHB34 V321DHB34 V331DHB34 V351DHB34 V391DHB34 V421DHB34 V441DHB34 V481DHB34 V511DHB34 V551DHB34 V571DHB34 V661DHB34 V681DHB34 V751DHB34
VM(AC) VOLTAGE DECADE MULTIPLIER
w w w. l i t t e l f u s e . c o m
113
VARISTOR PRODUCTS


▲Up To Search▲   

 
Price & Availability of V751DHB34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X