Part Number Hot Search : 
BCV29TA P6KE68 74LS160A TC534 ZN427E8 TM8309 KF5N50DR AMIS30
Product Description
Full Text Search
 

To Download V43644R04VCTG-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSEL VITELIC
V43644R04VCTG-75 3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
PRELIMINARY
Features
s 168 Pin Unbuffered 4,194,304 x 64 bit Oganization SDRAM DIMM s Utilizes High Performance 64Mbit, 4M x 16 SDRAM in TSOPII-54 Packages s Fully PC Board Layout Compatible to INTEL'S Rev 1.0 Module Specification s Single +3.3V ( 0.3V) Power Supply s Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave) s Auto Refresh (CBR) and Self Refresh s All Inputs, Outputs are LVTTL Compatible s 4096 Refresh Cycles every 64 ms s Serial Present Detect (SPD) s SDRAM Performance
Component Used
tCK tAC Clock Frequency (max.) Clock Access Time CAS Latency = 3
Description
The V43644R04VCTG-75 memory module is organized 4,194,304 x 64 bits in a 168 pin dual in line memory module (DIMM). The 4M x 64 memory module uses 4 Mosel-Vitelic 4M x 16 SDRAM. The x64 modules are ideal for use in high performance computer systems where increased memory density and fast access times are required.
-7
143 5.4
Units
MHz ns
s Supported Latencies at 133 MHz Operation
CL
3
tRCD
3
tRP
3
tRC
8 CLK
V43644R04VCTG-75 Rev. 1.1 September 2000
1
MOSEL VITELIC
Pin Configurations (Front Side/Back Side)
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Front VSS I/O1 I/O2 I/O3 I/O4 VCC I/O5 I/O6 I/O7 I/O8 I/O9 VSS I/O10 I/O11 I/O12 I/O13 I/O14 VCC I/O15 I/O16 CBO* CB1* VSS NC NC VCC WE DQM0 Pin 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 Front DQM1 CS0 DU VSS A0 A2 A4 A6 A8 A10(AP) BA1 VCC VCC CLK0 VSS DU CS2 DQM2 DQM3 DU VCC NC NC CB2* CB3* VSS I/O17 I/O18 Pin 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 Front I/O19 I/O20 VCC I/O21 NC DU CKE1 VSS I/O22 I/O23 I/O24 VSS I/O25 I/O26 I/O27 I/O28 VCC I/O29 I/O30 I/O31 I/O32 VSS CLK2 NC WP SDA SCL VCC Pin 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 Back VSS I/O33 I/O34 I/O35 I/O36 VCC I/O37 I/O38 I/O39 I/O40 I/O41 VSS I/O42 I/O43 I/O44 I/O45 I/O46 VCC I/O47 I/O48 CB4* CB5* VSS NC NC VCC CAS DQM4 Pin 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140
V43644R04VCTG-75
Back DQM5 CS1 RAS VSS A1 A3 A5 A7 A9 BA0 A11 VCC CLK1 NC VSS CKE0 CS3 DQM6 DQM7 DU VCC NC NC CB6* CB7* VSS I/O49 I/O50
Pin 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168
Back I/O51 I/O52 VCC I/O53 NC DU NC VSS I/O54 I/O55 I/O56 VSS I/O57 I/O58 I/O59 I/O60 VCC I/O61 I/O62 I/O63 I/O64 VSS CLK3 NC SA0 SA1 SA2 VCC
Notes:
* These pins are not used in this module.
Pin Names
A0-A11 I/O1-I/O64 RAS CAS WE BA0, BA1 CKE0, CKE1 CS0-CS3 CLK0-CLK3 DQM0-DQM7 VCC VSS SCL Address Inputs Data Inputs/Outputs Row Address Strobe Column Address Strobe Read/Write Input Bank Selects Clock Enable Chip Select Clock Input Data Mask Power (+3.3 Volts) Ground Clock for Presence Detect
SDA SA0-A2 CB0-CB7 NC DU
Serial Data OUT for Presence Detect Serial Data IN for Presence Detect Check Bits (x72 Organization) No Connection Don't Use
V43644R04VCTG-75 Rev. 1.1 September 2000
2
MOSEL VITELIC
Part Number Information
V
MOSEL-VITELIC MANUFACTURED TSOP SDRAM
V43644R04VCTG-75
4
3
64
4
R
0
4
V
C
T
G
GOLD
75
133 MHz (PC133 3-3-3)
3.3V WIDTH DEPTH 168 PIN UNBUFFERED DIMM X 16 COMPONENT LVTTL 4 BANKS REFRESH RATE 4K
COMPONENT REVISION LEVEL BLANK = B REV. C = C REV.
Block Diagram
CS0 DQM0 I/O1-I/O8 10 DQM1 I/O9-I/O16 10 UDQM I/O1-I/O8 D0 DQM5 I/O41-I/O48 10 CS LDQM I/O1-I/O8 DQM4 I/O33-I/O40 10 UDQM I/O1-I/O8 D2 CS LDQM I/O1-I/O8
DQM2 I/O17-I/O24 10 DQM3 I/O25-I/O32 10
CS LDQM I/O1-I/O8 UDQM I/O1-I/O8
DQM6 I/O49-I/O56 10 D1 DQM7 I/O57-I/O64 10 CKE0 RAS, CAS, WE A(11:0)
CS LDQM I/O1-I/O8 UDQM I/O1-I/O8
D3
E2PROM SPD (256 WORD X 8 BIT) SCL SA2 SA1 SA0 SDA WP
CKE: SDRAM D0-D3 SDRAM D0-D3 A(11:0): SDRAM D0-D3 BA0, BA1: SDRAM D0-D3 D0-D3 D0-D3 10 CLK1, CLK3 10pF
BA0, BA1
47K
VCC VSS CLOCK WIRING CLK0 CLK1 CLK2 CLK3 4 SDRAM +15pF Termination Termination Termination
V43644R04VCTG-75 Rev. 1.1 September 2000
3
MOSEL VITELIC
Serial Presence Detect Information
A serial presence detect storage device - E PROM - is assembled onto the module. Information about the module configuration, speed, etc. is
2
V43644R04VCTG-75
written into the E2PROM device during module production using a serial presence detect protocol (I2C synchronous 2-wire bus)
SPD-Table for PC133 modules:
Hex Value Byte Number
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Function Described
Number of SPD bytes Total bytes in Serial PD Memory Type Number of Row Addresses (without BS bits) Number of Column Addresses (for x16 SDRAM) Number of DIMM Banks Module Data Width Module Data Width (continued) Module Interface Levels SDRAM Cycle Time at CL=3 SDRAM Access Time from Clock at CL=3 Dimm Config (Error Det/Corr.) Refresh Rate/Type SDRAM width, Primary Error Checking SDRAM Data Width Minimum Clock Delay from Back to Back Random Column Address Burst Length Supported Number of SDRAM Banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM Module Attributes SDRAM Device Attributes: General Minimum Clock Cycle Time at CAS Latency = 2 Maximum Data Access Time from Clock for CL = 2 Minimum Clock Cycle Time at CL = 1 Maximum Data Access Time from Clock at CL = 1 Minimum Row Precharge Time Minimum Row Active to Row Active Delay tRRD Minimum RAS to CAS Delay tRCD Minimum RAS Pulse Width tRAS
SPD Entry Value
128 256 SDRAM 12 8 1 64 0 LVTTL 7.5 ns 5.4 ns none Self-Refresh, 15.6s x16 n/a / x8 tccd = 1 CLK 1, 2, 4, 8 & full Page 4 CL = 3 CS Latency = 0 WL = 0 Non Buffered/Non Reg. Vcc tol 10% Not Supported Not Supported Not Supported Not Supported 20 ns 15 ns 20 ns 45 ns
4Mx64
80 08 04 0C 08 01 40 00 01 75 54 00 80 10 00 01
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
8F 04 04 01 01 00 0E 00 00 00 00 14 0F 14 2D
V43644R04VCTG-75 Rev. 1.1 September 2000
4
MOSEL VITELIC
SPD-Table for PC133 modules: (Continued)
V43644R04VCTG-75
Hex Value Byte Number
31 32 33 34 35 62-61 62 63 64 65-71 72 73-90 91-92 93 94 95-98 99-125 126 127 128+
Function Described
Module Bank Density (Per Bank) SDRAM Input Setup Time SDRAM Input Hold Time SDRAM Data Input Setup Time SDRAM Data Input Hold Time Superset Information (May be used in Future) SPD Revision Checksum for Bytes 0 - 62 Manufacturer's JEDEC ID Code Manufacturer's JEDEC ID Code (cont.) Manufacturing Location Module Part Number (ASCII) PCB Identification Code Assembly Manufacturing Date (Year) Assembly Manufacturing Date (Week) Assembly Serial Number Reserved Intel Specification for Frequency Reserved Unused Storage Location
SPD Entry Value
32 MByte 1.5 ns 0.8 ns 1.5 ns 0.8 ns
4Mx64
08 15 08 15 08 00
Revision 2
02 8B
Mosel Vitelic
40 00
V43644R04VCTG-75
00 64 00 00
TA = 0C to 70C; VSS = 0 V; VDD, VDDQ = 3.3V 0.3V
Limit Values Symbol
VIH VIL VOH VOL II(L) IO(L)
DC Characteristics
Parameter
Input High Voltage Input Low Voltage Output High Voltage (IOUT = -2.0 mA) Output Low Voltage (IOUT = 2.0 mA) Input Leakage Current, any input (0 V < VIN < 3.6 V, all other inputs = 0V) Output leakage current (DQ is disabled, 0V < VOUT < VCC)
Min.
2.0 -0.5 2.4 -- -40
Max.
VCC+0.3 0.8 -- 0.4 40
Unit
V V V V A A
-40
40
V43644R04VCTG-75 Rev. 1.1 September 2000
5
MOSEL VITELIC
Capacitance
TA = 0C to 70C; VDD = 3.3V 0.3V, f = 1 MHz
V43644R04VCTG-75
Limit Values Symbol
CI1 CI2 CICL CI3 CI4 CIO CSC CSD
Parameter
Input Capacitance (A0 to A11, RAS, CAS, WE) Input Capacitance (CS0-CS3) Input Capacitance (CLK0-CLK3) Input Capacitance (CKE0, CKE1) Input Capacitance (DQM0-DQM7) Input/Output Capacitance (I/O1-I/064) Input Capacitance (SCL, SA0-2) Input/Output Capacitance (SA0-SA2)
Max. 4M x 64
60 30 22 50 15 15 8 10
Unit
pF pF pF pF pF pF pF pF
Operating Currents
TA = 0C to 70C, VCC = 3.3V 0.3V (Recommended operating conditions otherwise noted)
Max. Symbol
ICC1
Parameter & Test Condition
Operating Current tRC = tRCMIN., tRC = tCKMIN. Active-precharge command cycling, without Burst Operation Precharge Standby Current in Power Down Mode CS =VIH, CKE VIL(max) 1 bank operation
-75
600
Unit
mA
Note
7
ICC2P
tCK = min. tCK = Infinity
8
mA
7
ICC2PS ICC2N Precharge Standby Current in Non-Power Down Mode CS =VIH, CKE VIL(max)
4 180
mA mA
7
tCK = min. tCK = Infinity
ICC2NS ICC3 No Operating Current tCK = min, CS = VIH(min) bank ; active state ( 4 banks)
20 230
mA mA
CKE VIH(MIN.) CKE VIL(MAX.) (Power down mode)
ICC3P
32
mA
ICC4
Burst Operating Current tCK = min Read/Write command cycling Auto Refresh Current tCK = min Auto Refresh command cycling Self Refresh Current Self Refresh Mode, CKE=0.2V
480
mA
7,8
ICC5
600
mA
7
ICC6
4 L-version 1.6
mA mA
Notes: 1. These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and tRC. Input signals are changed one time during tCK. 2. These parameter depend on output loading. Specified values are obtained with output open.
V43644R04VCTG-75 Rev. 1.1 September 2000
6
MOSEL VITELIC
AC Characteristics
V43644R04VCTG-75
TA = 0 to 70C; VSS = 0V; VCC = 3.3V 0.3V, tT = 1 ns
Limit Values -75 # Symbol Parameter Min. Max. Unit Note
Clock and Clock Enable
1 tCK Clock Cycle Time CAS Latency = 3 CAS Latency = 2 Clock Frequency CAS Latency = 3 CAS Latency = 2 Access Time from Clock CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Transition Tim 7.5 10 - - s ns ns
2
tCK
- -
133 100
MHz MHz 2, 4
3
tAC
- _ 2.5 2.5 0.3
5.4 6 - - 1.2
ns ns ns ns ns
4 5 6
tCH tCL tT
Setup and Hold Times
7 8 9 10 11 12 tIS tIH tCKS tCKH tRSC tSB Input Setup Time Input Hold Time Input Setup Time CKE Hold Time Mode Register Set-up Time Power Down Mode Entry Time 1.5 0.8 1.5 0.8 15 0 - - - - - 7.5 ns ns ns ns ns ns 5 5 5 5
Common Parameters
13 14 15 16 17 18 tRCD tRP tRAS tRC tRRD tCCD Row to Column Delay Time Row Precharge Time Row Active Time Row Cycle Time Activate(a) to Activate(b) Command Period CAS(a) to CAS(b) Command Period 20 20 45 60 15 1 - - 100K - - - ns ns ns ns ns CLK 6 6 6 6 6
Refresh Cycle
19 20 tREF tSREX Refresh Period (4096 cycles) Self Refresh Exit Time
--
64
ms ns
10
V43644R04VCTG-75 Rev. 1.1 September 2000
7
MOSEL VITELIC
AC Characteristics
TA = 0 to 70C; VSS = 0V; VCC = 3.3V 0.3V, tT = 1 ns (Continued)
V43644R04VCTG-75
Limit Values -75 # Symbol Parameter Min. Max. Unit Note
Read Cycle
21 22 23 24 tOH tLZ tHZ tDQZ Data Out Hold Time Data Out to Low Impedance Time Data Out to High Impedance Time DQM Data Out Disable Latency 2.7 1 - - - - 5.4 2 ns ns ns CLK 7 2
Write Cycle
25 26 tWR tDQW Write Recovery Time DQM Write Mask Latency 1 0 - - CLK CLK
V43644R04VCTG-75 Rev. 1.1 September 2000
8
MOSEL VITELIC
Notes:
V43644R04VCTG-75
1. The specified values are valid when addresses are changed no more than once during tCK(min.) and when No Operation commands are registered on every rising clock edge during tRC(min). Values are shown per module bank. 2. The specified values are valid when data inputs (DQ's) are stable during tRC(min.). 3. All AC characteristics are shown for device level. An initial pause of 100 s is required after power-up, then a Precharge All Banks command must be given followed by 8 Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. 4. AC timing tests have VIL = 0.4V and VIH = 2.4V with the timing referenced to the 1.4V crossover point. The transition time is measured between VIH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit shown. Specific tac and toh parameters are measured with a 50 pF only, without any resistive termination and with a input signal of 1V / ns edge rate between 0.8V and 2.0V.
tCH 2.4V CLOCK 0.4V
+ 1.4 V 50 Ohm Z=50 Ohm I/O 50 pF
tCL
tSETUP tHOLD
tT
INPUT
1.4V
tAC tLZ tOH
tAC
I/O 50 pF
1.4V
OUTPUT
Measurement conditions for tac and toh
tHZ
5. If clock rising time is longer than 1 ns, a time (tT/2 -0.5) ns has to be added to this parameter. 6. Rated at 1.5V 7. If tT is longer than 1 ns, a time (tT -1) ns has to be added to this parameter. 8. Any time that the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to "wake-up" the device. 9. Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command is registered. 10. 11. Referenced to the time which the output achieves the open circuit condition, not to output voltage levels. tDAL is equivalent to tDPL + tRP.
V43644R04VCTG-75 Rev. 1.1 September 2000
9
MOSEL VITELIC
Package Diagram
SDRAM DIMM Module Package
V43644R04VCTG-75
All measurements in mm
133.35
127.35
(2.54 max)
1 3.0
10
11
40
41
84
42.18 66.68 A B C
17.78
35.00
1.27 0.100
85
94
95
124
125
168
D
6.35
6.35
1.27
1.0 + 0.5
3.125
3.125
2.4 min.
0.2 0.15
2.0 Detail A 2.26 Detail B
2.0 Detail C
8.25
4.45
RADIUS 1.27 + 0.10
Tolerances: (0.13) unless otherwise specified.
V43644R04VCTG-75 Rev. 1.1 September 2000
10
MOSEL VITELIC
Label Information
MOSEL VITELIC
Part Number Criteria of PC100 or PC133 (refer to MVI datasheet)
V43644R04VCTG-75
V43644R04VCTG-75 PC133U-333-542-A Taiwan XXXX-XXXXXXX
DIMM manufacture date code
Trace Code
PC133 U - 333 - 54 2 - A
UNBUFFERED DIMM CL = 3 (CLK) tRCD = 3 (CLK) tRP = 3 (CLK) Gerber file Intel(R) PC100 x 8 Based JEDEC SPD Revision 2.0 tAC = 5.4 ns
V43644R04VCTG-75 Rev. 1.1 September 2000
11
MOSEL VITELIC
U.S.A.
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
WORLDWIDE OFFICES
TAIWAN
7F, NO. 102 MIN-CHUAN E. ROAD, SEC. 3 TAIPEI PHONE: 886-2-2545-1213 FAX: 886-2-2545-1209 NO 19 LI HSIN ROAD SCIENCE BASED IND. PARK HSIN CHU, TAIWAN, R.O.C. PHONE: 886-3-579-5888 FAX: 886-3-566-5888
V43644R04VCTG-75
UK & IRELAND
SUITE 50, GROVEWOOD BUSINESS CENTRE STRATHCLYDE BUSINESS PARK BELLSHILL, LANARKSHIRE, SCOTLAND, ML4 3NQ PHONE: 01698-748515 FAX: 01698-748516
SINGAPORE
10 ANSON ROAD #23-13 INTERNATIONAL PLAZA SINGAPORE 079903 PHONE: 65-3231801 FAX: 65-3237013
HONG KONG
19 DAI FU STREET TAIPO INDUSTRIAL ESTATE TAIPO, NT, HONG KONG PHONE: 852-2666-3307 FAX: 852-2770-8011
JAPAN
WBG MARIVE WEST 25F 6, NAKASE 2-CHOME MIHAMA-KU, CHIBA-SHI CHIBA 261-7125 PHONE: 81-43-299-6000 FAX: 81-43-299-6555
GERMANY (CONTINENTAL EUROPE & ISRAEL)
71083 HERRENBERG BENZSTR. 32 GERMANY PHONE: +49 7032 2796-0 FAX: +49 7032 2796 22
U.S. SALES OFFICES
NORTHWESTERN
3910 NORTH FIRST STREET SAN JOSE, CA 95134 PHONE: 408-433-6000 FAX: 408-433-0952
SOUTHWESTERN
302 N. EL CAMINO REAL #200 SAN CLEMENTE, CA 92672 PHONE: 949-361-7873 FAX: 949-361-7807
CENTRAL, NORTHEASTERN & SOUTHEASTERN
604 FIELDWOOD CIRCLE RICHARDSON, TX 75081 PHONE: 972-690-1402 FAX: 972-690-0341
(c) Copyright 2000, MOSEL VITELIC Inc.
9/00 Printed in U.S.A.
The information in this document is subject to change without notice. MOSEL VITELIC makes no commitment to update or keep current the information contained in this document. No part of this document may be copied or reproduced in any form or by any means without the prior written consent of MOSEL-VITELIC.
MOSEL VITELIC subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applications. MOSEL VITELIC does not do testing appropriate to provide 100% product quality assurance and does not assume any liability for consequential or incidental arising from any use of its products. If such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications.
MOSEL VITELIC
3910 N. First Street, San Jose, CA 95134-1501 Ph: (408) 433-6000 Fax: (408) 433-0952 Tlx: 371-9461


▲Up To Search▲   

 
Price & Availability of V43644R04VCTG-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X