|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V330ME03 9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722 VOLTAGE CONTROLLED OSCILLATOR Rev PHASE NOISE (1 Hz BW, typical) -60 -70 (f) (dBc/Hz) -80 -90 -100 -110 -120 -130 -140 -150 1 E+3 10 E+3 100 E+3 FEATURES 310 - 366 * Frequency Range: * Tuning Voltage: 0.5-4.5 Vdc * MINI-16 - Style Package APPLICATIONS * * * MHz OFFSET (Hz) VALUE 310 - 366 -106 -13 0.5-4.5 26 63 50 250 <3 <1 -40 to 85 MINI-16 UNITS MHz dBc/Hz dBc Vdc MHz/V dBm Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing Pulling (14 dB Return Loss, Any Phase) PERFORMANCE SPECIFICATIONS Oscillation Frequency Range pF MHz/V MHz C Operating Temperature Range Package Style POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) APPLICATION NOTES * AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs 5 13 Vdc mA All specifications are typical unless otherwise noted and subject to change without notice. NOTES: (c) Z-Communications, Inc. Page 1 All rights reserved LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR TUNING CURVE, typ. 400 V330ME03 PAGE 2 FREQUENCY (MHz) 350 70 300 25 -20 c c c 250 200 0 0.25 0.5 0.75 1 1.25 1 .5 1.75 2 2.25 TUNING VOLTAGE (Vdc) POWER CURVE, typ. 10 POWER OUTPUT (dBm) 8 6 4 2 0 -2 265 290 308 324 338 350 362 373 385 395 25 c FREQUENCY (MHz) PHYSICAL DIMENSIONS MINI-16 415-0061 REV. B (DRAWING NOT TO SCALE) (c) Z-Communications, Inc. Page 2 Printed in the U.S.A. |
Price & Availability of V330ME03 |