Part Number Hot Search : 
G12864 PM100RL L1110 SMK0760F CIT2211 SMCJ1 00380 B4048
Product Description
Full Text Search
 

To Download V23838-S5-N1-BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fiber Optics
Press-fit Cage for Small Form-factor Pluggable (SFP) Transceiver
V23838-S5-N1 V23838-S5-N1-BB
Features * 3D foot design for improved press-fit retention and contact to host board holes * One-piece, stainless steel construction * Low emission design via fold-back spring fingers - no openings for radiation to pass through * Enhanced transceiver kick-out springs * Simple and fast installation/removal * Host board holes not damaged when cage is removed * Heat transfer windows on all SFP cage surfaces * Supports MSA compliant host board layouts and transceiver designs
V23838-S5-N1
File: 1142
V23838-S5-N1-BB
File: 1143
Part Number V23838-S5-N1 V23838-S5-N1-BB
Data Sheet
Description For single-sided mounting For double-sided "belly to belly" mounting (see Figure 3)
1 2003-08-07
V23838-S5-N1 V23838-S5-N1-BB
Description Description Infineon is offering its cage for Small Form-factor Pluggable (SFP) transceivers with one of the most rigid mechanical designs available on the market. The cage is designed for press fit applications in order to reduce high volume manufacturing effort. Externally bent bezel contact springs and one-piece construction enhance EMI performance. Application Notes * Testing of rear connector may take place before SFP Cage is installed onto host board * SFP cage mounting holes should be plated with HASL, gold, or immersion silver finish per MSA dimensional recommendations * For double-sided mounting, host board thickness is .118 in [3.0 mm] minimum per the MSA. For belly-to-belly applications, three mounting feet are removed to avoid interference (V23838-S5-N1-BB) * Supports any single sided, belly to belly, or offset belly to belly configuration with a minimum pitch of 16.25 mm * Installation of the SFP cage should be done with a solid metal block across the top surface of the cage. Block dimensions to be controlled by customer * Removal of the cage should be done with an internal solid metal block * The Infineon SFP cage does not cause any damage when carefully removed; the outside profile of the 3D feet is smooth and will not destroy pre-plated host board mounting holes * Trapped fluids from washing process must be dried to prevent corrosion beneath the SFP cage * Cage retention depends on finished hole size and plating thickness
Data Sheet
2
2003-08-07
V23838-S5-N1 V23838-S5-N1-BB
SFP Cage Host Board Mechanical Layout SFP Cage Host Board Mechanical Layout
34.5 10 3 PLACES 7.2 2.5
1) Datum and basic dimensions established by customer 2) Pads and vias are chassis ground, 11 places 3) Thru holes, plating optional
1)
Y
X
1)
7.1 2.5
CROSS-HATCHED AREA DENOTES COMPONENT AND TRACE KEEP-OUT (EXCEPT CHASSIS GROUND)
BSC
0.850.05 0.1 S X Y A 2) 3.68
5.68
8.58
11.08
8.48
PIN 1 1.7 1.7
16.25
14.25
2) 2 11 PLACES
1.050.1 0.1 L X A S 10 HOLES 2)
THIS AREA DENOTES COMPONENT KEEP-OUT (TRACES ALLOWED)
2) 2 11 PLACES 5 10 3 PLACES
0.950.05 0.1 L X A S 9 HOLES 3)
26.8 41.3 42.3
Dimensions in mm
4.8
File: 1519
Figure 1
Single-sided Host Board Layout
16.250.1 [.640] 1) Y
1.70.9 3.50.3
10.40.1
15.250.1 [.600]
Y
SECTION Y-Y
0.40.1 BEZEL OPENING BELOW PC BOARD
1) MINIMUM PITCH ILLUSTRATED, ENGLISH DIMENSIONS ARE FOR REFERENCE ONLY NOT RECOMMENDED FOR PCI EXPANSION CARD APPLICATIONS
Dimensions in mm [inches]
10 REF
File: 1520
Figure 2
Data Sheet
Recommended Bezel Design
3 2003-08-07
9.6
11.93
V23838-S5-N1 V23838-S5-N1-BB
SFP Cage Host Board Mechanical Layout
V23838-S5-N1 SINGLE SIDED MOUNTING
HOST PCB CROSS SECTION V23838-S5-N1-BB BELLY TO BELLY THREE FEET REMOVED
File: 1514
Figure 3
Data Sheet
4
2003-08-07
V23838-S5-N1 V23838-S5-N1-BB
SFP Cage Host Board Mechanical Layout Single-sided Application
File: 1515
Figure 4
File: 1516
Figure 5
Data Sheet
5
2003-08-07
V23838-S5-N1 V23838-S5-N1-BB
SFP Cage Host Board Mechanical Layout Belly to Belly Application
File: 1517
Figure 6
File: 1518
Figure 7
Data Sheet
6
2003-08-07
V23838-S5-N1 V23838-S5-N1-BB
Package Outlines Package Outlines
16.25
48.70
14
9
11.50
9.55
2.10
A
DETAIL A
Dimensions in mm
File: 1221
Figure 8
V23838-S5-N1
Data Sheet
7
2003-08-07
V23838-S5-N1 V23838-S5-N1-BB
Package Outlines
16.25
48.70
14
9
11.50
9.55
2.10 DETAIL A
A
Dimensions in mm
File: 1222
Figure 9
V23838-S5-N1-BB
Data Sheet
8
2003-08-07
V23838-S5-N1 V23838-S5-N1-BB Revision History: Previous Version: Page 1 2003-08-07 2003-07-08 DS3
Subjects (major changes since last revision) "Preliminary Data" removed
For questions on technology, delivery and prices please contact the Infineon Technologies Offices in Germany or the Infineon Technologies Companies and Representatives worldwide: see our webpage at http://www.infineon.com.
Edition 2003-08-07 Published by Infineon Technologies AG, St.-Martin-Strasse 53, D-81541 Munchen, Germany
(c) Infineon Technologies AG 2003.
All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide. Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life-support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of V23838-S5-N1-BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X