Part Number Hot Search : 
C1008 CPH6402 FP812 K1767 K1767 8C443 MIC2551 TL494CPW
Product Description
Full Text Search
 

To Download UVP-1X57A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
DESCRIPTION
UVP-1X57A SERIES
The UVP-1257AA/1357AA/1457A/1557A is 1.2 inch (30.42mm) height 5X7 dot matrix display. Single color displays have the choices of three bright colors-AlGaAs red/green/red orange. Multicolor displays are applicable to two colors green and red orange. All device have gray face and white dot. The AlGaAs red LED chip are made from AlGaAs on a non-transparent GaAs substrate. The green LED chip are made from GaP on a transparent GaP substrate. The red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l l l l l
Industuy standard size Wide viewing angle Continuous uniform dot matrix. Excellent characters appearance Low power requirement
DEVICES
PART NO. UVP-1257AA UVP-1357AA UVP-1457A UVP-1557A DESCRIPTION Column Anode Column Cathode Column Anode Column Cathode PACKAGE DIMENSION INTERNAL CIRCUIT DIAGRAM
Fig. 1
Fig. 2
ABSOLUTE MAXIMUM RATINGS
AlGaAs RED RED ORANGE GREEN PARAMETER Power Dissipation Per Dot 36 36 36 Peak Forward Current Per Dot 125 100 100 Continuous Forward Current Per Dot 15 13 13 Derating Linear From 25oC Per Dot 0.20 0.17 0.17 Reverse Voltage Per Dot 5 5 5 Operating Temperature Range -35oCto+85oC Storage Temperature Range -35oCto+85oC Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260oC
@ TA=25 oC UNIT mW mA mA mA/oC V
Unity Opto Technology Co., Ltd.
11/14/2000
1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
PACKAGE DIMENSIONS
UVP-1X57A SERIES
Fig. 1
INTERNAL CIRCUIT DIAGRAM UVP-1257AA
UVP-1357AA
UVP-1457A
UVP-1557A
Fig. 2
Unity Opto Technology Co., Ltd.
11/14/2000
1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
PIN CONNECTION
CONNECTION PIN UVP-1257AA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
UVP-1X57A SERIES
UVP-1357AA ANODE ROW 7G ANODE ROW 7R CATHODE COL. 1 CATHODE COL. 2 CATHODE COL. 3 CATHODE COL. 4 CATHODE COL. 5 ANODE ROW 6G ANODE ROW 6R NO CONNECTION ANODE ROW 5G ANODE ROW 5R ANODE ROW 4G ANODE ROW 4R ANODE ROW 3G ANODE ROW 3R ANODE ROW 2G ANODE ROW 2R ANODE ROW 1G ANODE ROW 1R
UVP-1457A CATHODE ROW 5 CATHODE ROW 7 ANODE COL. 2 ANODE COL. 3*1 CATHODE ROW 4*2 ANODE COL. 5 CATHODE ROW 6 CATHODE ROW 3 CATHODE ROW 1 ANODE COL. 4 ANODE COL. 3*1 CAHTODE ROW 4*2 ANODE COL. 1 CATHODE ROW 2
UVP-1557A ANODE ROW 5 ANODE ROW 7 CATHODE COL. 2 CATHODE COL. 3*1 ANODE ROW 4*2 CATHODE COL. 5 ANODE ROW 6 ANODE ROW 3 ANODE ROW 1 CATHODE COL. 4 CATHODE COL. 3*1 ANODE ROW 4*2 CATHODE COL. 1 ANODE ROW 2
CATHODE ROW 7G CATHODE ROW 7R ANODE COL. 1 ANODE COL. 2 ANODE COL. 3 ANODE COL. 4 ANODE COL.5 CATHODE ROW 6G CATHODE ROW 6R NO CONNECTION CATHODE ROW 5G CATHODE ROW 5R CATHODE ROW 4G CATHODE ROW 4R CATHODE ROW 3G CATHODE ROW 3R CATHODE ROW 2G CATHODE ROW 2R CATHODE ROW 1G CATHODE ROW 1R
Notes : 1.Pin 4 & 11 are internally connected
2.Pin 5 & 12 are internally connected
Unity Opto Technology Co., Ltd.
11/14/2000
1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
ELECTRICAL/OPTICAL CHARACTERISTICS
UVP-1X57A SERIES
AlGaAs RED (UVP-1457AC/1557AC)
PARAMETER Average Luminous Intensity Peak Emission Wavelength Spectral Line Half-Width Forward Voltage, any Dot Reverse Current, any Dot Luminous Intensity Matching Ratio SYMBOL IV p/Hue VF IR IV-m MIN. 5400 TYP. 12000 660/638 35 1.8 2.4 100 2:1 MAX. UNIT cd nm nm V A
@ TA=25oC TEST CONDITION Ip = 80 mA 1/16 Duty IF = 20 mA IF = 20 mA IF = 20 mA VR = 5 V IF = 10 mA @ TA=25oC TEST CONDITION Ip = 80 mA 1/16 Duty IF = 20 mA IF = 20 mA IF = 20 mA VR = 5 V IF = 10 mA
GREEN (UVP-1457AG/1557AG) & (UVP-1257AA/1357AA GREEN)
PARAMETER Average Luminous Intensity Peak Emission Wavelength Spectral Line Half-Width Forward Voltage, any Dot Reverse Current, any Dot Luminous Intensity Matching Ratio SYMBOL IV p/Hue VF IR IV-m MIN. 1780 TYP. 4000 565/569 30 2.1 2.6 100 2:1 MAX. UNIT cd nm nm V A
RED ORANGE (UVP-1457AE/1557AE)&(UVP-1257AA/1357AA RED ORANGE)@ TA=25oC
PARAMETER Average Luminous Intensity Peak Emission Wavelength Spectral Line Half-Width Forward Voltage, any Dot Reverse Current, any Dot Luminous Intensity Matching Ratio SYMBOL IV p/Hue VF IR IV-m MIN. 1780 TYP. 4000 630/621 40 2.0 2.6 100 2:1 MAX. UNIT cd nm nm V A TEST CONDITION Ip = 80 mA 1/16 Duty IF = 20 mA IF = 20 mA IF = 20 mA VR = 5 V IF = 10 mA
Unity Opto Technology Co., Ltd.
11/14/2000
1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1X57A SERIES
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES ( Ambient Temperature =25oC Unless Otherwise Noted )
Relative Luminous Intensity
G
1
E
C
Relative Luminous Intensity
4.0 3.0 2.0 1.0 0.0 0 5 10 15 20 25 30
G
0.5
0
500 525 550 575 600 625 650 675 700 725 750
FIG.1 RELATIVE LUMINOUS INTENSITY VS. WAVELENGTH Relative Luminous Intensity
Forward Current IF (mA) FIG.2 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
Forward Current IF (mA)
20 15 10 5 0 0 10 20 30 40 50 60 70 80 90
C E
4.0 3.0 2.0 1.0 0.0 0 5 10 15 20 25 30
C
Ambient Temperature (oC ) FIG.3 ALLOWABLE DC CURRENT VS. AMBIENT TEMPERATURE Forward Current IF(mA)
160 140 120 100 80 60 40 20 0 0.0 1.0 2.0
Forward Current IF (mA) FIG.2 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT Forward Current IF(mA)
160 140 120 100 80 60 40 20 0 0.0 1.0
C
E
G
3.0
4.0
5.0
2.0
3.0
4.0
5.0
Forward Voltage (V) FIG.4 FORWARD CURRENT VS. FORWARD VOLTAGE
Forward Voltage (V) FIG.4 FORWARD CURRENT VS. FORWARD VOLTAGE
Unity Opto Technology Co., Ltd.
11/14/2000


▲Up To Search▲   

 
Price & Availability of UVP-1X57A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X