Part Number Hot Search : 
MRF136 MD7540 G1VA10C DL5262B 9987GH 01300 321K1 U6809B
Product Description
Full Text Search
 

To Download UTCLM339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC LM339
LINEAR INTEGRATED CIRCUIT
QUAD DIFFERENTIAL COMPARATOR
DESCRIPTION
The UTC LM339 consists of four independent voltage comparators, designed specifically to operate from a single power supply over a wide voltage range.
SOP-14
FEATURES
*Signal or dual supply operation. *Wide operating supply range(Vcc=2V~36V). *Input common-mode voltage includes ground. *Low supply current drain ICC=0.8mA(Typical). *Open collector outputs for wired and connection. *Low input bias current Ibias=25nA(Typical). *Low output saturation voltage. *Output compatible with TTL, DTL, and CMOS logic system.
DIP-14
PIN CONFIGURATIONS
OUT 2
1
14 OUT 3
OUT 1
2
13 OUT 4
Vcc
3
12
GND
IN 1(-)
4
11
IN 4(+)
IN 1(+)
5
10
IN 4(-)
IN 2(-)
6
9
IN 3(+)
IN 2(+)
7
8
IN 3(-)
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R104-001,B
UTC LM339
BLOCK DIAGRAM
LINEAR INTEGRATED CIRCUIT
Only one section
T9 D2 D1 D3 D4 T2 T1 T3 T4 T8 T10 R2 T11
Vcc
IN (-)
OUT
T12 T7 D5 R1 D6
IN (+)
T5
T6
GND
ABSOLUTE MAXIMUM RATINGS(Ta=25C )
PARAMETER
Supply Voltage Differential input Voltage Input Voltage Power Dissipation Operating Temperature Storage Temperature
SYMBOL
Vcc VIDiff) VI Pd Topr Tstg
VALUE
+- 18 OR 36 36 -0.3~36V 570 0 to +70 -65 to 150
UNIT
V V V mW C C
ELECTRICAL CHARACTERISTICS
(Vcc=5.0V, Ta=25C, All voltage referenced to GND unless otherwise specified)
PARAMETER
Input Offset Voltage Input Offset Current Input Bias Current Input Common-Mode Voltage Range Supply Current Large Signal Voltage Gain Large Signal Response Time Response Time Output Sink Current Output Saturation Voltage Output Leakage Current
SYMBOL
VIO IIO Ib VI(R) Icc GV tres tres Isink Vsat Ileakage
TEST CONDITIONS
VCM=0 to Vcc-1.5 Vo(p)=1.4V,Rs=0
MIN
TYP.
+-1.5 +-2.3 57
MAX
+-5.0 +-50 250 Vcc1.5 2.0
UNIT
mV nA nA V mA V/mV ns ns mA mV nA A V
0 RL= Vcc=15V,RL>15k Vi=TTL logic wing Vref=1.4V,VRL=5V,RL=5.1k VRL=5V,RL=5.1k Vi(-)>1V,Vi(+)=0V,Vo(p)<1.5V Vi(-)>1V,Vi(+)=0V,Isink=4mA VI(+)=1V,VI(-)=0 Vo(p)= 5V Vo(p)=30V 1.1 200 350 1400 18 140 0.1
50
6
400
Differential Input Voltage
VI(diff)
1.0 36
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R104-001,B
UTC LM339
LINEAR INTEGRATED CIRCUIT
Fig.1 supply current Fig.2 Input current
110 100 Ta=-40XC
TYPICAL PERFORMANCE CHARACTERISTICS
2.2
supply current (mA)
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 5 10 15
Ta=-40XC
Ta=-25XC Ta=25XC
Input current (mA)
90 80 70 Ta=25XC 60 50 40 30 20 10 Vcm=0V DC Rcm=1G 0 5 10 15 20 25 30 35 40 Ta=70XC Ta=-25XC
Ta=70XC
RL=U
20
25
30
35
40
Supply voltage (V)
Supply current (V)
Fig.3 Output saturation voltage
10 1
Fig.4 Reponse time for various input overdrive negative transition
input voltage (mV)
Ta=25XC 0 -100
1
saturation voltage(V)
-1 10 Ta=85XC -2 10 Ta=-40XC Ta=25XC -3 10 -2 10 -1 10 1 10 1 2 10
output voltage (V)
6.0 4.0 2.0 0 0 0.4 0.8 50mV 20mV
input overdrive
5.0mV
1.2
1.6
Output sink current (mA)
TIME ( s)
Fig.5 Reponse time for various input overdrive positive transition
Input voltage (mV)
Ta=25XC 100 0
Output voltage (V)
6.0
Input overdrive
4.0 50mV 2.0 0 0 20mV 5.0mV
TIME ( s)
0.4
0.8
1.2
1.6
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R104-001,B
UTC LM339
Fig.6
Output Voltage (V) Input Voltage (V)
3 2 1 0
LINEAR INTEGRATED CIRCUIT
Fig.7 voltage Follower pulse response (small signal)
450 RL=2k Vcc=15V
(V) Output voltgae
400 350 300 275
3 2 1 0 0 10
20 Time
30 ( s)
40
50
0
1
2
3
4
5
Time
( s)
6
7
8
9
Fig.8 Large signal Frequency Response
8
Fig.9 Output Characteristics current sourcing
(V)
7 6
(Vp-p)
15
100k 1k Vi +7V
+15V
Output refference Vcc
Ta=25XC
Vcc
Output swing
2k
5 4
Vcc/2
Vo Io
10
5
3
2
0
10
3
1 10
4
10
5
10
6
10
-3
10
-2
10
-1
1
10
10
2
Frequency (Hz)
Output Source current (mA) Fig.11 Current Limiting
60
Fig.10 Output Characteristics Current sinking
10
Output Voltage (V)
1
Output Current (mA)
2
40
Vcc=+5V
-1
Vcc=+15V
Vcc/2
10
Vcc Vo Io
Vcc=+30V
20
10
-3
10
-2
10
-1
0 -50 -25
1
10
10
0
25
50
75
100
Output Sink Current (mA)
Temperature (XC)
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R104-001,B


▲Up To Search▲   

 
Price & Availability of UTCLM339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X