Part Number Hot Search : 
LM2BB20W M393B MMDF2P0 WTD40N03 ON0666 SR1060 68HC08 4AUP1G
Product Description
Full Text Search
 

To Download UTCLM317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC LM317
LINEAR INTEGRATED CIRCUIT
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
DESCRIPTION
The UTC LM317 is an adjustable 3-terminal positive voltage regulator, designed to supply more than 1.5A of output current with voltage adjustable from 1.3 to 37V.
1 TO-220
FEATURES
*Output current up to 1.5A. *Output voltage adjustable from 1.3V to 37V. *Internal short circuit protection. *Internal over temperature protection. *Safe-Area compensation for output transistor.
1 TO-263
1 TO-252
1:ADJ 2:Output 3:Input
BLOCK DIAGRAM
INPUT
VREF
PROTECTION CIRCUIT
OUTPUT VAdj
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R101-009,B
UTC LM317
PARAMETER
Input - Output Voltage Difference Lead Temperature Power Dissipation Operating Temperature Range Storage Temperature Range
LINEAR INTEGRATED CIRCUIT
SYMBOL
VI-VO TLEAD PD TOPR TSTG
ABSOLUTE MAXIMUM RATINGS(Ta=25C, UNLESS OTHERWISE SPECIFIED)
VALUE
40 230 Internal limited 0~125 -65~150 C C
UNIT
V C
ELECTRICAL CHARACTERISTICS
(VI-VO=5V, 0C PARAMETER
Line Regulation
SYMBOL
VO
TEST CONDITIONS
Ta=25C,3V<=VI-VO<=40V Ta=0 - 125C,3V<=VI-VO<=40V Ta=25C VO<=6V VO>=5V VO<=5V VO>=6V
MIN
TYP
0.01 0.02 18 0.4 40 0.8 46 2.0
MAX
0.04 0.07 25 0.5 70 1.5 100 5 1.30
UNIT
%/V %/V mV %/VO mV %/VO A A V %/VO
Load Regulation
VO
10mA<=IO<=IMAX 10mA<=IO<=IMAX
Adjustable Pin Current Adjustable Pin Current Change Reference Voltage Temperature Stability Minimum Load Current for Regulation Maximum Output Current
IADJ IADJ VREF STT IL(MIN) IO(MAX) VI-VO=40V VI-VO<=15V, PD<=PMAX VI-VO<=15V, PD<=PMAX,Ta=25C 1.5 0.15 2.5V<=VI-VO<=40V, 10mA<=Io<=IMAX, PD<=PMAX 3V<=VI-VO<=40V, 10mA<=IO<=IMAX,PD<=PMAX 1.20
1.25 0.7 3.5 2.2 0.4 0.003 60
10
mA A
RMS Noise v.s. %of Vout Ripple Rejection Long-term Stability, TJ=THIGH Junction to Case Thermal Resistance
eN RR ST R JC
TA=25C,10HZ<=f<=10KHZ VO=10V,f=120HZ, VO=10V,f=120HZ,CADJ=10F TA=25C,1000 hr 66
0.01
%/VO dB
75 0.3 5 1 % C/W
Note: Testing with low duty pulse should be used to avoid heating effect.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R101-009,B
UTC LM317
LINEAR INTEGRATED CIRCUIT
Fig.2 Adjustment Current vs Temperature
60
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1. Load Regulation vs temperature
0.2
Output Voltage Deviation
0.0 -0.2
Adjustment Current
50
75 100 125
55
50
-0.4 Vi=15V Vo=10V -0.6 -0.8 -1.0 0 25
45
40
35 -50
-25
0
25
50
75
100
125
Temperature
Temperature
3.0
Fig.3. Dropout Voltage vs InputOutput Voltage Difference
Vo=100mV IL=1.5A
Fig.4 Reference Voltage vs Temperature
1.260
Input-Output Voltage Difference
1.255 2.5 IL=1A 2.0 IL=500mA IL=200mA 1.5 IL=20mA 1.240
Reference Voltage
100 125
1.250
1.245
1.0 0
1.235 25 50 75 -50 -25 0 25 50 75 100 125
Temperature
Temperature
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R101-009,B
UTC LM317
APPLICATION CIRCUIT
LINEAR INTEGRATED CIRCUIT
D1 1N4002 Vi 3
ll
1 Iadj
2
Vo
R1 Co 1 F
Vi
3
C1 0.1 F R2
UTC LM317
1
2
Vo 1 F
120 1k
720
TTL Level signal
Fig.5 Programmable voltage regulator Vo=1.25V*(1+R2/R1)+Iadj*R2 C1 is required when regulator is located an appreciated distance from power supply. Co is needed to improve transient response.
Fig.6 Regulator with On-off control
Vi 3
Vo
UTC LM317 2
1 Vadj 240 D1 1N4001
Vi
3
UTC LM317 2
1
R1
R2
Io Vo
50k R2 10 F
Iadj
Vref 1.25V Iomax=( )+Iadj= R1 R1 Iomin=( Vref 1.25V )+Iadj= R1+R2 R1+R2
5mAFig.7 Soft start application
Fig.8 Constant current application
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R101-009,B


▲Up To Search▲   

 
Price & Availability of UTCLM317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X