Part Number Hot Search : 
74AHCT1 SL5421 TC0194A 17481 AD110 X9314WMZ 204153C KE220
Product Description
Full Text Search
 

To Download UT12002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
UM MODEL NO.: UT12002 SPECIFICATIONS 10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
Features: 1. Meets IEEE 802.3 and ANSI X.3.263 standards including 350uH OCL with 8mA bias. 2. Designed for reflow soldering at temperature 2305o C. 3. Compact footprint for use in the most space restrictive applications. 4. Turns Ratio tolerance: 5% 5. Operating temperature: -40o C to +85o C Electrical Specification @25 o C : 1. Insertion Loss : -1.1dB Max. @ 0.10--100MHz. TX/RX 2. Return Loss : -20dB Min. @ 30MHz. TX/RX -14dB Min. @ 60MHz. TX/RX -11.5dB Min. @ 80MHz. TX/RX 3. Diff. to Com. Mode Rejection : -42dB Min. @ 30MHz. TX/RX -37dB Min. @ 60MHz. TX/RX -33dB Min. @ 100MHz. TX/RX 4. Cross Talk : -45dB Min. @ 30MHz. TX to RX -40dB Min. @ 60MHz. TX to RX -35dB Min. @ 100MHz. TX to RX. 5. HI-POT : 1500Vrms/2sec. Leakage Current 0.5mA Max./input to output.
REV. A3 02/42
Dimensions & Schematic:
Suggested pad layout
Coplanarity: 0.1mm
TRANSMIT 1 2 3 1CT:1CT RECEIVE 6 7 8 1CT:1CT 10 9 11 15 14 16
NOTE: 1. Packaging information-tape and reel according to item no. "SO16A" of data sheet 01-00 2. Specifications are subject to change without prior notice.
UNIT: mm
Tolerances:0.25mm
E10-007-C UNIVERSAL MICROELECTRONICS CO.,LTD. TEL:886-4-23590096 FAX:886-4-23590129
http://www.umec-web.com E-mail:business@umec.com.tw
3,27TH RD.,TAICHUNG INDUSTRIAL PARK, TAICHUNG,TAIWAN,R.O.C


▲Up To Search▲   

 
Price & Availability of UT12002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X