Part Number Hot Search : 
C85FDAAA EGF10A C3306 MCR100 TMP90 IRF9640 T8251AH 25DF161
Product Description
Full Text Search
 

To Download USP-225-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOTAL POWER INT'L
225W Single Output with PFC Function
Features :
USP-225
series
Universal AC input / Full range Built in active PFC circuit compliance to EN61000-3-2 Protections:Short circuit/Over load/Over voltage/Over temperature Free air convection for 150W and forced air convection for 225W High power density 4.7w/in
3
Active AC surge current limiting U-bracket low profile:38mm 3 years warranty
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT USP-225-3.3 3.3V 40A 0 ~ 40A 132W
USP-225-5 5V 40A 0 ~ 40A 200W 100mVp-p USP-225-12 12V 18.7A 0 ~ 18.7A 224.4W 100mVp-p 10.8 ~ 13.2V USP-225-15 15V 15A 0 ~ 15A 225W 100mVp-p 13.5 ~ 16.5V USP-225-24 24V 9.4A 0 ~ 9.4A 225.6W 150mVp-p 21.6 ~ 26.4V USP-225-48 48V 4.7A 0 ~ 4.7A 225.6W 250mVp-p 43.2 ~ 52.8V 2.0% 0.5% 1.0%
RIPPLE & NOISE (max.) Note.2 100mVp-p VOLTAGE ADJ. RANGE 2.97 ~ 3.6V VOLTAGE TOLERANCE Note.3 2.0%
LINE REGULATION LOAD REGULATION SETUP, RISE, HOLD TIME VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR INPUT EFFICIENCY (Typ.) AC CURRENT
115VAC 230VAC INRUSH CURRENT (max.)
4.5 ~ 5.5V 2.0% 0.5% 0.5% 1.0% 1.0% 500ms, 30ms, 22ms/230VAC
2.0% 2.0% 0.5% 0.5% 1.0% 1.0% 1200ms, 30ms, 22ms/115VAC at full load
2.0% 0.5% 1.0%
90 ~ 264VAC 47 ~ 63Hz PF>0.93/230VAC 72% 2.2A 1.1A 20A/115VAC <3.5mA / 240VAC
127 ~ 370VDC PF>0.97/115VAC at full load
77% 3.3A 1.6A 30A/230VAC 85% 84% 87% 86%
LEAKAGE CURRENT OVER LOAD
PROTECTION OVER VOLTAGE
105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed 3.6 ~ 4.4V 5.5 ~ 7.4V 13.2 ~ 16.3V Protection type : Shut down o/p voltage, re-power on to recover 95 5 (RTH2 : Detect on heatsink of power transistor)
-20 ~ +65
-40 ~ +85
16.5 ~ 20.2V
26.4 ~ 32.4V
52.8 ~ 64.8V
OVER TEMPERATURE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE
SAFETY & EMC
(Note 4)
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down (Refer to output load derating curve)
, 10 ~ 95% RH 20 ~ 90% RH non-condensing
0.03%/ (0 ~ 50 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950, TUV EN60950 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC Compliance to EN55022 (CISPR22) Class B
ISOLATION RESISTANCE EMI CONDUCTION & RADIATION HARMONIC CURRENT EMS IMMUNITY MTBF
Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, Light industry level, criteria A 220K hrs min. MIL-HDBK-217F (25 ) 202*101.5*38mm (L*W*H) 0.85Kg; 16pcs/13.6Kg/0.76CUFT
OTHERS
NOTE
DIMENSION PACKING
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
225W Single Output with PFC Function
Mechanical Specification
USP-225
Case No. 928
series
Unit:mm
202 198.25 65.75 3.75 60 38
8
2-
3.2
48.5
LED
101.5
CN2
10 9 8 7 6 5 4 3 2 1 11 12 13 14 15 16 17 18 19 20
1 2 3
CN1
FS1 F6.3A/250V
AC Input Connector (CN1) : JST B3P-VH or equivalent
Pin No. 1 2 3 Assignment AC/N No Pin AC/L Mating Housing JST VHR or equivalent Terminal JST SVH-21T-P1.1 or equivalent
DC Output Connector (CN2) : MOLEX 39-29-9206 or equivalent
Pin No. 1~5 6~15 16~20 Assignment +V -V +V Mating Housing MOLEX 5557 or equivalent Terminal MOLEX 5556 or equivalent
Block Diagram
EMI FILTER
ACTIVE INRUSH CURRENT LIMITING
fosc : 100KHz
RECTIFIERS & P.F.C. POWER SWITCHING RECTIFIERS & FILTER
O.T.P.
101.5
93.5
2-M 3
I/P
+V
-V
O.C.P.
FG
O.L.P.
PWM CONTROL
DETECTION CIRCUIT
O.V.P.
Derating Curve
3.3V,5V Model With 18CFM Forced Air Convection
Static Characteristics (5V)
Ta=25
With18CFM Forced Air Convection
100
100 90 80 70
80 65 60
Free Air Convection
LOAD (%)
50 40
3.3V,5V Model Free Air Convection
LOAD(%)
0 10 20 30 40 45 50 60 70
60 50 40
20
-20
90
100
110
135
155
230
260
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (V) 60Hz


▲Up To Search▲   

 
Price & Availability of USP-225-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X