Part Number Hot Search : 
MDC03 TFDU4102 00225 05WS24 ADM1191 1206C 99004 102M2
Product Description
Full Text Search
 

To Download USB1T1104MHX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 USB1T1104 Universal Serial Bus Peripheral Transceiver with Voltage Regulator
August 2004 Revised August 2005
USB1T1104 Universal Serial Bus Peripheral Transceiver with Voltage Regulator
General Description
The USB1T1104 is an Universal Serial Bus Specification Rev 2.0 compliant transceiver. The device provides an USB interface for Full-Speed (12Mbit/s) USB applications. The USB1T1104 provides excellent flexibility, allowing differential and single ended inputs while an integrated voltage regulator sets the I/O level to 1.65V to 3.6V. Utilizing an integrated 5.0V to 3.3V voltage regulator, the part can be powered directly from the USB host (VBUS) to minimize the power consumed from the local sources while used in devices with low supply voltages. The USB1T1104 provides 15kV ESD protection on the USB bus pins (D/D). This eliminates the need for any external ESD devices while providing excellent protection to larger and more expensive ASICs and USB controllers.
Features O Complies with Universal Serial Bus Specification 2.0 O Integrated 5V to 3.3V voltage regulator for powering VBus O Utilizes digital inputs and outputs to transmit and receive USB
cable data
O Supports full speed 12Mbits/s speed data rates O Ideal for portable electronic devices O 15kV contact HBM ESD protection on bus pins O 3.3mm leadless package O Industry standard HBCC footprint is lead-free
Applications O Cell phone O Digital camera O MP3
Ordering Code:
Order Number
USB1T1104MHX
Package Number
MLP16HB
Package Description
Pb-Free 16-Terminal Molded Leadless Package (MHBCC), JEDEC MO-217, 3mm Square
Pb-Free package per JEDEC J-STD-020B.
Logic Diagram
(c) 2005 Fairchild Semiconductor Corporation
DS500893
www.fairchildsemi.com
USB1T1104
Connection Diagram
(Bottom View)
Terminal Descriptions
Terminal Number
1 2
Terminal Name
OE RCV
I/O
I O
Terminal Description
Output Enable: Active LOW enables the transceiver to transmit data on the bus. When not active the transceiver is in the receive mode (CMOS level is relative to VCCIO) Receive Data Output: Non-inverted CMOS level output for USB differential Input (CMOS output level is relative to VCCIO). Driven LOW when SUSPN is HIGH; RCV output is stable and preserved during SE0 condition. Single-ended D receiver output VP (CMOS level relative to VCCIO): Used for external detection of SEO, error conditions, speed of connected device; Driven HIGH when no supply connected to VCC and VREG. Single-ended D receiver output Vm (CMOS level relative to VCCIO): Used for external detection of SEO, error conditions, speed of connected device; Driven HIGH when no supply connected to VCC and VREG. Suspend: Enables a low power state (CMOS level is relative to VCCIO). While the SUSPND pin is active (HIGH) it will drive the RCV pin to logic "0" state. MODE input (CMOS level is relative to VCCIO). A HIGH selects the differential input MODE (Vpo, Vmo) whereas a LOW enables the single-ended MODE (Vo, VFSEO) see Table 2 and Table 4 Supply Voltage for digital I/O pins (1.65V to 3.6V): When not connected the D and D pins are in 3-STATE. This supply bus is totally independent of VCC (5V) and VREG (3.3V).
3
Vp
O
4
Vm
O
5 6
SUSPND MODE
I I
7 8 10, 9 11 12 13 14 15
VCCIO Vbusmon D, D Vpo / Vo Vmo / FSEO VREG (3.3V) VCC (5.0V) VPU (3.3V) O AI/O I I
Vbus monitor output (CMOS level relative to VCCIO): When Vbus ! 4.1V then Vbusmon = HIGH and when Vbus 3.6V then Vbusmon = LOW. Data , Data : Differential data bus conforming to the USB standard. Driver Data Input (CMOS level is relative to VCCIO); Schmitt trigger input; see Table 2 and Table 3 Driver Data Input (CMOS level is relative to VCCIO); Schmitt trigger input; see Table 2 and Table 3 Internal Regulator Option: Regulated supply output voltage (3.0V to 3.6V) during 5V operation; decoupling capacitor of at least 0.1 PF is required. Internal Regulator Option: Used as supply voltage input (4.0V to 5.5V); can be connected directly to USB line Vbus. Pull-up Supply Voltage (3.3V r 10%): Connect an external 1.5k: resistor on D (FS data rate); Pin function is controlled by Config input pin: Config = LOW VPU (3.3V) is floating (High Impedance) for zero pull-up current. Config = HIGH VPU (3.3V) = 3.3V; internally connected to VREG (3.3V).
16
Config
I
USB connect or disconnect software control input. Configures 3.3V to external 1.5k: resistor on D when HIGH.
www.fairchildsemi.com
2
USB1T1104
Terminal Number
Exposed Diepad
Terminal Name
GND
I/O
GND
Terminal Description
GND supply down bonded to exposed diepad to be connected to the PCB GND.
Functional Description
The USB1T1104 transceiver is designed to convert CMOS data into USB differential bus signal levels and to convert USB differential bus signal to CMOS data. To minimize EMI and noise the outputs are edge rate controlled with the rise and fall times controlled and defined for full speed data rates. The rise, fall times are balanced between the differential pins to minimize skew. Table 1 describes the specific pin functionality selection. Table 2, Table 3, and Table 4 describe the specific Truth Tables for Driver and Receiver operating functions. The USB1T1104 also has the capability of various power supply configurations to support mixed voltage supply applications (see Table 5) and Power Supply Configurations and Options for detailed descriptions.
Functional Tables
TABLE 1. Function Select
SUSPND
L L H H
OE
L H L H
D, D
Driving & Receiving Receiving (Note 1) Driving 3-STATE (Note 1)
RCV
Active Active Inactive (Note 2) Inactive (Note 2)
Vp/Vm
Active Active Active Active
Function
Normal Driving (Differential Receiver Active) Receiving Driving during Suspend (Differential Receiver Inactive) Low Power State
Note 1: Signal levels is function of connection and/or pull-up/pull-down resistors. Note 2: For SUSPND = HIGH mode the differential receiver is inactive and the output RCV output is forced LOW. The out-of-suspend signaling (K) is detected via the singleended receiver outputs of the Vp and Vm pins.
TABLE 2. Driver Function (OE = L) using Differential Input Interface Mode Pin = H
Vmo
L L H H
Note 3: SE0 = Single Ended Zero
Vpo
L H L H
Data
SE0 (Note 3) Differential Logic 1 Differential Logic 0 Illegal State
TABLE 3. Driver Function (OE = L) using Single-ended Input Interface Mode Pin = L
FSE0
L L H H
Note 4: SE0 = Single Ended Zero
Vo
L H L H
Data
Differential Logic 0 Differential Logic 1 SE0 (Note 4) SE0 (Note 4)
3
www.fairchildsemi.com
USB1T1104
TABLE 4. Receiver Function (OE = H)
D, D
Differential Logic 1 Differential Logic 0 SE0 Sharing Mode
X = Don't Care
RCV
H L X L
Vp
H L L H
Vm
L H L H
Power Supply Configurations and Options
The three modes of power supply operation are: * Normal Mode: Regulated Output 1. Regulated Output. VCCIO is connected and VCC (5.0) is connected to 5V (4.0V to 5.5V) and the internal voltage regulator then produces 3.3V for the USB connections. For normal mode the VCCIO is an independent voltage source (1.65V to 3.6V) that is a function of the external circuit configuration. * Sharing Mode: VCCIO is only supply connected. VCC and VREG are not connected. In this mode the D and D pins are 3-STATE and the USB1T1104 allows external signals up to 3.6V to share the D and D bus lines. Internally the circuitry limits leakage from D and D pins (maximum 10 PA) and VCCIO such that device is in low power (suspended) state. Pins Vbusmon and RCV are forced LOW as an indication of this mode with Vbusmon being ignored during this state. * Disable Mode: VCCIO is not connected and VCC(5V) is connected. In this mode the D and D pins are 3-STATE and the device is in low power state. A summary of the Supply Configurations is described in Table 5.
TABLE 5. Power Supply Configuration Options
Pins
VCC (5V) VREG (3.3V) VCCIO VPU (3.3V) D, D Vp, Vm RCV OE, SUSPND, Config, Vpo/Vo, Vmo/FSEO, MODE
Note 5: Hi-Z or forced LOW.
Power Supply Mode Configuration Sharing
3.6V
Pulled LOW Regulator OFF 1.65V to 3.6V Source 3-STATE (Off) 3-STATE H L Hi-Z
Disable
Connected to 5V Source 3.3V, 300 PA Regulated Output Not Connected 3-STATE (Off) 3-STATE Invalid Invalid Hi-Z
Normal (Regulated Output)
Connected to 5V Source 3.3V, 300 PA Regulated Output 1.65V to 3.6V Source 3.3V Available if Config = HIGH Function of Mode Set Up Function of Mode Set Up Function of Mode Set Up Function of Mode Set Up
www.fairchildsemi.com
4
USB1T1104
Absolute Maximum Ratings(Note 6)
Supply Voltage (VCC)(5V) I/O Supply Voltage (VCCIO) Latch-up Current (ILU) VI = 1.8V to 5.4V DC Input Current (IIK) VI 0 DC Input Voltage (VI) (Note 7) DC Output Diode Current (IOK) VO ! VCC or VO 0 DC Output Voltage (VO) (Note 7) Output Source or Sink Current (IO) VO = 0 to VCC Current for D, D Pins Current for RCV, Vm/Vp DC VCC or GND Current (ICC, IGND) ESD Immunity Voltage (VESD); Contact HBM Pins D, D, and GND All Other Pins Storage Temperature (TSTO) Power Dissipation (PTOT) ICC (5V) ICCIO 48 mW 9 mW 15kV 2.5kV 150 mA
Recommended Operating Conditions
DC Supply Voltage VCC (5V) I/O DC Voltage VCCIO DC Input Voltage Range (VI) DC Input Range for AI/O (VIA/O) Pins D and D Operating Ambient Temperature (TAMB) 4.0V to 5.5V 1.65V to 3.6V 0V to VCCIO 0.5V 0V to 3.6V 0V to 3.6V
0.5V to 6.0V 0.5V to 4.6V
18 mA 0.5V to VCCIO 0.5V r18 mA 0.5V to VCCIO 0.5V
40qC to 85qC
r12 mA r12 mA r100 mA
40qC to 125qC
Note 6: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristic tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 7: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics (Supply Pins)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted). VCC (5V) = 4.0V to 5.5V or VREG (3.3V) = 3.0V to 3.6V, VCCIO = 1.65V to 3.6V Limits Symbol Parameter Conditions Min VREG (3.3V) Regulated Supply Output Internal Regulator Option; ILOAD d 300 PA ICC Operating Supply Current (VCC5.0) Transmitting and Receiving at 12 Mbits/s; CLOAD = 50 pF (D, D) ICCIO I/O Operating Supply Current Transmitting and Receiving at 12 Mbits/s ICC (IDLE) Supply Current during FS IDLE and SE0 (VCC5.0) ICCIO (STATIC) ICC(SUSPND) I/O Static Supply Current Suspend Supply Current USB1T1104 IDLE: VD t 2.7V, VD d 0.3V; SE0: VD d 0.3V, VD d 0.3V IDLE, SUSPND or SE0 SUSPND = HIGH OE = HIGH Vm = Vp = OPEN ICCIO(SHARING) I/O Sharing Mode Supply Current VCC (5V) Not Connected 20.0 3.0 (Note 8)(Note 9) 4.0 (Note 10) 1.0 (Note 10) 500 (Note 11) 20.0 25.0 (Note 11) 2.0 mA 8.0 mA
40qC to 85qC
Typ 3.3 Max 3.6
Units
V
PA PA PA PA
5
www.fairchildsemi.com
USB1T1104
DC Electrical Characteristics
Symbol Parameter
(Continued)
Limits Conditions Min
40qC to 85qC
Typ Max 10.0
Units
IDr(SHARING)
Sharing Mode Load Current on D/D Pins
VCC (5V) Not Connected Config = LOW; VDr = 3.6V 1.65V d VCCIO d 3.6V Supply Lost Supply Present 4.1 70.0
PA
VCCTH
VCC Threshold Detection Voltage
3.6
V
VCCHYS
VCC Threshold Detection Hysteresis Voltage
VCCIO = 1.8V
mV
VCCIOTH
VCCIO Threshold Detection Voltage
2.7V d VREG d 3.6V Supply Lost Supply Present 1.4 450 mV 0.5 V
VCCIOHYS
VCCIO Threshold Detection Hysteresis Voltage
VREG = 3.3V
Note 8: ILOAD includes the pull-up resistor current via pin VPU Note 9: The minimum voltage in Suspend mode is 2.7V. Note 10: Not tested in production, value based on characterization. Note 11: Excludes any current from load and VPU current to the 1.5k: resistor. Note 12: Includes current between Vpu and the 1.5k internal pull-up resistor. Note 13: When VCCIO 2.7V, minimum value for VREGTH = 2.0V for supply present condition.
DC Electrical Characteristics
(Digital Pins - excludes D, D Pins)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted). VCCIO = 1.6V to 3.6V Limits Symbol Parameter Test Conditions Min Input Levels VIL VIH VHYS Output Levels VOL LOW Level Output Voltage IOL = 2 mA IOL = 100 PA VOH HIGH Level Output Voltage IOH = 2 mA IOH = 100 PA Leakage Current ILI Capacitance CIN, CI/O Input Capacitance Pin to GND 10.0 pF Input Leakage Current VCCIO = 1.65V to 3.6V VCCIO - 0.4 VCCIO- 0.15 0.4 V 0.15 V LOW Level Input Voltage HIGH Level Input Voltage Hysteresis Voltage P11 P12 Pins Vpo/Vmo, VCCIO = 3.3V 0.6*VCCIO 0.30 0.7 0.3 V V V
40qC to 85qC
Max
Units
r1.0
(Note 14)
PA
Note 14: If VCCIO t VREG then leakage current will be higher than specified.
www.fairchildsemi.com
6
USB1T1104
DC Electrical Characteristics (Analog I/O Pins - D, D Pins)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted). VCC
= 4.0V to 5.5V or VREG = 3.0V to 3.6V
Limits
Symbol
Parameter
Test Condition Min
40qC to 85qC
Typ Max
Units
Input Levels - Differential Receiver VDI VCM Differential Input Sensitivity Differential Common Mode Voltage | VI(D) - VI(D) | 0.2 0.8 2.5 V V
Input Levels - Single-ended Receiver VIL VIH VHYS Output Levels VOL VOH Leakage Current ILZ Capacitance CI/O Resistance ZDRV ZIN RSW VTERM Driver Output Impedance Driver Input Impedance Switch Resistance Termination Voltage RPU Upstream Port 3.0 (Note 17) (Note 18) 34.0 10.0 10.0 3.6 41.0 (Note 16) 44.0 I/O Capacitance Pin to GND 20.0 pF Input Leakage Current Off State OE = H LOW Level Output Voltage HIGH Level Output Voltage RL = 1.5k: to 3.6V RL = 15k: to GND 2.8 (Note 15) 0.3 3.6 V V LOW Level Input Voltage HIGH Level Input Voltage Hysteresis Voltage 2.0 0.4 0.7 0.8 V V V
r1.0
PA
:
M:
:
V
Note 15: VOH min. = VREG - 0.2V. Note 16: Includes external resistors of 29: on both D and D pins. Note 17: This voltage is available at pin VPU and VREG. Note 18: Minimum voltage is 2.7V in the suspend mode.
7
www.fairchildsemi.com
USB1T1104
AC Electrical Characteristics (A I/O Pins Full Speed)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted). VCC = 4.0V to 5.5V or VREG = 3.0V to 3.6V, VCCIO = 1.65V to 3.6V, CL = 50 pF;
RL = 1.5K on D to VPU
Limits
Symbol
Parameter
Test Conditions Min
40qC to 85qC
Typ Max
Unit
Driver Characteristics tFR Output Rise Time CL = 50 125 pF 10% to 90% tFF fRFM VCRS (Note 19) Driver Timing tPLH tPHL tPHZ tPLZ tPZH tPZL Receiver Timing tPLH tPHL tPLH tPHL Propagation Delay (Diff) Figures 3, 7 (D/D to Rev) Single Ended Receiver Propagation Delay Figures 3Figure 7 (D/D to Vp/ Vpo, Vm/Vmo) 18.0 ns 15.0 ns Propagation Delay Figures 2, 5 (Vp/Vpo, Vm/Vmo to D/D) Driver Disable Delay Figures 4, 6 (OE to D/D) Driver Enable Delay Figures 4, 6 (OE to D/D) 15.0 ns 15.0 ns 18.0 ns Output Fall Time Rise/Fall Time Match Output Signal Crossover Voltage Figures 1, 5 tF/ tR Excludes First Transition from Idle State Excludes First Transition from Idle State 1.3 see Waveform 2.0 V 4.0 90.0 20.0 111.1 % 4.0 20.0 ns
Note 19: Not production tested, guaranteed by characterization.
www.fairchildsemi.com
8
USB1T1104
Typical Application Configurations
Upstream Connection in Bypass Mode with Differential Outputs
Downstream Connection in Normal Mode with Differential Outputs
9
www.fairchildsemi.com
USB1T1104
AC Waveforms
FIGURE 1. Rise and Fall Times FIGURE 2. Vpo/Vo, Vmo/VSEO to D/D
FIGURE 3. D/D to RCV, Vp and Vm Test Circuits and Waveforms
FIGURE 4. OE to D/D
CL = 50 pF Full Speed Propagation Delays CL = 125 pF Edge Rates only
V = 0 for tPZH, tPHZ V = VREG for tPZL
FIGURE 6. Load for Enable and Disable Times
FIGURE 5. Load for D/D
FIGURE 7. Load for Vm/Vmo, Vp/Vpo and RCV
www.fairchildsemi.com
10
USB1T1104
Tape and Reel Specification
Tape Format for MHBCC
Package Designator
MHX
Tape Section
Leader (Start End) Carrier Trailer (Hub End)
Number Cavities
125 (typ) 2500/3000 75 (typ)
Cavity Status
Empty Filled Empty
Cover Tape Status
Sealed Sealed Sealed
TAPE DIMENSIONS inches (millimeters)
REEL DIMENSIONS inches (millimeters)
Tape Size
12 mm
A
13.0 330
B
0.059 (1.50)
C
0.512 (13.00)
D
0.795 (20.20)
N
7.008 (178)
W1
0.488 (12.4)
W2
0.724 (18.4)
11
www.fairchildsemi.com
USB1T1104
Physical Dimensions inches (millimeters) unless otherwise noted
Pb-Free 16-Terminal Molded Leadless Package (MHBCC), JEDEC MO-217, 3mm Square Package Number MLP16HB
www.fairchildsemi.com
12
USB1T1104 Universal Serial Bus Peripheral Transceiver with Voltage Regulator
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION As used herein: provided in the labeling, can be reasonably expected to result in significant injury to the user. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or 2. A critical component is any component of a life support (b) support or sustain life, or (c) whose failure to perform device or system whose failure to perform can be reasonwhen properly used in accordance with instructions for use ably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of terms
Datasheet Identification Product Status
Advance Information Preliminary Formative or In Design First Production
Definition
This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
No Identification Needed
Full Production
Obsolete
Not In Production
13
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of USB1T1104MHX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X