Part Number Hot Search : 
111505 T6020 SP706S DS123 F421L CPC1726 DSWM5077 LBS12033
Product Description
Full Text Search
 

To Download URAF1560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSPEC
Switchmode Full Plastic Ultra-fast Power Rectifiers
...Designed for use in switching power supplies. inverters and as free wheeling diodes. These state-of-the-art devices have the following features: High Surge Capacity Low Power Loss, High efficiency Glass Passivated chip junctions 150J Operating Junction Temperature Low Stored Charge Majority Carrier Conduction Low Forward Voltage , High Current Capability High-Switching Speed 50 & 75 Nanosecond Recovery Time Plastic Material used Carries Underwriters Laboratory
URAF1530 Thru URAF1560
ULTRA FAST RECTIFIERS 15 AMPERES 300-600 VOLTS
MAXIMUM RATINGS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Per Leg TC=55J Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz)
ITO-220AC Symbol 30 VRRM VRWM VR VR(RMS) IF(AV) IFM 300 URAF15 40 400 50 500 60 600 V Unit
210
280 15 30
350
420
V A A
DIM A B C D E F G H I J K L M N P O Q
Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Operating and Storage Junction Temperature Range
IFSM
225
A
TJ , Tstg
-65 to +150
J
ELECTRIAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage ( IF =15 Amp TC = 25J ) ( IF =15 Amp TC = 125J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Reverse Recovery Time ( IF = 0.5 A, IR =1.0 , Irr =0.25 A ) Typical Junction Capacitance (Reverse Voltage of 4 volts & f=1 MHz) Symbol 30 VF 1.30 1.16 URAF15 40 50 1.50 1.38 60 V Unit
MILLIMETERS MIN MAX 15.05 15.15 13.35 13.45 10.00 10.10 6.55 6.65 2.65 2.75 1.00 1.15 1.25 0.55 0.65 4.80 5.20 3.00 3.20 1.10 1.20 0.55 0.65 4.40 4.60 1.15 1.25 2.65 2.75 3.35 3.45 3.15 3.25
IR
10 500 50
uA
Trr CP 150
ns
120
PF
URAF1530 Thru URAF1560
FIG-1 TYPICAL FORWARD CHARACTERISITICS
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
AVERAGE FORWARD RECTIFIED CURRENT (Amp.)
FIG-3 FORWARD CURRENT DERATING CURVE
URAF1530-40
URAF1550-60
LEAD TEMPERATURE (J )
FIG-4TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE (Volts)
FIG-2 TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (uA.)
JUNCTION CAPACITANCE (PF)
URAF1530-40 URAF1550-60
URAF1550-60 URAF1530-40
REVERSE VOLTAGE (Volts.)
FIG-5PEAK FORWARD SURGE CURRENT
250
PEAK FORWARD SURGE CURRENT (Amp.)
200
PERCENT OF PEAK REVERSE VOLTAGE (M )
150
100
50
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Set time base for 10/20 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram


▲Up To Search▲   

 
Price & Availability of URAF1560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X