|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
# 580 Pleasant Street Watertown, MA 02472 Phone:(617) 926-0404 F A X : (617) 924-1235 UPFS320P Features * * * * * * POWERMITE 3 Surface Mount Package MOSFET with Schottky Rectifier for reverse voltage blocking Single 3 leaded device replaces 2 individual components Integral Heat Sink / Locking Tabs Supplied in 16mm Tape and Reel - 6000 units/reel Superior Low Thermal and Electrical capability SURFACE MOUNT P - CHANNEL MOSKEY Mechanical Characteristics * * * * * Footprint Area of 16.51 mm2 Case: Molded Epoxy Meets UL94VO at 1/8 inch Weight: 72 milligrams Lead and Mounting Temperatures: 260C max for 10 seconds Description The MOSKEY combines a MOSFET with a Schottky Recti fier to provide reverse blocking capability in a single three leaded package. This device is well suited for applications such as battery chargers and switching where the intrinsic source-drain diode is an undesirable feature. Note: Vks = Vds (Mosfet) + Vf (Rectifier) Absolute Maximum Ratings at 25C RATING Cathode-to-Source Voltage Gate-to-Source Voltage Cathode Current: Continuous @ TA=25C Single Pulsed Total Power Dissipation Storage Temperature Operating Temperature SYMBOL VKSS VGS IK IKM PD (1) T stg T op VALUE +/- 20 +/- 8 3.0 11.0 2.0 -55 to 150C -55 to 150C UNIT Vdc Vdc Adc Apk Watts C C Thermal Characteristics Thermal Resistance: Junction to Tab (1)Junction-to-tab (2)Junction-to-ambient Rjtab Rja (1) Rja (2) 5 60 120 C/Watt C/Watt C/Watt (1) Mounted on 2" square by 0.06' thick FR4 board with a 1" x1" square 2 ounce copper pattern. (2) Mounted on 0.06 thick FR4 board, using recommended footprint, with 2 ounce copper MSC 02-17-00 PRELIMINARY UPFS320P Electrical Characteristics at 25C ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted) Symbol Parameter Conditions OFF CHARACTERISTICS BVKSS Cathode-Source Breakdown Voltage VGS= 0V; IK = 250uA IKSSF Zero Gate Voltage Cathode Current: VKS= -16V, VGS = 0V Forward IKSSR Zero Gate Voltage Cathode VKS= +16V, VGS = 0V Current:Reverse IGSS Gate-Body Leakage Current VGS= +/- 8V, VDS = 0V ON CHARACTERISTICS (pulsed 500us max, duty cycle < 2%) VGS(TH) Gate Threshold Voltage VDS > VGS; IK = 250uA DELTA Gate Threshold Voltage Temp IK = 250uA, Reference to 25C VGS(TH)/ Coefficient TJ VKS (ON) Static Cathode-Source On Voltage VGS = 4.5 V; IK = 3A VKS (ON) Static Cathode-Source On Voltage VGS = 4.5 ; IK = 1A IK(ON) On State Cathode Current VGS = 4.5 V; VKS = 5V Gfs Forward Transconductance VDS = 10 V; IK = 3 A DYNAMIC CHARACTERISTICS Ciss Input Capacitance VKS = 10 V; VGS = 0V, F = 1MHz Coss Output Capacitance VKS = 10 V; VGS = 0V, F = 1MHz Crss Reverse Transfer Capacitance VKS = 10 V; VGS = 0V, F = 1MHz SWITCHING CHARACTERISTICS Td(ON) Turn On Delay Time VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6 Tr Turn On Rise Time VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6 Td(OFF) Turn Off Delay time VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6 Tf Turn Off Fall time VDD = 5V, IK = 1A, VGS = 4.5V, Rg = 6 Qg Total Gate Charge VDS = 5V, IK = 3A, VGS = 4.5V Qgs Gate-Source Charge VDS = 5V, IK = 3A, VGS = 4.5V Qgd Gate-Cathode Charge VDS = 5V, IK = 3A, VGS = 4.5V Min Typ Max 20 1 1.5 100 0.4 0.6 2.1 1 Units V uA mA nA V mV/C 700 400 10 6.5 700 270 100 8 24 50 29 9.5 1.3 2.2 16 38 80 45 13 mV mV A S pF pF pF ns ns ns ns nC nC nC MSC 02-17-00 PRELIMINARY UPFS320P MSC 02-17-00 PRELIMINARY UPFS320P MSC 02-17-00 PRELIMINARY UPFS320P MECHANICAL SPECIFICATIONS MSC 02-17-00 PRELIMINARY |
Price & Availability of UPFS320P |