Part Number Hot Search : 
TSM0505D B002B G1085 120EC FLL351ME 2SA1008 FIN1019 LH5P8129
Product Description
Full Text Search
 

To Download UPC8129GR-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI RFIC QUADRATURE MODULATOR UPC8129GR WITH UPCONVERTER AND AGC
FEATURES
* WIDE OPERATING FREQUENCY RANGE: fRFOUT = 800 MHz to 1900 MHz fMODOUT = 100 MHz to 400 MHz, fI/Q = DC to 10 MHz * PORTS FOR EXTERNAL IF FILTER * LOW PHASE DIFFERENCE DUE TO DIGITAL PHASE SHIFTER * WIDE SUPPLY VOLTAGE: VCC = 2.7 to 5.5 V * POWER SAVE FUNCTION * 20 PIN SSOP
0 RF 90 Filter Q Q
DESCRIPTION
The UPC8129GR is a silicon RFIC designed as a quadrature modulator for digital mobile communication systems. This IC consists of a 0.8 GHz to 1.9 GHz up-converter and a 100 MHz to 400 MHz quadrature modulator which have been packaged in a 20 pin SSOP. The device has a power save function and operates with a 2.7 to 5.5 V supply voltage for low power consumption.
FUCTIONAL BLOCK DIAGRAM
LO2 LO1 I I
ELECTRICAL CHARACTERISTICS (TA = 25C, VCC = VPS = VAGC = 3.0 V, RPS = 1 k, RAGC = 10 k )
PART NUMBER PACKAGE OUTLINE SYMBOLS ICC Total PARAMETERS AND CONDITIONS Total Circuit Current (no signal) VPS 0.5 V VAGC = 3 V, VPS 0.5 V VAGC = 0 V, VPS 0.5 V Total Output Power1,2 RFOUT = 900 MHz RFOUT = 1900 MHz Circuit Current-Upconverter (no signal) VPS 0.5 V VPS 0.5 V Conversion fRF = 900 MHz, fLO = 1150 MHz PUPCON-IN = -20 dBm fRF = 1900 MHz, fLO = 1650 MHz AGC Gain Control Range VAGC = 2.5 V - 0 V Maximum Output Power, Upconverter PUPCON-IN = -4 dBm Output 3rd Order Intercept Point fUPCON-IN = 250.0 MHz (250.2 MHz) fRF = 900 MHz fRF = 1900 MHz fRF = 900 MHz fRF = 1900 MHz Gain1 UNITS mA A A dBm dBm mA A dB dB dB dBm dBm dBm dBm mA A dBm dBc dBc Distortion2 dBc k A VPS (High) VPS (Low) S S dBc/Hz 28 MIN 20 UPC8129GR S20 (SSOP 20) TYP 28 0.6 60 -5 -12 14 5.0 12 5 40 -1.5 -7 +6 -1 14 5.0 -16.5 -40 -30 -50 200 5 2.0 2.0 -133 5.0 5.0 -26.5 -26.5 MAX 37 10 -2
PRFOUT ICC
-8
Upconverter
CG GCR PRF (SAT) OIP3 ICC PMOD LOL IMR IM3I/Q ZI/Q II/Q TPS (RISE) TPS (FALL)
Circuit Current-Modulator (no signal) VPS 0.5 V VPS 0.5 V Output Power-Modulator2 LO Carrier Leakage2 Image Rejection2 I/Q 3rd Order Intermodulation I/Q Input Impedance I/Q Bias Current Power Save Rise Time VPS (Low) Power Save Fall Time VPS (High)
Modulator
Output Noise Floor at f = 20 MHz Notes: 1. PLO1 = PLO2 = -10 dBm 2. VI/Q = VI/Q = 1.5 V (DC) + 0.5 VP-P (AC), fI/QIN = 67.7 kHz
California Eastern Laboratories
UPC8129GR ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS VCC VPS VAGC IQ(DC) PD TOP TSTG PARAMETERS Supply Voltage Power Save Voltage AGC Control Voltage IQ DC Offset Voltage Power Dissipation2 Operating Temperature Storage Temperature UNITS V V V V mW C C RATINGS 6.0 6.0 6.0 4.0 430 -40 to +85 -55 to +150
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. Mounted on 50 x 50 x 1.6 mm double copper clad epoxy glass PWB (TA = 85C).
RECOMMENDED OPERATING CONDITIONS
SYMBOLS VCC TOP fRFOUT fUPCONIN fMODOUT fLO1IN PLO1IN fLO2IN PLO2IN fI/QIN VI/QIN PARAMETERS Supply Voltage Operating Temperature Up Converter Output Frequency Up Converter Input Frequency Modulator Output Frequency LO1 Input Frequency LO1 Input Level LO2 Input Frequency LO2 Input Level I/Q Input Frequency I/Q Input Amplitude1 MHz MHz dBm MHz dBm MHz mVP-P 100 200 -15 800 -15 DC 500 -10 -10 400 800 -5 1800 -5 10 600 UNITS V C MHz MIN 2.7 -40 800 TYP 3.0 +25 MAX 5.5 +85 1900
Note: 1. Single ended Input.
INTERNAL BLOCK DIAGRAM
UPCONIN UPCONIN MODOUT I I Q Q Lo1IN Lo1IN GND 1 2 3 4 5 6 7 8 9 10
90 Phase Shifter (/2) Reg.
APPLICATION EXAMPLE
SUB ANT
20
VCC(MOD)
SW MAIN ANT
1st. MIX
2nd. MIX
DEMO
19 VCC(UPCON) 18 17 16 15 14 13 12 11 RFOUT GND
I Q
1st. Lo SW SW PLL1 PLL2 2nd. Lo
VPS VAGC GND Lo2IN Lo2IN GND
FILTER AGC 0 (F/F) 90 MODOUT =fLO/2 fLO Q I
UPC8129GR OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE SSOP 20
20 11
ORDERING INFORMATION
PART NUMBER UPC8129GR-E1 QTY 2.5 k/Reel
Note: Embossed Tape, 12 mm wide, Pins 1 through 10 are in tape pull-out direction.
N
1
7.00 MAX
10 6.40.2 4.40.1 1.0
1.5 0.1 1.8 MAX 0.1 0.1 +0.10 0.22 - 0.05 +0.10 0.15- 0.05
0.50.2 0.65 0.575 MAX
LEAD CONNECTIONS 1. Upconverter Input 2. Upconverter Input (Bypass) 3. Modulator Output 4. I Input 5. I Input 6. Q Input 7. Q Input 8. LO1 Input (Modulator) 9. LO1 Input (Bypass) 10. GND
11. GND 12. LO2 Input (Bypass) 13. LO2 Input (Upconverter) 14. GND 15. VAGC (Upconverter) 16. VPS (Power Save) 17. GND 18. RF Output 19. VCC (Upconverter) 20. VCC (Modulator)
All dimensions are typical unless specified otherwise.
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM PRINTED IN USA ON RECYCLED PAPER -3/98 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of UPC8129GR-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X