Part Number Hot Search : 
1N5988A HA3R150S BUV27 LCA05C10 SDU40N03 TS6121AX ECDT25H PLED6SW
Product Description
Full Text Search
 

To Download UPC8112TB-E3-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
FEATURES
* HIGH DENSITY SURFACE MOUNTING: 6 Pin Super Minimold or SOT-363 Package * BROADBAND OPERATION: RF = 0.8 to 2.0 GHz IF = 100 to 300 MHz * INPUT IP3: -7 dBm * POWER SAVE FUNCTION * SUPPLY VOLTAGE: VCC = 2.7 to 3.3 V
UPC8112TB
INTERNAL BLOCK DIAGRAM
RF Input IF Output
POWER SAVE
DESCRIPTION
NEC's UPC8112TB is a silicon RFIC manufactured using the NESAT III process. This device consists of a mixer, an IF amplifier and a LO buffer amplifier. This device is suitable as a 1st IF downconverter for the receiver stage of cellular and other wireless systems. The UPC8112TB is pin compatible and has comparable performance as the larger UPC8112T, so
PART NUMBER PACKAGE OUTLINE PARAMETERS AND CONDITIONS Circuit Current (no input signal) VCC = 3.0 V VPS = 0.5 V RF Frequency Response IF Frequency Response1 Conversion Gain fRFin = 900 MHz, fLOin = 1000 MHz fRFin = 1.5 GHz, fLOin = 1.6 GHz fRFin = 1.9 GHz, fLOin = 1.66 GHz Single Side Band Noise Figure (SSB) fRFin = 900 MHz, fLOin = 1000 MHz fRFin = 1.5 GHz, fLOin = 1.6 GHz fRFin = 1.9 GHz, fLOin = 1.66 GHz Output Power at 1 dB gain compression, fRFin = 1.9 GHz fLOin = 1.66 GHz Saturated Output Power fRFin = 900 MHz, fLOin = 1000 MHz fRFin = 1.9 GHz, fLOin = 1.66 GHz (PRFin = -10 dBm) Input 3rd Order Intercept Point, fRFIN = 900 MHz, fLOIN = 1000 MHz fRFin = 1.5 GHz, fLOin = 1.6 GHz fRFin = 1.9 GHz, fLOin = 1.66 GHz LO Leakage at RF pin, fRFin = 900 MHz, fLOin = 1000 MHz fRFin = 1.5 GHz, fLOin = 1.6 GHz fRFin = 1.9 GHz, fLOin = 1.66 GHz LO Leakage at IF pin, fRFin = 900 MHz, fLOin = 1000 MHz fRFin = 1.5 GHz, fLOin = 1.6 GHz fRFin = 1.9 GHz, fLOin = 1.66 GHz RF Leakage at LO Pin fRFin = 900 MHz, fLOin = 1000 MHz2 fRFin = 1.5 GHz, fLOin = 1.6 GHz2 fRFin = 1.9 GHz, fLOin = 1.66 GHz2 Thermal Resistance (Junction to Ambient) Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB 2. PRFin = -30 dBm
LO Input
VCC
GND
it is suitable for use as a replacement to help reduce system size. The IC is housed in a 6 pin super minimold or SOT-363 package. NEC's stringent quality assurance and test procedures ensure the highest reliability and performance.
ELECTRICAL CHARACTERISTICS (TA = 25 C, VCC = VPS = 3.0 V, PLO = -10 dBm)
SYMBOLS ICC fRFin fIFout CG UNITS mA A GHz MHz dB dB dB dB dB dB dBm dBm dBm MIN 4.9 0.8 100 11.5 9.5 UPC8112TB S06 TYP 8.5 1.9 250 15 13 13 9.0 11 11.2 -5 -2.5 -3 MAX 11.7 0.1 2.0 300 17.5 15.5 11 13.2
NF
P1dB PSAT
-6.5 -7
IIP3
LORF
LOIF
dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm dBm C/W
-10 -9 -7 -45 -46 -45 -32 -33 -30 -80 -57 -55 325
RFLO
RTH(JA)
Notes: 1. External matching required.
California Eastern Laboratories
UPC8112TB ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS VCC ICC PD TOP TSTG PARAMETERS Supply Voltage Circuit Current Power Dissipation2 UNITS V mA mW C C RATINGS 3.6 77.7 200 -40 to +85 -55 to +150
RECOMMENDED OPERATING CONDITIONS
SYMBOLS VCC TOP PLOin fRFin fIFout PARAMETERS Supply Voltage Operating Temperature LO Input Level RF Input Frequency IF Output Frequency UNITS MIN V C dBm GHz MHz 2.7 -40 -15 0.8 100 TYP MAX 3.0 +25 -10 1.9 250 3.3 +85 0 2.0 300
Operating Temperature Storage Temperature
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB (TA = +85C).
PIN FUNCTIONS
Pin No. 5 Symbol VCC Pin Voltage 2.7 ~ 3.3 Description Supply Voltage pin. Connect a bypass capacitor (e.g., 1000 pF) to minimize ground impedance. IF output pin is an open collector with high impedance. External LC matching circuit is required. RF input pin to mixer. Mixer is a double balanced Gilbert cell type. Input RF signal to the pin with a 50 source impedance through a coupling capacitor. Ground pin. Must be connected to the system ground with minimum inductance. Ground pattern on the board should be formed as wide as possible to minimize ground impedance. LO input pin to a differential buffer amplifier. Input LO signal through a coupling capacitor. Recommended input level: -15 to 0 dBm. Internal Equivalent Circuit
5 6
from LO AMP
6
IFOUT
Same as VCC voltage through external inductor
1
RFIN
1.2
1
2
GND
0
2
3
LOIN
1.4
5
} to mixer
3
2
4 VPS VCC or GND Power-save control pin. Voltage on this pin controls ON/OFF operation as follows: Operation ON OFF VPS 2.5 V 0-0.5 V
5
4
2
UPC8112TB TYPICAL APPLICATION EXAMPLE
PCS or DIGITAL CELLULAR
PC8112T RX DEMOD I Q
VCO SW
.N .
PLL
PLL
I 90 TX PA Q
TEST CIRCUIT
(TOP VIEW)
50
POWER SAVE PS 4 3V
3 C2 2
LOin
GND
Vcc
5 L1 C3
50
50
1 C1
RFin
IFout
6 C4
Note: 1. C1, C2, C3 are 1,000 pF capacitors. 2. L1 and C4 are matching elements. L1 = 100nH and C4 = 2.7 pF for fIF = 240 MHz
UPC8112TB OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S06
2.10.1
LEAD CONNECTIONS
(Top View) (Bottom View)
2.00.2 0.65 3 1.3 0.65 2
4
0.2 +0.1 -0
C2K
1.250.1
3
4
4
3
2
5
5
2
5
1
6
DOT ON BOTTOM SIDE
6
6
1
1
0.9 0.1 0.7
0 ~0.1
+0.1 0.15 -0.5
1. RFIN 2. GND 3. LOIN 4. PS 5. VCC 6. IFOUT
RECOMMENDED P.C.B. LAYOUT (Units in mm)
Note: All dimensions are typical unless otherwise specified.
3.10
ORDERING INFORMATION
PART NUMBER UPC8112TB-E3-A Note: Embossed tape, 8 mm wide. Pins 1, 2, 3 are in tape pull-out direction. QTY 3K/Reel
3
4 0.95
2
5
1
6 0.5 MIN
1.0 MIN
1.0 MIN
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM PRINTED IN USA ON RECYCLED PAPER -1/99 DATA SUBJECT TO CHANGE WITHOUT NOTICE
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.
5-188


▲Up To Search▲   

 
Price & Availability of UPC8112TB-E3-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X