Part Number Hot Search : 
TE5550CN ST10F272 BR304 57729 56F8000 MAX4516 KTC319 2N650
Product Description
Full Text Search
 

To Download UPC8110GR-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 GHz QUADRATURE MODULATOR
FEATURES
* DIRECT MODULATION RANGE: 800 MHz TO 1 GHz * SUPPLY VOLTAGE RANGE: VCC = 2.7 V to 3.6 V * LOW OPERATION CURRENT: 24 mA Typ * LOW CURRENT SLEEP MODE
UPC8110GR
FUNCTIONAL BLOCK DIAGRAM
LO
0
RF OUT
I I
90 Q Q
DESCRIPTION
The UPC8110GR is a silicon monolithic integrated circuit designed as a 1 GHz direct quadrature modulator for digital mobile communication systems. The device is manufactured using the NESAT III MMIC process and is housed in a 20 pin plastic SSOP package that contributes to miniaturizing the system. The device has power save function and operates on a 3 V supply voltage for low power consumption. NEC's stringent quality assurance and test procedures ensure the highest reliability and performance.
ELECTRICAL CHARACTERISTICS (TA = 25C, VCC = 3 V, VPS 2.2 V
PART NUMBER PACKAGE OUTLINE SYMBOLS ICC Po(SAT) LOL IMR IM3 I/Q ZI/QIN TPS (RISE) TPS (FALL) PARAMETERS AND CONDITIONS Circuit Current (no signal) VPS 2.2 V Circuit Current (power save) VPS 0.5 V Maximum Output Power1 LO Carrier Image Leak1 UNITS mA A dBm dBc dBc Distortion1 dBc k s s
unless otherwise specified) UPC8110GR S20 MIN 15 TYP 24 -10 -35 -40 -45 150 2 2 5 5 -30 -30 -30 MAX 33 10
Rejection1
I/Q 3rd Order Intermodulation
I/Q Input Impedance, single-ended Power Save Rise Time, VPS 0.5 V to VPS 2.2 V Power Save Fall Time, VPS 2.2 V to VPS 0.5 V
Note: 1. fLOIN = 948 MHz, PLOIN = -10 dBm, f I/Q = 2.625 kHz, V I/Q = VCC/2 (DC)+ 0.5 V p-p (AC).
California Eastern Laboratories
UPC8110GR ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS VCC VPS PD TOP TSTG PARAMETERS Supply Voltage Power Save Voltage Power Dissipation2 Operating Temperature Storage Temperature UNITS V V mW C C RATINGS 4.0 4.0 430 -40 to +85 -55 to +150
RECOMMENDED OPERATING CONDITIONS
SYMBOLS VCC VPS TOP PLO fLOIN fI/QIN VI/QIN PARAMETERS Supply Voltage Power Save Voltage Operating Temperature LO Input Power Level LO Input Frequency I/Q Input Frequency I/Q Input Voltage UNITS MIN V V C dBm MHz MHz mVp-p mVp-p Notes: 1. Single-ended Input. 2. Differential Input. Equivalent Circuit 800 DC 2.7 0 -40 +25 -10 900 1000 10 5001 2502 TYP 3.0 MAX 3.6 VCC +85
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. Mounted on a 50 x 50 x 1.6 mm double copper clad epoxy glass PWB (TA = +85C).
PIN FUNCTIONS
Pin No. Symbol Supply Voltage (V) -- Pin Voltage (V) 2.6 Description
1
LOIN
LO input for the phase shifter.
1 3
2
GND
0
--
Connect to ground with minimum inductance. Track length should be kept as short as possible. Bypass of the LO input. This pin is grounded through a capacitor of approx. 30 pF. Connect to ground with minimum inductance. Track length should be kept as short as possible. Input for Q signal. If the I/Q input signals are single-ended, the maximum amplitude of the signal is 500 mVp-p. Input for Q signal. If the I/Q input signals are single-ended, Q should be DC biased at VCC/2. If the I/Q input signals are differential, the maximum amplitude of the signal is 250 mVp-p. Input for I signal. If the I/Q input signals are single-ended, I should be DC biased at VCC/2. If the I/Q input signals are differential, the maximum amplitude of the signal is 250 mVp-p. Input for I signal. If the I/Q input signals are single-ended, the maximum amplitude of the signal is 500 mVp-p. Connect to ground with minimum inductance. Track length should be kept as short as possible.
5 6
3
LOIN
--
2.6
4
GND
0
--
5
Q
VCC/2*1
--
6
Q
VCC/2*1
--
7
I
VCC/2*1
--
7
8
8
I
VCC/2*1
--
9 GND 10 0 --
11
RFOUT
--
1.6
Output from the modulator. This is an emitter follower output. Connect approx. 15 in series to match to 50.
11
UPC8110GR PIN FUNCTIONS
Pin No. 12 GND 13 0 -- Symbol Supply Voltage Pin Voltage Description Equivalent Circuit
Connect to ground with minimum inductance. Track length should be kept as short as possible. Supply voltage pin for the modulator. An internal regulator helps keep the device stable against temperature or VCC variations. Connect to ground with minimum inductance. Track length should be kept as short as possible. Power save control pin can control the ON/SLEEP state with a bias as follows: VPS (V) 2.0 ~ 3.6 0 ~ 0.8 STATE ON SLEEP
14 15
VCC
2.7~ 3.6
--
GND 16
0
--
17
Power Save
VPS
--
17
18
GND
0
--
Connect to ground with minimum inductance. Track length should be kept as short as possible. Supply voltage pin for the modulator. An internal regulator helps keep the device stable against temperature or VCC variations. Connect to ground with minimum inductance. Track length should be kept as short as possible.
19
VCC
2.7 ~ 3.6
--
20
GND
0
--
*1: VCC/2 DC bias must be supplied to I, I, Q, Q.
UPC8110GR EXPLANATION OF INTERNAL FUNCTIONS
Block Function/Operation Block Diagram from LO1in 90 PHASE SHIFTER Input signal from the LO input is sent to a T-type flip-flop through a frequency doubler. The output signal from the T-type F/F is changed to the same frequency as the LO input with a quadrature phase shift of 0, 90, 180, or 270. These circuits provide self phase correction for proper quadrature signals.
x2
.2 F/F .
BUFFER AMPLIFIER
Buffer amplifiers for each phase signal are sent to each mixer.
MIXER
The signals from the buffer amps are quadrature modulated with two doublebalanced mixers. High accurate phase and amplitude inputs are realized to provide excellent image rejection.
I
I Q Q
ADDER
Output signals from each mixer are added and sent through a final amplifier.
To MODout
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S20 (SSOP20)
20 11
INTERNAL BLOCK DIAGRAM
TOP VIEW
1 90 Phase Shifter REG. 20
LOIN
GND VCC GND VPS (POWER SAVE) GND GND VCC GND GND RF OUT
N
NEC C8110G XXXXX
7.00 MAX 10
GND
2
19
XXX = Lot/Date Code
LOIN GND
3
18
4
17
1
6.40.2 1.00.1 4.40.1
Q INPUT Q INPUT I INPUT
5
16
1.5 0.1 1.8 MAX +0.10 0.22 - 0.05 +0.10 0.15 -0.05
6
15
7
14
0.50.2 0.65 0.575 MAX
Note: All dimensions are typical unless otherwise specified.
I INPUT GND GND
8 9 10
13 12 11
ORDERING INFORMATION
PART NUMBER UPC8110GR-E1 QTY 2.5 K/Reel
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM PRINTED IN USA ON RECYCLED PAPER -11/97 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of UPC8110GR-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X