Part Number Hot Search : 
TP250 TIP127FP PN8231 GXP6W SMLP3 22252 KM155NP3 B3200C
Product Description
Full Text Search
 

To Download UP04501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
UP04501
Silicon NPN epitaxial planar type
For general amplification Features
* Two elements incorporated into one package (Each transistor is separated) * Reduction of the mounting area and assembly cost by one half
1 2 3 (0.50)(0.50) 1.000.05 1.600.05 (0.30) 6 5 4
1.200.05 1.600.05
0.20+0.05 -0.02
Unit: mm
0.100.02
5
(0.20)
Display at No.1 lead
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT Tj Tstg Rating 60 50 7 100 200 125 125 -55 to +125 Unit V V V mA mA mW C C
Tr1 Tr2
1: Emitter (Tr1) 2: Base (Tr1) 3: Collector (Tr2)
0 to 0.02
4: Emitter (Tr2) 5: Base (Tr2) 6: Collector (Tr1) SSMini6-F1 Package
Marking Symbol: 5H Internal Connection
6 5 4
1
2
3
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Forward current transfer ratio Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) Symbol VCBO VCEO VEBO ICBO ICEO hFE VCE(sat) fT Cob Conditions IC = 10 A, IE = 0 IC = 2 mA, IB = 0 IE = 10 A, IC = 0 VCB = 20 V, IE = 0 VCE = 10 V, IB = 0 VCE = 10 V, IC = 2 mA IC = 100 mA, IB = 10 mA VCB = 10 V, IE = -2 mA, f = 200 MHz VCB = 10 V, IE = 0, f = 1 MHz 150 3.5 180 Min 60 50 7 0.1 100 390 0.3 Typ Max Unit V V V A A V MHz pF
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
0.10 max.
* 2SD0601A x 2
5
0.550.05
Basic Part Number
(0.20)
Publication date: December 2003
SJJ00232BED
1
UP04501
PT Ta
150
50 Ta = 25C
IC VCE
IB = 160 A 140 A 40
IC I B
160 VCE = 10 V Ta = 25C
Total power dissipation PT (mW)
125
Collector current IC (mA)
Collector current IC (mA)
120 A 30 100 A 80 A 20 60 A 40 A 10 20 A 0
120
100
75
80
50
40
25
0 0 40 80 120 160
0
4
8
12
0
0
0.4
0.8
1.2
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base current IB (mA)
IB VBE
10
120
IC VBE
25C
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
10 IC / IB = 10
VCE = 10 V Ta = 25C
100
VCE = 10 V
Collector current IC (mA)
8
Base current IB (mA)
1
80
6
Ta = 75C
-25C
60
10-1
Ta = 75C 25C -25C
4
40
10-2
2
20
0
0
0
0.2
0.4
0.6
0.8
0
0.2
0.4
0.6
0.8
1.0
10-3 10-1
1
10
102
Base-emitter voltage VBE (V)
Base-emitter voltage VBE (V)
Collector current IC (mA)
hFE IC
400 VCE = 10 V Ta = 75C 25C 240 -25C 160
Forward current transfer ratio hFE
320
80
0 10-1
1
10
102
103
Collector current IC (mA)
2
SJJ00232BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of UP04501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X