Part Number Hot Search : 
MC13144 BAR63 LUMBERG D103C IN74H TC60AM 2000314 SA701D
Product Description
Full Text Search
 

To Download UL248-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INIATURE FUSES MINIATURE FUSES
5x20mm / No. 197
This product is not recommended for new designs. Please refer to Littelfuse No. 233/234.
250V, UL 248-14, 250V, M
Time-Current Standard
Medium Time Lag (M) UL 248-14 CSA C22.2 No. 248.14 CSA certified UL Listed cUL Listed METI-PSE
Specifications
Packaging
000: Bulk (1000 pcs.) 002: Bulk (20x10 pcs.) 043: With mounted holder - Tape/Reel (1250 pcs.) on request Tube: End Caps: Optional Holders: Glass Nickel-plated brass Nickel-plated caps Tin-plated copper wires
Characteristic
Approvals
Materials
Features
Dimensions (mm)
Visual fault indication Direct solderable or plug-in versions Internationally approved Worldwide availability
Temperature Operating Temperature Climatic Category Stock Conditions
-25C to +70C (consider de-rating) -25C/+70C/21 days (EN 60068-1..3) +10C to +60C relative humidity 75% yearly average, without dew, maximum value for 30 days-95% 24 cycles at 15 min. each (EN 60068-6) 10 - 60Hz at 0.75mm amplitude 60 - 2000Hz at 10g acceleration 260C, 3 sec. (Wave) 350C, 1 sec. (Hand) 260C, 10 sec. (IEC 60068-2-20) , Current Rating, 250VAC, 197, Approvals
W ebLinks
Further info see:
www.wickmanngroup.com
Vibration Resistance
Further application info see fuseology:
www.wickmanngroup.com/download/ fuseology.pdf
Solderability
Optional Holders
Soldering Heat Resistance Marking
Limits for Pre-arcing Time
Rated Current
250mA ... 7.00A
Unit Weight
1.35 x IRated 2.0 x IRated
< 1h < 120s
1.0g (approx.) 1.9g (with leads)
75% Permissible continuous operating current is 75% at ambient temperature of 23C (73.4F). Rated Amp Voltage Breaking Voltage Drop Power Dissipation Melting Integral Current Code Rating Capacity 1.0 x IRated 1.0 x IRated 10 x IRated max. (mV) max. (W) typ. (A2s)
250mA 300mA 350mA 400mA 500mA 600mA 700mA 800mA 1.00A 1.25A 1.60A 2.00A 2.50A 3.00A 3.50A 4.00A 5.00A 6.00A 7.00A 0250 0300 0350 0400 0500 0600 0700 0800 1100 1125 1160 1200 1250 1300 1350 1400 1500 1600 1700 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 250V 125V 125V 125V 125V 350 300 300 280 250 230 210 200 180 170 150 130 120 115 110 105 100 95 90 0.3 0.3 0.4 0.4 0.4 0.5 0.5 0.6 0.6 0.7 0.8 0.9 1.0 1.1 1.3 1.3 1.4 1.4 1.4 0.019 0.038 0.065 0.092 0.19 0.31 0.43 0.48 1.3 2.2 4.3 8.6 10 17 26 32 55 96 140
35A / 250VAC 10kA / 125VAC 50-60Hz cos = 0.7-0.8
100A / 250VAC 10kA / 125VAC 50-60Hz cos = 0.7-0.8 10kA / 125VAC 50-60Hz cos = 0.7-0.8
* * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
* * * * * * * * * * * * * * * * * * *
Order Information
050912
Qty.
OrderNumber
Series 197
Amp Code
Packaging
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
METI-PSE
Approvals
CSA cUL UL
* * * * * * * * *
INIATURE FUSES MINIATURE FUSES
5x20mm / No. 197
I-t Characteristics
(Min-Max Limit) UL 248-14
Time (sec.)
050912
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
00 0,0 10 0 ,00 10 00 1,0 0 10 10 1 0. 1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
IFault / I Rated
Contact WICKMANN for individual I-t curves
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of UL248-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X