Part Number Hot Search : 
LP801B 1000S E005691 TMG20D80 LT1017IS MB90570C 8SA3KE22 CS2844
Product Description
Full Text Search
 

To Download UGFZ10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet Description
1.0 Amp Glass Passivated Sintered Ultra - Fast Rectifiers
Mechanical Dimensions
Package SMA
UGFZ10A . . . 10G Series
Features
n LOWEST COST FOR GLASS SINTERED ULTRA - FAST CONSTRUCTION n LOWEST VF FOR GLASS SINTERED ULTRA - FAST CONSTRUCTION n TYPICAL IR < 100 nAmps UGFZ10A . . . 10G Series 10A 50 35 50 10B 100 70 100 10D 200 140 200 10G 400 280 400 Volts Volts Volts Amps Amps Volts Amps Units n 1.0 AMP OPERATION @ T A = 55C, WITH NO THERMAL RUNAWAY n SINTERED GLASS CAVITY-FREE JUNCTION
Electrical Characteristics @ 25 o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) @ TA = 55C (Note 2) Non-Repetitive Peak Forward Surge Current...IFSM 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ 1.0A...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 135C DC Reverse Current...IR(max) @ Rated DC Blocking Voltage TA = 25C TA = 150C
............................................. 1.0 ............................................... ............................................. 3 0 ............................................... < ................................... 0.95 ............................... > 1.25
............................................. 3 0 ...............................................
............................................. 5.0 ............................................... ............................................. 2 0 0 ............................................... ............................................. 4 5 ............................................... ............................................. 3 5 ...............................................
Amps Amps C / W nS C
Typical Thermal Resistance...RJA (Note 2) Maximum Reverse Recovery Time...tRR (Note 3)
Operating & Storage Temperature Range...TJ, TSTRG ......................................... -65 to 175 .......................................... NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. 5.0mm2 (.013mm thick) land areas. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.


▲Up To Search▲   

 
Price & Availability of UGFZ10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X