Part Number Hot Search : 
9904BSA P6SMB7 HPTA0700 1H101 2N519406 15402 SC503 N74F823N
Product Description
Full Text Search
 

To Download UFT30-28S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UFT30-28S
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .380 4L STUD DESCRIPTION:
The ASI UFT30-28S is Designed for
.112x45 A
B
FEATURES:
* * * OmnigoldTM Metalization System
D
OC
H
I J
#8-32 UNC-2A
G F E
MAXIMUM RATINGS
IC VCB VCE PDISS TJ TSTG JC 10 A 60 V 35 V 140 W @ TC = 25 OC -65 OC to +200 OC -65 OC to +150 OC 1.5 OC/W
DIM A B C D E F G H I J MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84 .385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10666
CHARACTERISTICS
SYMBOL
BVCEO BVCER BVEBO ICES hFE Cob PGE IMD3 IC = 50 mA IC = 50 mA IE = 10 mA VE = 28 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
35 60 4.0 5
UNITS
V V V mA --pF dB
VCE = 5.0 V VCB = 28 V VCE = 25 V PREF = 16 W
IC = 1.0 A f = 1.0 MHz ICQ = 3.2 A Vision = -8 dB Side Band = -16 dB f = 225 MHz Snd. = -7 dB
10
100 80
13.5
14.5 -55
dBc
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of UFT30-28S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X