Part Number Hot Search : 
S13D2 012001 BT137 MQ100 KSD5072 FR601 SL6236 212EH
Product Description
Full Text Search
 

To Download UFM106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
UFM101 THRU UFM106
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * * Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.057 gram
DO-214AC
MECHANICAL DATA
* Epoxy : UL flammability classification 94V-0
0.067 (1.70) 0.051 (1.29) 0.180(4.57) 0.160(4.06) 0.110 (2.79) 0.086 (2.18)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
0.091 (2.31) 0.067 (1.70) 0.059 (1.50) 0.035 (0.89) 0.209 (5.31) 0.185 (4.70)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Volts Maximum DC Blocking Voltage Maximum Average Forward Current at TA = 55 oC Peak Forward Surge Current IFM (surge): 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM CJ TJ, TSTG 15 -65 to + 175 UFM101 UFM102 UFM103 UFM104 UFM105 UFM106 50 35 50 100 70 100 150 105 150 1.0 30 10 200 140 200 300 210 300 400 280 400 UNITS Volts Volts Volts Amps Amps pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Reverse Recovery Time (Note 1) NOTES : 1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A. 2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts. @TA = 25 o C @TA =150 o C SYMBOL VF IR trr UFM101 UFM102 UFM103 UFM104 UFM105 UFM106 0.92 1.20 5.0 uAmps 50 20 nSec 2001-2 UNITS Volts
RATING AND CHARACTERISTIC CURVES ( UFM101 THRU UFM106 )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
trr +0.5A
(V) PULSE
GENERATOR
AVERAGE FORWARD CURENT, (A)
50[ NONINDUCTIVE
10[ NON-INDUCTIVE
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
2.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc (approx) (V)
D.U.T
0 -0.25A
1.0
(NOTE 2) 1[ NONINDUCTIVE OSCILLOSCOPE (NOTE 1) (+)
-1.0A
NOTES:1 Rise Time = 7ns max. Input Impedance =
1 megohm. 22 pF. 2. Rise Time = 10ns max. Source Impedance = 50 ohms.
0 0 25 50 75 100 125 150 175
1cm
SET TIME BASE FOR 5/10 ns/cm
AMBIENT TEMPERATURE (J)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10
100
TJ = 150J
10
TJ = 100J
1.0
4
M10
FM UF M1 05 ~U
10
6
1.0
.1
UFM
101
~UF
TJ = 25J
TJ = 25J
.1
.01
Pulse Width = 300uS 1% Duty Cycle
.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
.001 0 .2 .4 .6 .8 1.0 1.2 1.4 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 6 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
PEAK FORWARD SURGE CURRENT, (A)
70 60 50 40
TJ = 25J
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
TJ = 25J
30 20 10 0 .1 .5 1 2 5 10 20 50 100 200 400 NUMBER OF CYCLES AT 60Hz
RECTRON


▲Up To Search▲   

 
Price & Availability of UFM106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X