Part Number Hot Search : 
10009 SN66010 XXXGX LTC221CS LTC17 TC2054 DSEI12 LTC17
Product Description
Full Text Search
 

To Download UF808F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
UF800F - UF808F
8.0A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Ultra-Fast Switching High Current Capability C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I L H B
ITO-220A Dim Min Max A 14.9 15.1 B -- 10.5 C 2.62 2.87 D 3.56 4.06 E 13.46 14.22 F 0.68 0.94 G 3.74O 3.91O H 5.84 6.86 I 4.44 4.70 J 2.54 2.79 K 0.35 0.64 L 1.14 1.40 P 4.95 5.20 All Dimensions in mm
A
PIN1 2
Mechanical Data
! ! ! ! ! ! Case: ITO-220A Full Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
E
PIN 1 +
J K
PIN 2 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C
Symbol VRRM VRWM VR VR(RMS) IO
UF800F UF801F UF802F UF803F UF804F UF806F UF808F Unit
50 35
100 70
200 140
300 210 8.0
400 280
600 420
800 560
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range @IF = 8.0A @TA = 25C @TA = 125C
IFSM VFM IRM trr Cj Tj, TSTG 50 80 1.0
125 1.3 10 500 100 50 -65 to +150 1.7
A V A nS pF C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
UF800F - UF808F
1 of 3
(c) 2002 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10 I(AV), AVERAGE FORWARD CURRENT (A)
100
800F - 802F
803F - 804F
10
6
4
806F - 808F
1.0
2
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
400
180 IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
150
800F - 804F
120
Cj, CAPACITANCE (pF)
100
90
60
806F - 808F
30
10
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
UF800F - UF808F
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
UF800F UF801F UF802F UF803F UF804F UF806F UF808F
Package Type
ITO-220A ITO-220A ITO-220A ITO-220A ITO-220A ITO-220A ITO-220A
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
UF800F - UF808F
3 of 3


▲Up To Search▲   

 
Price & Availability of UF808F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X