Part Number Hot Search : 
LTC36 ATMEGA 85C18 LTC36 WC302 VLL1592 PM8313 KSP10
Product Description
Full Text Search
 

To Download UF808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
UF800 - UF808
Pb
8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Ultra-Fast Switching Low Forward Voltage Drop C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I H L B
TO-220A Dim Min Max 13.90 15.90 A 9.80 10.70 B 2.54 3.43 C 3.56 4.56 D 12.70 14.73 E 0.51 0.96 F 3.55 O 4.09 O G 5.75 6.85 H 4.16 5.00 I 2.03 2.92 J 0.30 0.65 K 1.14 1.40 L 4.83 5.33 P All Dimensions in mm
A
PIN1 3
Mechanical Data
! ! ! ! ! ! ! Case: TO-220A, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Mounting Torque: 11.5 cm-kg (10 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E
PIN 1 +
+ Case
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C
Symbol VRRM VRWM VR VR(RMS) IO
UF800 UF801 UF802 UF803 UF804 UF806 UF808
Unit
50 35
100 70
200 140
300 210 8.0
400 280
600 420
800 560
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range @IF = 8.0A @TA = 25C @TA = 125C
IFSM VFM IRM trr Cj Tj, TSTG 50 80 1.0
125 1.3 10 500 100 50 -65 to +150 1.7
A V A nS pF C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
UF800 - UF808
1 of 4
(c) 2006 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10 I(AV), AVERAGE FORWARD CURRENT (A)
100
800 - 802
803 - 804
10
6
4
806 - 808
1.0
2
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
400
180 IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
150
800 - 804
120
Cj, CAPACITANCE (pF)
100
90
60
806 - 808
30
10
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
UF800 - UF808
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE UF80x
WTE UF80x x Polarity
= Manufacturer's Logo = Device Number = 0, 1, 2, 3, 4, 6 or 8 = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 525 x 31 x 6 Quantity (PCS) 50 Inner Box Size L x W x H (mm) 555 x 145 x 95 Quantity (PCS) 2,000 Carton Size L x W x H (mm) 572 x 306 x 218 Quantity (PCS) 8,000 Approx. Gross Weight (KG) 19.0
Note: 1. Anti-static tube, water clear color.
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Recommended isolated mounting when screw is at heatsink potential. 4-40 hardware is used. Screw should not be tightened with any type of air-forced torque or equipment that may cause high impact on device package. The insulating bushing inside the mounting hole will insure the screw threads do not contact the metal base. The interface should apply a layer of thermal grease or a highly conductive thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw Plain Washer Insulating Bushing Rectifier Insulator Heatsink Compression Washer 4-40 HEX Nut
UF800 - UF808
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
UF800 UF801 UF802 UF803 UF804 UF806 UF808
1. 2.
Package Type
TO-220A TO-220A TO-220A TO-220A TO-220A TO-220A TO-220A
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, UF800-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
UF800 - UF808
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of UF808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X