Part Number Hot Search : 
1X392K 54FCT MC74HC 5ETTTS TEVAL 16N50C 1570E5 SMCJ30
Product Description
Full Text Search
 

To Download UF20C05C-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Glass Passivated Ultra Fast Recovery Rectifier
UF20C01C-G THRU UF20C05C-G
Voltage Range 50 to 600 V Current 20.0 Ampere Features Fast switching for high efficiency Low forward voltage drop High current capability Low reverse leakage current High surge current capability Mechanical Data Case: Molded plastic TO-220AB Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 Polarity:Color band denotes cathode Mounting position: Any Weight: 2.24 grams TO-220AB
.113(2.87) .103(2.62) .185(4.70) .175(4.44) MAX.412(10.5) DIA .154(3.91) .148(3.74) .055(1.40) .045(1.14)
.06(1.52) .05(1.27)
.594(15.1) .587(14.9) PIN 123 .27(6.86) .23(5.84) .56(14.22) .53(13.46)
.16(4.06) .14(3.56)
.11(2.79) .10(2.54)
.037(0.94) .027(0.68) 1 3 case 2 .105(2.67) .095(2.41) .025(0.64) .014(0.35)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TC=125 C Peak Forward Surge Current, 8.3ms single Half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 10.0 A Maximum DC Reverse Current @TJ=25 C At Rated DC Blocking Voltage @TJ=125 C Maximum Reverse Recovery Time (Note 1) Typical junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range
o o o
UF UF UF 20C01C-G 20C02C-G 20C03C-G 50 35 50 100 70 100 200 140 200 20.0
UF UF UNIT 20C04C-G 20C05C-G 400 280 400 600 420 600 V V V A
VRRM VRMS VDC IF(AV)
IFSM
125
A
VF
1.0 10.0 250 50 120 2.0 -55 to +150
1.3
1.7
V uA uA
IR Trr CJ R JA TJ, TSTG
75 70
o
nS pF CW
o
C
NOTES : (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to case.
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921
Glass Passivated Ultra Fast Recovery Rectifier
RATINGS AND CHARACTERISTIC CURVES UF20C01C-G THRU UF20C05C-G
FIG.1 - FORWARD CURRENT DERATING CURVE
20
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
125
16
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
100
10
75
8
50
6
4 60 Hz Resistive or Inductive load 0 0 50 100
o
25
0 150 1 10 100
CASE TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
10 UF20C01C-G-UF20C03C-G
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
TJ=125 C
o
1.0
UF20C04C-G
UF20C05C-G
10
0.1
1
TJ=25 C
o
0.01 0.4 0.6 0.8 1.0
TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.2 1.4 1.6 1.8
o
0.1 0 20 40 60 80 100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE, pF
TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p
o
100
10 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921


▲Up To Search▲   

 
Price & Availability of UF20C05C-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X