Part Number Hot Search : 
4520B 2SK16 IRF1407L MBR10150 CC1125 UES1402 SM3250F RHRD660
Product Description
Full Text Search
 

To Download UDZS91B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UDZS33B
Diodes
Zener diode
UDZS33B
Applications Constant voltage control External dimensions (Unit : mm)
1.250.1 0.10.1 0.05
Land size figure (Unit : mm)
0.9MIN.
Features 1) Compact, 2-pin mini-mold type for high-density mounting. (UMD2) 2) High reliability. 3) Can be mounted automatically, using chip mounter.
0.30.05
0.8MIN.
1.70.1
2.50.2
UMD2
Structure
0.70.2 0.1
Construction Silicon epitaxial planar
ROHM : UMD2 JEDEC : S0D-323 JEITA : SC-90/A dot (year week factory) EX. UDZS3.6B
Taping specifications (Unit : mm)
4.00.1 2.00.05 1.550.05 3.50.05 1.750.1 0.30.1
8.00.2
1.400.1
4.00.1
1.05 1.00.1
Absolute maximum ratings (Ta=25C)
Parameter Power dissipation Junction temperature Storage temperature Operating temperature
Symbol P Tj Tstg Topr
Limits 200 150 -55 to +150 -55 to +150
2.75
Unit mW
2.80.1
Rev.A
2.1
1/4
UDZS33B
Diodes
Electrical characteristics (Ta=25C)
Symbol TYP. UDZS 3.6B UDZS 3.9B UDZS 4.3B UDZS 4.7B UDZS 5.1B UDZS 5.6B UDZS 6.2B UDZS 6.8B UDZS 7.5B UDZS 8.2B UDZS 9.1B UDZS 10B UDZS 11B UDZS 12B UDZS 13B UDZS 15B UDZS 16B UDZS 18B UDZS 20B UDZS 22B UDZS 24B UDZS 27B UDZS 30B UDZS 33B UDZS 36B
Type No.
Zener voltage Vz(V)
Operating resistance Zz()
Rising operataing resistance Zz()
Reverse current IR(uA)
MIN. 3.600 3.890 4.170 4.550 4.980 5.490 6.060 6.650 7.280 8.020 8.850 9.770 10.760 11.740 12.910 14.340 15.850 17.560 19.520 21.540 23.720 26.190 29.190 32.150 35.070
MAX. 3.845 4.160 4.430 4.750 5.200 5.730 6.330 6.930 7.600 8.360 9.230 10.210 11.220 12.240 13.490 14.980 16.510 18.350 20.390 22.470 24.780 27.530 30.690 33.790 36.870
Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
MAX. 100 100 100 100 80 60 60 40 30 30 30 30 30 30 37 42 50 65 85 100 120 150 200 250 300
Iz(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
MAX. 1000.0 1000.0 1000.0 800.0 500.0 200.0 100.0 60.0 60.0 60.0 60.0 60.0 60.0 80.0 80.0 80.0 80.0 80.0 100.0 100.0 120.0 150.0 200.0 250.0 300.0
Iz(mA) 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
MAX. 10.0 5.0 5.0 2.0 2.0 1.0 1.0 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR(V) 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0
TYPE UDZS3.6B UDZS3.9B UDZS4.3B UDZS4.7B UDZS5.1B UDZS5.6B UDZS6.2B UDZS6.8B UDZS7.5B UDZS8.2B UDZS9.1B UDZS10B UDZS11B
TYPENO.
62 72 82 92 A2 C2 E2 F2 H2 J2 L2 05 15
TYPE UDZS12B UDZS13B UDZS15B UDZS16B UDZS18B UDZS20B UDZS22B UDZS24B UDZS27B UDZS30B UDZS33B UDZS36B
TYPENO.
25 35 45 55 65 75 85 95 A5 C5 E5 F5
Rev.A
2/4
UDZS33B
Diodes
Electrical characteristic curves (Ta=25C)
10
1
ZENER CURRENT:Iz(mA)
0.1
4.7 0.01 4.3 3.9
5.1
5.6 6.8
6.2
7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30
3.6
33
36
0.001 0 5 10 15 20 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 25 30 35 40
250
10000 PRSM t
POWER DISSIPATION:Pd(W)
200
REVERSE SURGE MAXIMUM POWER:PRSM(W)
1000
150
100
100
10
50
1
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta() Pd-TaCHARACTERISTICS 0.12 0.1 40 35 30 25 20 15 10 5 0 -5 0 10 20 30 ZENER VOLTAGEVz(V) z-Vz CHARACTERISTICS 40
0.1 0.001
0.01
0.1
1
10
100
TIME:t(ms) PRSM-TIME CHARACTERISTICS 1000 Rth(j-a)
TEMP.COEFFICIENCE:z(/)
0.08 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08
TRANSIENT THAERMAL IMPEDANCE:Rth (/W)
TEMP.COEFFICIENCE:z(mV/)
100
Rth(j-c)
10
Mounted on epoxy board IM=10mA IF=100mA
1
1ms time
300us
0.1 0.001
0.01
0.1 1 10 100 TIME:t(s) Rth-t CHARACTERISTICS
1000
Rev.A
3/4
UDZS33B
Diodes
Ta=-25 Ta=25 Ta=75 Ta=125 100 Ta=125 f=1MH
10
1000 100
REVERSE CURRENT:IR (nA)
1
10 1 0.1 0.01 0.001 0.0001
Ta=75
CAPACITANCE BETWEEN TERMINALS:Ct(pF)
ZENER CURRENT:Iz(mA)
0.1
Ta=25
10
0.01
Ta=-25
0.001 30 31 32 33 34 35 36 37 ZENER VOLTAGE:Vz(V) Vz-Iz CHARACTERISTICS 38
1 0 5 10 15 20 25 0 5 10 15 20 25
REVERSE VOLTAGEVR(V) VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V) VR-Ct CHARACTERISTICS
33.2 Ta=25 IZ=5mA n=30pcs
1 0.9
10
CAPACITANCE BETWEENTERMINALS:Ct(pF)
REVERSE CURRENT:IR(nA)
ZENER VOLTAGE:Vz()
33.1
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 AVE:0.105nA
Ta=25 VR=25V n=30pcs
9 8 7 6 5 4 3 2 1 0 Ct DISRESION MAP AVE:8.29pF
Ta=25 f=1MHz VR=0V n=10pcs
33
32.9 AVE:32.918V
32.8
32.7 Vz DISRESION MAP
0
IR DISRESION MAP
10000
DYNAMIC IMPEDANCE:Zz()
1000
100
10 0.1 1 ZENER CURRENT(mA) Zz-Iz CHARACTERISTICS 10
Rev.A
4/4
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of UDZS91B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X