Part Number Hot Search : 
04MU06MU 1M35V10 IRF710 N1FXXAA2 LC5556LD H11L1 1N478 NKA0315D
Product Description
Full Text Search
 

To Download U6433B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * *
Temperature and Voltage Compensated Frequency Warning Indication of Lamp Failure by Means of Frequency Doubling can be Disabled Voltage Dependence of the Car Indicator Lamps Compensated for Lamp Failure Relay Output with High Current Carrying Capacity and Low Saturation Voltage Minimum Lamp Load for Flasher Operation 1 W Load-dump Protection Very Low Susceptibility to EMI Protection According to ISO/TR 7637/1 Level 4
Description
The design of the U6433B is similar to that of U6043B, both devices have the same excellent EMC (Electro Magnetic Capability) and protection features. The U6433B includes an additional 8-mV comparator and a logical connection with the frequency doubling stage. This combination can be used for a hazard switch which bypasses the external shunt resistor to disable the frequency doubling. This feature is especially important with respect to the US automotive industry. During direction mode the U6433B works like other flashers, i.e., frequency doubling in the case of lamp outage.
Flasher, 18-m Shunt, Frequency Doubling Disabling U6433B
Rev. 4810A-AUTO-03/04
Figure 1. Block Diagram
6
G5
2 + K1 + K4 VS - 8 mV VS - 49 mV
VS
C1 4.7 F + K5 G4 5 G2
D1 23 V
R1 82 k
4
VS - 4 V K2
K3
49 a
VS - 6 V 3 7
VS - 8 V 8 1
Shunt VS R3
18 m R4 470
R2 PL >1 W 1.5 k
2
U6433B
4810A-AUTO-03/04
U6433B
Pin Configuration
Figure 2. Pinning SO8
GND
1
8
SI
VS
2
7
LD
U6433B
REL 3 6 VS
OSC
4
5
OSC
Pin Description
Pin 1 2 3 4 5 6 7 8 Symbol GND VS REL OSC OSC VS LD SI Function IC ground Supply voltage Relay driver Oscillator Oscillator Supply voltage Lamp failure detection Start input (49a)
3
4810A-AUTO-03/04
Functional Description
Pin 1, GND
The integrated circuit is protected against damage via resistor R4 to ground (-31) in the case of battery reversal. An integrated protection circuit together with external resistances R2 and R4 limits the current pulses in the IC.
Pin 2, Supply Voltage, VS - Power Pin 3, Relay Control Output (Driver) Pin 4 and 5 Oscillator
The arrangement of the supply connections to pin 2 must be so as to ensure that, on the connection printed circuit board (PCB), the resistance of VS to pin 6 is lower than that to pin 2. The relay control output is a high-side driver with a low saturation voltage and is capable of driving a typical automotive relay with a minimum coil resistance of 60 . The flashing frequency, f1, is determined by the R1C1 components as follows (see Figure 1 on page 2):
1 f 1 ------------------------------------ Hz R 1 x C 1 x 1.5
where C1 47 F R1 + 6.8 k to 510 k In the case of a lamp outage (see pin 7) the oscillator frequency is switched to the lamp outage frequency f2 with f2 2.2 f1. Duty cycle in normal flashing mode: 50% Duty cycle in lamp outage mode: 40% (bright phase)
Pin 6, Supply Voltage, Sense Pin 7, Lamp outage detection
Control Signal Threshold 1 (49-mV Comparator K1)
For accurate monitoring via the shunt resistor, a minimized layer resistance from point VS/shunt to pin 6 is recommended.
The detection point for lamp failure can be calculated from the control signal threshold, typically 49 mV with VS = 12 V. With a measuring resistance of R3 = 18 m, the frequency change-over is reached at a lamp load of 21 W + 11.4 W. The variation of the control signal threshold supply voltage takes into account the PTC characteristic of filament lamps. A voltage drop between 49 mV to 8 mV at R3 shunt resistor lets the flasher work in frequency doubling mode. If the voltage drop decreases to a value below VR3MAX = 8 mV, frequency doubling is disabled. This can be achieved either with a switch which bypasses the shunt resistor (e.g., a special hazard warning switch) or with a small lamp load.
Control Signal Threshold 2 (8-mV Comparator K4)
4
U6433B
4810A-AUTO-03/04
U6433B
The arrangement of the supply connections to pins 2 and 6 must ensure that, on the connection PCB, the layer resistance from VS to pin 6 is lower than the one to pin 2. Flasher operation starts with a lamp load of PL 1 W.
Pin 8, Start Input
Start condition for flashing: the voltage at pin 8 has to be below K3 threshold (flasher switch closed). Humidity and dirt may decrease the resistance between 49 a and GND. If this leakage resistance is > 5 k the IC is still kept in its offcondition. In this case the voltage at pin 8 is between the thresholds of comparators K2 and K3. During the bright phase the voltage at pin 8 is above the K2 threshold, during the dark phase it is below the K3 threshold. For proper start conditions a minimum lamp wattage of 1 W is required.
Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Reference point pin 1. Parameters Supply voltage, pins 2 and 6 Surge forward current tp = 0.1 ms, pins 2 and 6 tp = 300 ms, pins 2 and 6 tp = 300 ms, pin 8 Output current, pin 3 Power dissipation Tamb = 95C, SO8 Tamb = 60C, SO8 Junction temperature Ambient temperature range Storage temperature range Symbol VS IFSM IO Ptot Tj Tamb Tstg Value 18 1.5 1.0 30.0 0.3 340 560 150 -40 to +105 -55 to +150 Unit V A A mA A mW mW C C C
Thermal Resistance
Parameters Junction ambient SO8 Symbol RthJA Value 160 Unit K/W
5
4810A-AUTO-03/04
Electrical Characteristics
Typical values under normal operation of the application circuit shown in Figure 1 on page 2, VS = 12 V (pins 2 and 6). Tamb = 25C, reference point ground (-31), unless otherwise specified.
Parameters Supply voltage range Supply current, dark phase Supply current, bright phase Relay output, saturation voltage Relay output reverse current Relay coil resistance Start delay Frequency determining resistor Frequency determining capacitor Frequency tolerance Bright period Bright period Frequency increase Control signal threshold 1 Control signal threshold 2 Leakage resistance Lamp load 49a to GND Normal flashing, basic frequency f1 not including the tolerances of the external components R1 and C1 Basic frequency f1, VS = 9 - 15 V Control frequency f2, VS = 9 - 15 V Lamp failure, VS = 9 - 15 V VS = 15 V, pin 7 VS = 9 V VS = 12 V First bright phase Test Conditions Pins 2 and 6 Pins 2 and 6 Pins 2 and 6 IO = 150 mA, VS = 9 V, pin 3 Pin 3 Symbol VS IS IS VO IO RL ton R1 C1 f1 f1 f2 f2 VR3 VR3 Rp PL 1 -5 47 37 2.15 x f1 50 43 47 2 53 45 49 6.8 60 10 510 47 +5 53 45 2.3 x f1 57 47 51 10 5 Min. 9 4.5 7.0 Typ. Max. 16.5 8 11 1.0 0.1 Unit V mA mA V mA ms k F % % % Hz mV mV k W
6
U6433B
4810A-AUTO-03/04
U6433B
Ordering Information
Extended Type Number U6433B-FP Package SO8 Remarks -
Package Information
Package SO8
Dimensions in mm
5.00 4.85 1.4 0.4 1.27 3.81 8 5 0.25 0.10 0.2 3.8 6.15 5.85 5.2 4.8 3.7
technical drawings according to DIN specifications
1
4
7
4810A-AUTO-03/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2004. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others. Printed on recycled paper.
4810A-AUTO-03/04


▲Up To Search▲   

 
Price & Availability of U6433B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X