Part Number Hot Search : 
133AX 10D20 2SC2371 MPC603 M18SP6RQ LX550 C4064G 1008F
Product Description
Full Text Search
 

To Download U6044B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TELEFUNKEN Semiconductors
U 6044 B
Radiator fan controlled timer
Description
The bipolar integrated circuit, U 6044 B, is designed as a radiator fan controlled timer. After the ignition is switched off, the thermal switch of the engine can activate the radiator fan via relay for a preset period, to support the cool-off process. In addition, an air-conditioning contact can switch on the radiator fan at any time.
Features
D D D D D
Delay time range: 4 s to 20 h Cool-off time starts when thermal switch is closed RC oscillator determines switching characteristics Relay driver with Z-diode Debounced input for coolant temperature switch DIP 8, SO 8
C2 10 mF Vstab 7 VS 8 C1 R1 510 W x VBatt
D D D D D
Not debounced input for ignition key (Terminal 15) Low standby current Load dump protection RF interference protected Protection according to ISO/TR 7637-1 (VDE 0839)
Cases:
R2
OSC 6
Oscillator
Stabilization Power-on reset Load dump detection
1 GND
Frequency divider
Debouncing
Monoflop
Logic
Relay control output
2
Thermal switch R4 300 kW R6 1 kW
4 Air condition 5 R5 300 kW R7
Ignition 3 C4 100 nF C3 100 nF
94 9232
1 kW
R3
20 kW Terminal 15
x
Figure 1 Block diagram with external circuit Rev. A1: 12.12.1994 1
U 6044 B
Pin Configuration
Pin 1 2 3 4 5 6 7 8 Symbol GND Output Ignition Sth AC OSC Vstab VS Function Reference point, ground Relay control output Signal input, ignition Thermal switch, input Air condition input RC oscillator input Stabilized voltage Supply voltage GND Output
TELEFUNKEN Semiconductors
1
8
VS Vstab OSC Air condition
2 3
7 6
Ignition Sth
4
94 9233
5
Functional description
Power supply, Pin 8
For reasons of interference protection and surge immunity, the supply voltage (Pin 8) must be provided with an RC circuit as shown in figure 2a. Dropper resistor, R1, limits the current in case of overvoltage, whereas C1 smoothes the supply voltage at Pin 8. Recommended values are: R1 = 510 W, C1 = 47 mF. In case of figure 1, capacitor, C1, has a value of 10 because a diode is connected between VBatt and resistance, R1. The integrated Z-diode (14 V) protects the supply voltage,VS, therefore, the operation of the IC is possible between 6 V and 16 V, supplied by VBatt. However, it is possible to operate the integrated circuit with a 5 V supply, but it should be free of interference voltages. In this case, Pin 7 is connected to Pin 8 as shown in figure 2b, and the R1C1 circuit is omitted.
mF,
VBatt R1 C1 47 mF/ 16 V
510 W R2
C2
C2 VS = 5 V R2
8
7
6
8 5 VBatt
7
6
5
1 1 2 3 4
2
3
4
94 8750 94 8749
Figure 2a Basic circuit for 12 V voltage supply and oscillator 2
Figure 2b Basic circuit for VS = 5 V Rev. A1: 12.12.1994
TELEFUNKEN Semiconductors Oscillator, Pin 6
Oscillator frequency, f, is determined mainly by R2C2-circuit. Resistance, R2, determines the charge time, whereas the integrated resistance (2 kW) is responsible for discharge time. For the stability of the oscillator frequency, it is recommended to select R2 much greater than internal resistance (2 kW), because the temperature response and the tolerances of the integrated resistance are considerably greater than the external resistance value. Oscillator frequency, f, is calculated as follows: f 1 +t )t
1 2
U 6044 B
output transistor is dimensioned so that it can withstand the current produced.
Power-on reset
When the operating voltage is switched on, an internal power-on reset pulse (POR) is generated which sets the logic of the circuits to a defined initial condition. The relay control output is disabled.
Input stages
Ignition Terminal 15 100 nF 7V 15 pF
94 8813
20 k W
Pin 3
2V
- +
where t1 = charge time = a1@R2@C2 t2 = discharge time = a2 kW C2
@2 @
20 kW
and a2 are constants and has a1 = 0.833 and a2 = 1.551 when C2 = 470 pF to 10 nF a1 = 0.746 and a2 = 1.284 when C2 = 10 nF to 4700 nF Debounce time, t3, and the delay time, td, depend on the oscillator frequency, f, as follows: t3 td
a1
Figure 3a Input circuit for ignition (Pin 3) VS (Pin 8) Pin 4, 5 - + 15 pF
94 8815
+6@1 f + 73728 @ 1 f
Table 1 shows relationships between t3, td, C2, R2 and frequencies from 1 Hz to 20 kHz.
Output, Pin 2
Output Pin 2 is an open collector Darlington circuit with integrated 23-V Z-diode for limitation of the inductive cut-off pulse of the relay coil. The maximum static collector current must not exceed 300 mA and the saturation voltage is typically 1.1 V @ 200 mA. The output stage can be activated
Figure 3b Input circuit Pin 4 and Pin 5 Figure 3a shows the internal input circuit of ignition (Pin 3). It has an integrated pull-down resistor (20 kW), RF-capacitor (15 pF) and 7-V Z-diode. It reacts to voltages greater than 2 V. The thermal switch input, Sth, is internally debounced and only needs an external protection resistor. The air conditioning input, AC, and the signal input, ignition, are not debounced and external R/C filters are recommended to prevent the integrated circuit from unintentional activation by transients. The ignition input is switched to VBatt, the Sth and AC inputs are switched to GND and need pull up resistors externally (figure 3b). The detection threshold voltage of all three input stages is typically 2 V. Ignition input (terminal 15) is not debounced. Debouncing can be achieved by external circuit (R3,C3) connected to Pin 3 (see figures 1 and 5).
D directly with the AC input independent of the ignition
input and Sth input
D during the delay time which is started by the ignition
input with the Sth input
Interference voltages and load dump
The IC supply is protected by R1, C1, and an integrated Z-diode, while the inputs are protected by a series resistor, integrated Z-diode and RF-capacitor (refer to Figure 3). The relay control output is protected via the integrated 23-V Z-diode in the case of short interference peaks. It is switched to conductive condition for a battery voltage of greater than approx. 40 V in the case of load dump. The
Rev. A1: 12.12.1994
3
U 6044 B
VBatt Ignition Sth AC Closed Open Closed Open
TELEFUNKEN Semiconductors
Pin 3
Pin 4
Pin 5
Delay time
td
t3 Pin 2
Relay
93 7746 e
Figure 4 Timing waveform
Relay control output behaviour, Pin 2, figure 4
Integrated circuit controls the cooling fan motor in automobile by means of a relay. Relay control output, Pin 2, is disabled when the battery voltage, VBatt, is applied. Relay control output follows the conditions of the switch, Sth., during the delay time, td, which starts when the ignition is switched-OFF This is possible only after the debounce time, t3.
VBatt
510 W R1 8 C1 47 mF 1
200 kW 100 nF R2 7 6 C2 5
R5
2 C3 100 nF 20 kW
3
4 R4 2 kW R3 Sth Thermal switch
Air condition input, Pin 5
The relay control output, Pin 2 follows the condition of the AC input, independent of operating conditions.
94 8812
Terminal 15
Figure 5 Basic circuit
4
Rev. A1: 12.12.1994
TELEFUNKEN Semiconductors
U 6044 B
t = 1 min t = 60 min Symbol VBatt Tamb Tstg Tj Value 24 18 -40 to +125 -55 to +125 150 Unit V C C C
Absolute Maximum Ratings
Parameters Operating voltage Ambient temperature range Storage temperature range Junction temperature
Thermal Resistance
Junction ambient Parameters DIP 8 SO 8 Symbol RthJA RthJA Maximum 110 160 Unit K/W K/W
Electrical Characteristics
VBatt =13.5 V, Tamb = 25C, reference point ground, figure 2, unless otherwise specified Parameters Test Conditions / Pin Symbol Min Typ Operating voltage VBatt 6 R1 510 W t = 1 min t = 60 min 5 V supply Without R1, C1 V8, V7 4.3 figure 2b Pins 7 and 8 Stabilized voltage Pin 7 V7 5.0 5.2 Undervoltage threshold Power on reset VS 2.4 Supply current Push-buttons open Pin 8 IS Internal Z-diode I8 = 10 mA Pin 8 VZ 13.5 14 Relay output Pin 2 Saturation voltage I2 = 200 mA V2 1.2 I2 = 300 mA Leakage current V2 = 14 V Ilkg 2 Output current I2 Output pulse current Load dump pulse I2 Internal Z-diode I2 = 10 mA V2 20 23 Oscillator input f = 0.001 to 40 kHz, see table 1 Pin 6 Internal discharge resistance R6 1.6 2.0 Switching voltage Lower V6L 0.9 1.1 Upper 2.8 3.1 V6H Input current V6 = 0 V -I6 Switching times Debounce time t3 5 Delay time cooling off period td 72704 Inputs Pin 3, 4, 5 Switching threshold V3,4,5 1.6 2.0 Ignition input Pin 3 Pull-down resistance Switched to VBatt (15) R3 13 20 Protective diode I3 = 10 mA V3 6.5 7.1 Thermal switch Pin 4 Input current V4 = 0 V - I4 Air condition input Pin 5 Input current V5 = 0 V - I5
w
Max 16 24 18 6.0 5.4 4.2 1.0 16
Unit V V V V mA V V
1.5 100 300 1.5 24 2.4 1.4 3.5 1 7 74752 2.4 50 8.0 2 2
mA
mA A V kW V
mA
cycles cycles V kW V
mA mA
5
Rev. A1: 12.12.1994
U 6044 B
Frequency f Hz 1 2 3 4 5 6 7 8 9 10 20 30 40 50 60 70 80 90 100 200 300 400 500 Debounce time t3 ms 6000 3000 2000 1500 1200 1000 857 750 667 600 300 200 150 120 100 86 75 67 60 30 20 15 12 Delay time td C2 R2 Frequency f Hz 600 700 800 900 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000 11000 12000 13000 14000 15000 16000 17000 18000 19000 20000
TELEFUNKEN Semiconductors Table 1 Oscillator frequency, debounce and delay time dimensioning
Debounce time t3 ms 10 9 8 7 6 3.00 2.00 1.50 1.20 1.00 .86 .75 .67 .60 .55 .50 .46 .43 .40 .38 .35 .33 .32 .30 Delay time td C2 R2
min 1229 614 410 307 246 205 176 154 137 123 61 41 31 25 20 18 15 14 12
s
369 246 184 147
nF 4700 1000 1000 1000 1000 1000 1000 1000 1000 1000 100 100 100 100 100 100 100 100 100 10 10 10 10
kW 280 650 440 330 260 220 190 160 140 130 650 440 330 260 220 190 160 140 130 600 400 300 240
min
s 123 105 92 82 74 37 25 18 15 12 11 9 8 7 6.7 6.1 5.7 5.3 4.9 4.6 4.3 4.1 3.9 3.7
nF 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
kW 200 170 150 130 120 600 400 300 240 200 170 150 130 120 110 99 91 85 79 74 70 66 62 59
6
Rev. A1: 12.12.1994
TELEFUNKEN Semiconductors
U 6044 B
Dimensions in mm
Package: DIP 8
94 8873
Package: SO 8
94 8862
We reserve the right to make changes to improve technical design without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use TEMIC products for any unintended or unauthorized application, the buyer shall indemnify TEMIC against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. TEMIC TELEFUNKEN microelectronic GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax Number: 49 ( 0 ) 7131 67 2423 7
Rev. A1: 12.12.1994


▲Up To Search▲   

 
Price & Availability of U6044B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X