Part Number Hot Search : 
LA73051 2S0680 MUR140 MOC3023 RFM8N18L 4729A SLB1370R 2000453
Product Description
Full Text Search
 

To Download U510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U510 | Micro.compass
The Micro.compass module is an example sensor module for tilt measurement, direction measurement, vibration measurement etc. The module employs a mixedsignal programmable system-on-a-chip (PSoC) for on-board processing. The module provides raw access to the accelerometer and magnetometer readings, along with the preprocessed tilt-adjusted compass reading. The Micro.compass board is supported by NanoStack.
Features
* * * * * * * *
Accelerometer and magnetometer board for the Sensinode Micro Series 3-axis 2.5G - 10 G accelerometers (selectable range) 3-axis magnetometers Uses a Cypress PSoC microcontroller for on-board processing Can be configured as a digital compass or as a general purpose accelerometer/magnetometer board Module has a unique ID number RoHS compatible 40mm x 40 mm board size
28. Aug. 2006
(c)Sensinode Ltd. 2006 - v1.0
1


▲Up To Search▲   

 
Price & Availability of U510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X